Part Number Hot Search : 
SK2037 16000 HT46R53A AX3FBULK BU4319G MKW5030 MTR2815D SF1197B
Product Description
Full Text Search
 

To Download FQD24N08TM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international august 2000 rev. a, august 2000 fqd24n08 / fqu24n08 qfet qfet qfet qfet tm fqd24n08 / fqu24n08 80v n-channel mosfet general description these n-channel enhancement mode power field effect transistors are produced using fairchild?s proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for low voltage applications such as automotive, high efficiency switching for dc/dc converters, and dc motor control. features  19.6a, 80v, r ds(on) = 0.06 ? @v gs = 10 v  low gate charge ( typical 19 nc)  low crss ( typical 50 pf) fast switching  100% avalanche tested  improved dv/dt capability absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics symbol parameter fqd24n08 / fqu24n08 units v dss drain-source voltage 80 v i d drain current - continuous (t c = 25c) 19.6 a - continuous (t c = 100c) 12.4 a i dm drain current - pulsed (note 1) 78.4 a v gss gate-source voltage 25 v e as single pulsed avalanche energy (note 2) 230 mj i ar avalanche current (note 1) 19.6 a e ar repetitive avalanche energy (note 1) 5.0 mj dv/dt peak diode recovery dv/dt (note 3) 6.5 v/ns p d power dissipation (t a = 25c) * 2.5 w power dissipation (t c = 25c) 50 w - derate above 25c 0.4 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter typ max units r jc thermal resistance, junction-to-case -- 2.5 c / w r ja thermal resistance, junction-to-ambient * -- 50 c / w r ja thermal resistance, junction-to-ambient -- 110 c / w * when mounted on the minimum pad size recommended (pcb mount) ! " ! ! ! " " " ! " ! ! ! " " " s d g i-pak fqu series d-pak fqd series g s d g s d
rev. a, august 2000 fqd24n08 / fqu24n08 (note 4) (note 4, 5) (note 4, 5) (note 4) ?2000 fairchild semiconductor international electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 0.82mh, i as = 19.6a, v dd = 25v, r g = 25 ?, starting t j = 25c 3. i sd 24a, di/dt 300a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 80 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.08 -- v/c i dss zero gate voltage drain current v ds = 80 v, v gs = 0 v -- -- 1 a v ds = 64 v, t c = 125c -- -- 10 a i gssf gate-body leakage current, forward v gs = 25 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -25 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 9.8 a -- 0.048 0.06 ? g fs forward transconductance v ds = 30 v, i d = 9.8 a -- 11.5 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 580 750 pf c oss output capacitance -- 210 270 pf c rss reverse transfer capacitance -- 50 65 pf switching characteristics t d(on) turn-on delay time v dd = 40 v, i d = 24 a, r g = 25 ? -- 10 30 ns t r turn-on rise time -- 105 220 ns t d(off) turn-off delay time -- 30 70 ns t f turn-off fall time -- 35 80 ns q g total gate charge v ds = 64 v, i d = 24 a, v gs = 10 v -- 19 25 nc q gs gate-source charge -- 4.2 -- nc q gd gate-drain charge -- 9.6 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 19.6 a i sm maximum pulsed drain-source diode forward current -- -- 78.4 a v sd drain-source diode forward voltage v gs = 0 v, i s = 19.6 a -- -- 1.5 v t rr reverse recovery time v gs = 0 v, i s = 24 a, di f / dt = 100 a/ s -- 63 -- ns q rr reverse recovery charge -- 130 -- nc
fqd24n08 / fqu24n08 rev. a, august 2000 ?2000 fairchild semiconductor international 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 10 -1 10 0 10 1 150 notes : 1. v gs = 0v 2. 250 s pulse test 25 i dr , reverse drain current [a] v sd , source-drain voltage [v] 0 20406080100 0.00 0.04 0.08 0.12 0.16 0.20 note : t j = 25 v gs = 20v v gs = 10v r ds(on) [ ? ], drain-source on-resistance i d , drain current [a] 246810 10 -1 10 0 10 1 150 25 -55 notes : 1. v ds = 30v 2. 250 s pulse test i d , drain current [a] v gs , gate-source voltage [v] 02468101214161820 0 2 4 6 8 10 12 v ds = 40v v ds = 64v note : i d = 24a v gs , gate-source voltage [v] q g , total gate charge [nc] 10 -1 10 0 10 1 0 200 400 600 800 1000 1200 1400 1600 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 10 -1 10 0 10 1 10 -1 10 0 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v notes : 1. 250 s pulse test 2. t c = 25 i d , drain current [a] v ds , drain-source voltage [v] typical characteristics figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs. drain current and gate voltage figure 4. body diode forward voltage variation vs. source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics
?2000 fairchild semiconductor international fqd24n08 / fqu24n08 rev. a, august 2000 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 notes : 1. z jc (t) = 2.5 /w m a x. 2. d u ty f acto r, d = t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), therm al response t 1 , s q uare w ave p ulse d uration [sec] 25 50 75 100 125 150 0 4 8 12 16 20 i d , drain current [a] t c , case temperature [ ] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 s dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 notes : 1. v gs = 10 v 2. i d = 9.8 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] typical characteristics (continued) figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2
fqd24n08 / fqu24n08 rev. a, august 2000 ?2000 fairchild semiconductor international charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms
?2000 fairchild semiconductor international fqd24n08 / fqu24n08 rev. a, august 2000 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs  dv/dt controlled by r g i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
fqd24n08 / fqu24n08 rev. a, august 2000 ?2000 fairchild semiconductor international package dimensions 6.60 0.20 2.30 0.10 0.50 0.10 5.34 0.30 0.70 0.20 0.60 0.20 0.80 0.20 9.50 0.30 6.10 0.20 2.70 0.20 9.50 0.30 6.10 0.20 2.70 0.20 min0.55 0.76 0.10 0.50 0.10 1.02 0.20 2.30 0.20 6.60 0.20 0.76 0.10 (5.34) (1.50) (2xr0.25) (5.04) 0.89 0.10 (0.10) (3.05) (1.00) (0.90) (0.70) 0.91 0.10 2.30typ [2.30 0.20] 2.30typ [2.30 0.20] max0.96 (4.34) (0.50) (0.50) dpak
?2000 fairchild semiconductor international fqd24n08 / fqu24n08 rev. a, august 2000 package dimensions (continued) 6.60 0.20 0.76 0.10 max0.96 2.30typ [2.30 0.20] 2.30typ [2.30 0.20] 0.60 0.20 0.80 0.10 1.80 0.20 9.30 0.30 16.10 0.30 6.10 0.20 0.70 0.20 5.34 0.20 0.50 0.10 0.50 0.10 2.30 0.20 (0.50) (0.50) (4.34) ipak
?2000 fairchild semiconductor international trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. acex? bottomless? coolfet? crossvolt? dome? e 2 cmos? ensigna? fact? fact quiet series? fast ? fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pop? powertrench ? qfet? qs? qt optoelectronics? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor international. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. rev. f1 vcx?
product folder - fairchild p/n fqd24n08 - 80v n-channel qfet fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company fqd24n08 80v n-channel qfet related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents general description | features | product status/pricing/packaging general description these n-channel enhancement mode power field effect transistors are produced using fairchild's proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for low voltage applications such as high efficiency switching dc/dc converters, and dc motor control. back to top features l 19.6a, 80v, r ds(on) = 0.006w @v gs = 10 v l low gate charge ( typical 19 nc) l low crss ( typical 50 pf) l fast switching l 100% avalanche tested l improved dv/dt capability back to top space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version product status/pricing/packaging product product status pricing* package type leads packing method fqd24n08tf full production $0.56 to-252(dpak) 2 tape reel file:///d|/clubbed_sun/sun/fqd24n08.html (1 of 2) [27-jul-2002 12:57:42 pm]
product folder - fairchild p/n fqd24n08 - 80v n-channel qfet FQD24N08TM full production $0.56 to-252(dpak) 2 tape reel * 1,000 piece budgetary pricing back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space file:///d|/clubbed_sun/sun/fqd24n08.html (2 of 2) [27-jul-2002 12:57:42 pm]


▲Up To Search▲   

 
Price & Availability of FQD24N08TM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X