Part Number Hot Search : 
68HRC705 01200 1N4732 C9S12 CPH6539 74HC4050 EPL14P4 90120
Product Description
Full Text Search
 

To Download ELM13415CA-S1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 elm13415ca-s general description features maximum absolute ratings thermal characteristics parameter symbol typ. max. unit note maximum junction-to-ambient t10s rja 65 80 c /w 1 maximum junction-to-ambient steady-state 85 100 c /w 1, 4 maximum junction-to-lead steady-state rjl 43 52 c /w parameter symbol limit unit note drain-source voltage vds -20 v gate-source voltage vgs 8 v continuous drain current ta=25c id -4.0 a ta=70c -3.5 pulsed drain current idm -30 a 3 power dissipation ta=25c pd 1.5 w 2 ta=70c 1.0 junction and storage temperature range tj, tstg -55 to 150 c elm13415ca-s uses advanced trench technology to provide excellent rds(on), low gate charge and low gate resistance. internal esd protection is included. ? vds=-20v ? id=-4a (vgs=-4.5v) ? rds(on) < 43m (vgs=-4.5v) ? rds(on) < 54m (vgs=-2.5v) ? rds(on) < 73m (vgs=-1.8v) ? esd protected s d g 5 - pin configuration circuit single p-channel mosfet sot-23(top view) pin no. pin name 1 gate 2 source 3 drain 1 2 3
2 elm13415ca-s electrical characteristics parameter symbol condition min. typ. max. unit static parameters drain-source breakdown voltage bvdss id=-250a, vgs=0v -20 v zero gate voltage drain current idss vds=-20v vgs= 0v -1 a tj=55c -5 gate-body leakage current igss vds=0v, vgs=8v 10 a gate threshold voltage vgs(th) vds=vgs, id=-250 a -0.30 -0.57 -0.90 v on state drain current id(on) vgs=-4.5v, vds=-5v -30 a static drain-source on-resistance rds(on) vgs=-4.5v id= -4a 37 43 m tj = 125c 52 62 vgs =- 2.5v, id =-4 a 45 54 vgs =- 1.8v, id =-2 a 54 73 vgs =- 1.5v, id =-1 a 65 forward transconductance gfs vds =- 5v, id =-4 a 20 s diode forward voltage vsd is =- 1a, vgs=0v -0.64 -1.00 v max. body -diode continuous current is -2 a dynamic parameters input capacitance ciss vgs=0v, vds=-10v, f=1mhz 620 780 940 pf output capacitance coss 80 115 150 pf reverse transfer capacitance crss 50 80 110 pf switching parameters total gate charge qg vgs=-4.5v, vds=-10v id=-4a 7.4 9.3 11.0 nc gate-source charge qgs 1.2 1.5 1.8 nc gate-drain charge qgd 1.0 1.8 2.5 nc turn - on delay time td(on) vgs=-4.5v, vds=-10v rl=2.5, rgen=3 120 ns turn - on rise time tr 240 ns turn - off delay time td(off) 2.8 ns turn - off fall time tf 2.0 ns body diode reverse recovery time trr if =-4 a, dl/dt = 500a/s 11 14 17 ns body diode reverse recovery charge qrr if =-4 a, dl/dt = 500a/s 24 30 36 nc ta=25 c single p-channel mosfet 5 - note : 1. the value of rja is measured with the device mounted on 1in2 fr-4 board of 2oz. copper, in still air environment with ta =25c. the value in any given application depends on the user's speci?c board design. 2. the power dissipation pd is based on tj(max)=150c, using 10s junction-to-ambient thermal resistance. 3. repetitive rating, pulse width limited by junction temperature tj(max)=150c. ratings are based on low frequency and duty cycles to keep initial tj=25c. 4. the rja is the sum of the thermal impedence from junction to lead rjl and lead to ambient. 5. the static characteristics in figures 1 to 6 are obtained using <300s pulses, duty cycle 0.5% max. 6. these curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 fr-4 board with 2oz.copper, assuming a maximum junction temperature of tj(max)=150c. the soa curve provides a single pulse rating.
3 typical electrical and thermal characteristics elm13415ca-s ao3415 typical electrical and thermal characteristics 17 5 2 10 0 18 0 3 6 9 12 15 0 0.5 1 1.5 2 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 20 40 60 80 100 0 2 4 6 8 10 r ds(on) (m ? ? ? ? ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.80 1.00 1.20 1.40 1.60 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) 25 ? c 125 ? c v ds =-5v v gs =-1.8v v gs =-4.5v 0 5 10 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v gs =-1.5v -2.0v - 4.5v -8v -2.5v -3.0v v gs =-2.5v v gs =-1.5v i d =-4a, v gs =-4.5v i d =-4a, v gs =-2.5v i d =-2a, v gs =-1.8v 40 0 3 6 9 12 15 0 0.5 1 1.5 2 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 20 40 60 80 100 0 2 4 6 8 10 r ds(on) (m ? ? ? ? ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -i s (a) -v sd (volts) figure 6: body-diode characteristics (note e) 25 ? 125 ? 0.80 1.00 1.20 1.40 1.60 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) 20 40 60 80 100 120 0 2 4 6 8 r ds(on) (m ? ? ? ? ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 ? c 125 ? c v ds =-5v v gs =-1.8v v gs =-4.5v i d =-4a 25 ? 125 ? 0 5 10 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v gs =-1.5v -2.0v - 4.5v -8v -2.5v -3.0v v gs =-2.5v v gs =-1.5v i d =-4a, v gs =-4.5v i d =-4a, v gs =-2.5v i d =-2a, v gs =-1.8v rev 6: july 2010 www.aosmd.com page 3 of 5 single p-channel mosfet 5 -
4 ao3415 typical electrical and thermal characteristics 0 1 2 3 4 5 0 2 4 6 8 10 12 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 0 5 10 15 20 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =-10v i d =-4a 1 10 100 1000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 s 10s 1ms dc r ds(on) limited t j(max) =150 ? c t a =25 ? c 100 s 10ms 100ms t j(max) =150 ? c t a =25 ? c 0 1 2 3 4 5 0 2 4 6 8 10 12 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 0 5 10 15 20 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =-10v i d =-4a 1 10 100 1000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 s 10s 1ms dc r ds(on) limited t j(max) =150 ? c t a =25 ? c 100 s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r ja =100 ? c/w 100ms t j(max) =150 ? c t a =25 ? c rev 6: july 2010 www.aosmd.com page 4 of 5 elm13415ca-s single p-channel mosfet 5 -
5 elm13415ca-s single p-channel mosfet 5 - ao3415 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v d u t l v gs isd d iode r e covery te st c ircuit & w aveform s vds - v ds + di/dt rr q = - idt t rr -isd f -i v dc d u t v dd vgs v ds v gs r l r g r esistive sw itching test c ircuit & w aveform s - + vgs v ds t t t t t t 90% 10% r o n d(o ff) f o ff d(o n) vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v ig v gs - + v d c d u t l v gs isd d iode r e covery te st c ircuit & w aveform s vds - v ds + di/dt r m rr v dd v dd q = - idt t rr -isd -vds f -i -i v dc d u t v dd vgs v ds v gs r l r g r esistive sw itching test c ircuit & w aveform s - + vgs v ds t t t t t t 90% 10% r o n d(o ff) f o ff d(o n) rev 6: july 2010 www.aosmd.com page 5 of 5 test circuit & waveform


▲Up To Search▲   

 
Price & Availability of ELM13415CA-S1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X