Part Number Hot Search : 
74AVC RSEH15 SI4435 RF617 P7NC60 P82C42PD N4003 2405E2
Product Description
Full Text Search
 

To Download EDCA-5007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 w u l t r a m i n i a t u r e e n c a p s u l a t e d s w i t c h i n g p o w e r s u p p l i e s e c a 5 s e r i e s www.astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 model number output voltage output amps fl (peak) ripple/noise effciency single output - pcb mount esca-5000 3.3 vdc 1.25a (1.56a) 165mv pk-pk 60% esca-5001 5 vdc 1a (1.5a) 100mv pk-pk 70% esca-5022 9 vdc 0.55 (0.82) 90mv pk-pk 70% esca-5002 12 vdc 0.42a (0.63a) 120mv pk-pk 73% esca-5003 15 vdc 0.33a (0.5a) 150mv pk-pk 74% esca-5018 18 vdc 0.27 (0.4a) 180mv pk-pk 75% esca-5005 24vdc 0.23a (0.35a) 240mv pk-pk 76% single output - chassis mount escc-5000 3.3 vdc 1.25a (1.56a) 165mv pk-pk 60% escc-5001 5 vdc 1a (1.5a) 100mv pk-pk 70% escc-5022 9 vdc 0.55 (0.82) 90mv pk-pk 70% escc-5002 12 vdc 0.42a (0.63a) 120mv pk-pk 73% escc-5003 15vdc 0.33a (0.5a) 150mv pk-pk 74% escc-5018 18 vdc 0.27 (0.4a) 180mv pk-pk 75% escc-5005 24vdc 0.23a (0.35a) 240mv pk-pk 76% single output - din rail mount escc-5000/drl 3.3 vdc 1.25a (1.56a) 165mv pk-pk 60% escc-5001/drl 5 vdc 1a (1.5a) 100mv pk-pk 70% escc-5022/drl 9 vdc 0.55 (0.82) 90mv pk-pk 70% escc-5002/drl 12 vdc 0.42a (0.63a) 120mv pk-pk 73% escc-5003/drl 15vdc 0.33a (0.5a) 150mv pk-pk 74% escc-5018/drl 18 vdc 0.27 (0.4a) 180mv pk-pk 75% escc-5005/drl 24vdc 0.23a (0.35a) 240mv pk-pk 76% universal 90-264vac input high effciency improved emi performance 4242vdc isolation single , dual and triple outputs ul60950-1, en60950-1 & iec60950-1
5 w u l t r a m i n i a t u r e e n c a p s u l a t e d s w i t c h i n g p o w e r s u p p l i e s e c a 5 s e r i e s www.astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 model number output voltage output amps fl (peak) ripple/noise effciency dual output - pcb mount edca-5006 12 vdc 0.21a (0.26a) 100 mv pk-pk 71% EDCA-5007 15 vdc 0.17a (0.21a) 100 mv pk-pk 71% dual output - chassis mount edcc-5006 12 vdc 0.21a (0.26a) 100 mv pk-pk 71% edcc-5007 15 vdc 0.17a (0.21a) 100 mv pk-pk 71% dual output - din rail mount edcc-5006/drl 12 vdc 0.21a (0.26a) 100 mv pk-pk 71% edcc-5007/drl 15 vdc 0.17a (0.21a) 100 mv pk-pk 71% triple output - pcb mount etca-5009 5 12 vdc 0.53 0.1 a / 0.6 0.1 a 50 75 mv pk-pk 63% etca-5011 5 15 vdc 0.41 0.1 a / 0.45 0.1 a 50 75 mv pk-pk 61% triple output - chassis mount etcc-5009 5 12 vdc 0.53 0.1 a / 0.6 0.1 a 50 75 mv pk-pk 63% etcc-5011 5 15 vdc 0.41 0.1 a / 0.45 0.1 a 50 75 mv pk-pk 61% triple output - din rail mount etcc-5009/drl 5 12 vdc 0.53 0.1 a / 0.6 0.1 a 50 75 mv pk-pk 63% etcc-5011/drl 5 15 vdc 0.41 0.1 a / 0.45 0.1 a 50 75 mv pk-pk 61% universal 90-264vac input high effciency improved emi performance 4242vdc isolation single ,dual and triple outputs ul60950-1, en60950-1 & iec60950-1
5 w u l t r a m i n i a t u r e e n c a p s u l a t e d s w i t c h i n g p o w e r s u p p l i e s e c a 5 s e r i e s www.astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 input specifications input voltage range 90-264 vac frequency range 47-63 hz inrush current, typ: 20a@115v, 40a@230v input * output specifications voltage and current see selection chart load regulation (note7) singles/duals 3%, triple: 0.5 / 0.5% (max) line regulation (note 8) singles 0.1~1%, typ duals 0.3~1%, typ triple: 0.6 / 0.2% (max) cross regulation (note 11) duals 2% triple na / 0.1% preset accuracy (note 9) 1% temperature coeffcient 0.03%/c ripple/noise (note 1, 2, 10) see selection chart over voltage protection clamp over temp. protection latching, recover after cooling and power is restored short circuit protection (note 3) indefnite hold up time 30 ms, typ (nom. input, 100% load) general specifications isolation (note 4) 4242vdc input-output 3535vdc i/p-ground 1414vdc o/p-ground effciency see selection chart switching frequency 100khz, (fxed, typical) safety ul60950-1, en60950-1 emc en55022 physical specifications size pcb mount 2.28l x 1.77w x 0.83h chassis mount 3.77l x 2.16w x 1.0h din rail 3.77l x 2.16w x 1.35h case material rynite, 94v-0 rated construction encapsulated. soft pot weight pcb / cha 4 oz (112g) / 8.5 oz (238g) din rail 11.5 oz (326g) environmental specifications oper. temperature (note 5) 0 to +50c (see derate) storage temperature -25 to +71c * relative humidity 0 to + 95%, non-cond * emc / emi fcc/a, vde 0871/a , cisprb mtbf (mil std 217, 25c) 180,000 hrs notes 1. all measurements should be made directly at the terminals of the power supply. 2. ripple and noise depend upon output voltage as specifed par par - ticular model. 3. short circuit protection is self-recovering when overcurrent condition is removed. 4. isolation for up to 1minute duration. 5. specifed for free-air convection cooling. 6. minimum load is not required for proper operation. however, auxil - iary outputs should be reduced as a function of primary output minimum load or load regulation will be higher. 7. load regulation measured from 20% to fl. 8. line regulation measured from 90vac to 264vac. 9. preset accuracy measured at nominal load, 120 vac input. 10. o/p noise measured directly at pins/terminals at nom. load, 0.1uf bypass, pk-pk @20mhz bandwidth. 11. cross reg-triples: measured at nom. load with the 5v output varied between 60% and 100% of nim. load. 12. 100% production tested. * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifcations are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
5 w u l t r a m i n i a t u r e e n c a p s u l a t e d s w i t c h i n g p o w e r s u p p l i e s e c a 5 s e r i e s www.astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 output derating curve mechanical dimensions 0 10 20 30 40 50 60 70 20 40 60 80 100 50 ambient temperature, c load, % 90 70 30 model type / pin# single dual triple 1 acl acl acl 2 acn acn acn 3 no pin no pin +vout 4 no pin no pin com 5 +vout +vout no pin 6 no pin no pin -vout 7 no pin com +5vout 8 -vout -vout +5vrtn 9 no pin no pin no pin
5 w u l t r a m i n i a t u r e e n c a p s u l a t e d s w i t c h i n g p o w e r s u p p l i e s e c a 5 s e r i e s www.astrodyne.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 mechanical dimensions - chassis mount 9 8 7 6 5 4 1 2 3 din rail mounting kit available for chassis-mount modules, specify part # m-drl-01. kit includes mounting plate, din rail cliip and assembly hardware. 0.350 [8.89] 0.100 [2.54] mechanical dimensions - din rail model type / pin# single dual triple 1 acn acn acn 2 n/c n/c n/c 3 acl acl acl 4 n/c n/c n/c 5 -vout -vout +5vrtn 6 -vout com +5vout 7 +vout com -vout 8 +vout +vout com 9 n/c n/c +vout


▲Up To Search▲   

 
Price & Availability of EDCA-5007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X