Part Number Hot Search : 
MB970VF AS7C3 3CD2051 01D05 50231 K2125 L2500 PQ600
Product Description
Full Text Search
 

To Download DR-15-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification dr-15-5 dr-15-12 DR-15-15 dr-15-24 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input inrush current (typ.) safety standards harmonic current ems immunity working humidity working temp. storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload note.5 over voltage 5v 12v 15v 24v 2.4a 1.25a 1a 0.63a 0 ~ 2.4a 0 ~ 1.25a 0 ~ 1a 0 ~ 0.63a 12w 15w 15w 15.2w 80mvp-p 120mvp-p 120mvp-p 13.5 ~ 16.5v 150mvp-p 21.6 ~ 26.4v 2.0% 1.0% 1.0% 1.0% 10.8 ~ 13.2v 4.75 ~ 5.5v 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1000ms, 50ms/230vac 1000ms, 50ms/115vac at full load 70ms/230vac 16ms/115vac at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz 77% 84% 83.5% 85% 0.88a/115vac 0.48a/230vac cold start 35a/115vac 65a/230vac 105 ~ 160% rated output power protection type : constant current limiting, recovers automatica lly after fault condition is removed 5.75 ~ 6.75v protection type : shut off o/p voltage, clamping by zener diode 13.8 ~ 16.2v 17.25 ~ 20.25v 27.6 ~ 32.4v -20 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes; moun ting: compliance to iec60068-2-6 1172.3k hrs min. mil-hdbk-217f (25 ) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. constant current operation region is within 60% ~100% rated output vol tage. protection type for short circuit is hiccup mode and will recover aut omatically after fault condition is removed. file name:dr-15-spec 2009-03-09 ul60950-1, tuv en60950-1 a en50178 pproved, design refer to compliance to en55011, en55022 (cispr22), en61204-3 class b compliance to en61000-3-2,-3 compliance to en61000-4-2, 3, 4, 5, 6, 8, 11, env50204, en55024, en61000- 6-2, en61204-3, heavy industry level, criteria a 15w single output industrial din rail power supply d r - 1 5 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment protection safety & emc (note 4) withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh emi conduction & radiation universal ac input/full range protections: short circuit / overload / over voltage cooling by free air convection can be installed on din rail ts-35/7.5 or 15 isolation class led indicator for power on 100% full load burn-in test 3 years warranty no load power consumption<0.5w features : 25*93*56mm (w*h*d) 0.1kg; 140pcs/15kg/0.92cuft
block diagram mechanical specification file name:dr-15-spec 2009-03-09 -20 0 10 20 30 40 50 60 70 (vertical) 20 40 60 80 100 ambient temperature ( ) load (%) admissible din-rail:ts35/7.5 or ts35/15 circuit detection o.l.p. emi filter rectifiers & filter power switching filter & rectifiers +v -v i/p control o.v.p. output derating vs input voltage input voltage (vac) 60hz 85 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 35 n l 44.2 67.2 5 93 -v +v 25 led vadj. 5 4 46.5 46.5 case no.985a unit:mm 15w single output industrial din rail power supply d r - 1 5 s e r i e s derating curve 26.7 47 56


▲Up To Search▲   

 
Price & Availability of DR-15-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X