Part Number Hot Search : 
06006 BP62111 MAX6647 C8107 203D6 CPC1135N CZRB3062 ZX84C5
Product Description
Full Text Search
 

To Download CDBMT230L-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 20 to 40 v olts forward current: 2.0 amp rohs device page 1 rev :a cdbmt220l-hf thru. cdbmt240l-hf maximum ratings and electrical characteristics d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -jl010 comchip t echnology co., l td. max. repetitive peak reverse v oltage continuous reverse v oltage max. rms v oltage max. forward surge current 8.3mssingle half sine-wave superimposed on rate load (jedec method) max. forward rectified current ( fig.2) max. forward v oltage @i f =2.0a max. reverse current at t a =25c storage t emperature operating t emperature cdbmt220l-hf units symbol parameter v rrm v r v rms i fsm i o v f i r r ja c j t stg t j 20 20 14 0.38 v v v a a v ma c/w pf c c cdbmt240l-hf 40 40 28 0.40 40 2.0 1.0 70 160 -65 to +175 -55 to +100 sod-123h 0.146(3.7) 0.130(3.3) 0.012(0.3) t yp. 0.075(1.9) 0.060(1.5) 0.040(1.0) 0.024(0.6) 0.031(0.8) t yp. 0.031(0.8) t yp. CDBMT230L-HF 30 30 21 0.40 t yp. diode junction capacitance f=1mhz and applied 4v dc reverse voltage t yp. thermal resistance junction to ambient features -low power loss,high ef ficiency . -high current capability ,low forward voltage drop. -high surge capability . -guarding for overvoltage protection. -ultra high-speed switching. -excellent power dissipation of fers better reverse leakage current and thermal resistance. -low profile package is 40% thinner than standards sod-123. -silicon epitaxial planar chip,metal silicon junction. -lead-free part meets environmental standards of mil-std-19500/228 mechanical data -case: molded plastic, sod-123h/mini sma -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.01 1 grams approx. -mounting position: any -epoxy: ul94-v0 rated flame retardant. halogen free
qw -jl010 ra ting and characteristic cur ves (cdbmt220l-hf thru cdbmt240l-hf) percentage of rated peak reverse v oltage, (%) 100 60 0 fig.3 - t ypical revrse characteristics 0.1 1 10 100 1000 r e v e r s e l e a k a g e c u r r e n t , ( m a ) forward v oltage, (v) 0.1 fig.1 - t ypical forward characteristics 0.01 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1 10 100 0.7 reverse v oltage, (v) 0.01 fig.5 t ypical junction capacitance - 0 50 150 300 350 0.1 1 10 100 ambient t emperature, (c) fig.2 - t ypical forward current 0 a v e r a g e f o r w a r d c u r r e n t , ( a ) 1.6 2.8 comchip t echnology co., l td. page 2 rev :a 0.3 1.1 1.5 1.3 100 200 250 0 25 175 0.8 2.0 140 1.2 20 120 2.4 l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s fig.4 - maximum non-repetitive forward surge current 0 30 60 1 10 100 10 40 20 50 o t j =25 c 8.3ms single half sine wave, jedec method 50 75 100 125 150 0.4 c d b m t 2 2 0 l - h f c d b m t 2 3 0 l - h f o t j =25 c, pulse width=300 s 0.5 0.9 o t j =75 c o t j =25 c 40 80 c d b m t 2 4 0 l - h f 1% duty cycle derating curve resistive or indctive load single phase half w ave 60hz j u n c t i o n c a p a c i t a n c e , ( p f ) o t j =25 c p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz
qw -jl010 comchip t echnology co., l td. page 3 rev :a b c d d d 2 d 1 m i n i - s m a / s o d - 1 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 4 4 0 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 0 1 . 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 7 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 4 9 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 m i n i - s m a / s o d - 1 2 3 2 . 0 0 0 . 1 0 0 . 0 7 9 0 . 0 0 4 3 . 8 5 0 . 1 0 0 . 1 5 2 0 . 0 0 4 1 . 1 0 0 . 1 0 0 . 0 4 3 0 . 0 0 4 0 . 2 3 0 . 1 0 t 0 . 0 0 9 0 . 0 0 4 0 . 3 1 4 0 . 0 1 2 l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a
l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jl010 comchip t echnology co., l td. page 4 rev :a xxx marking code suggested p ad layout size (inch) 0.1 18 (mm) 3.00 1.30 1.80 0.051 0.071 4.30 0.169 e 1.70 0.067 a b c d m i n i - s m a / s o d - 1 2 3 part number l22 marking code CDBMT230L-HF cdbmt240l-hf l23 l24 cdbmt220l-hf a b c e d standard packaging c a s e t y p e m i n i - s m a / s o d - 1 2 3 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k


▲Up To Search▲   

 
Price & Availability of CDBMT230L-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X