Part Number Hot Search : 
PE3388 MAX7311 1N4148W DA7265 V60120C RU4AG 00120 28F320J3
Product Description
Full Text Search
 

To Download 74LVC1G38 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74LVC1G38 provides a 2-input nand function. inputs can be driven from either 3.3 v or 5 v devices. this feature allows the use of this device as translator in a mixed 3.3 v and 5 v environment. this device is fully speci?ed for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging back?ow current through the device when it is powered down. 2. features n wide supply voltage range from 1.65 v to 5.5 v n 5 v tolerant outputs for interfacing with 5 v logic n high noise immunity n complies with jedec standard: u jesd8-7 (1.65 v to 1.95 v) u jesd8-5 (2.3 v to 2.7 v) u jesd8-b/jesd36 (2.7 v to 3.6 v). n esd protection: u hbm jesd22-a114e exceeds 2000 v u mm jesd22-a115-a exceeds 200 v n 24 ma output drive (v cc = 3.0 v) n cmos low power consumption n open drain outputs n latch-up performance exceeds 250 ma n direct interface with ttl levels n inputs accept voltages up to 5 v n multiple package options n speci?ed from - 40 c to +125 c. 74LVC1G38 2-input nand gate; open drain rev. 03 27 august 2007 product data sheet
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 2 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 3. ordering information 4. marking 5. functional diagram table 1. ordering information type number package temperature range name description version 74LVC1G38gw - 40 c to +125 c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74LVC1G38gv - 40 c to +125 c sc-74a plastic surface-mounted package; 5 leads sot753 74LVC1G38gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74LVC1G38gf - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 table 2. marking type number marking code 74LVC1G38gw yb 74LVC1G38gv yb 74LVC1G38gm yb 74LVC1G38gf yb fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram 001aab717 a y b 1 2 4 001aab716 4 1 2 & 001aab715 y gnd a b
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 3 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; z = high-impedance off state fig 4. pin con?guration sot353-1 and sot753 fig 5. pin con?guration sot886 fig 6. pin con?guration sot891 74LVC1G38 av cc b gnd y 001aab718 1 2 3 5 4 74LVC1G38 b 001aab832 a gnd n.c. v cc y transparent top view 2 3 1 5 4 6 74LVC1G38 b 001aaf180 a gnd n.c. v cc y transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description sot353-1/sot753 sot886/sot891 a 1 1 data input b 2 2 data input gnd 3 3 ground (0 v) y 4 4 data output n.c. - 5 not connected v cc 5 6 supply voltage table 4. function table [1] input output a b y llz lhz hl z hhl
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 4 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] when v cc = 0 v (power-down mode), the output voltage can be 5.5 v in normal operation. [3] for tssop5 and sc-74a packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 45 c the value of p tot derates linearly with 2.4 mw/k. 9. recommended operating conditions table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +6.5 v i ik input clamping current v i <0v - 50 - ma v i input voltage [1] - 0.5 +6.5 v i ok output clamping current v o >v cc or v o <0v - 50 ma v o output voltage active mode [1] [2] - 0.5 +6.5 v power-down mode [1] [2] - 0.5 +6.5 v i o output current v o =0vtov cc - 50 ma i cc supply current - 100 ma i gnd ground current - 100 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [3] - 300 mw table 6. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v o output voltage active mode 0 - 5.5 v disable mode; v cc = 1.65 v to 5.5 v 0 - 5.5 v power-down mode; v cc = 0 v 0 - 5.5 v t amb ambient temperature - 40 - +125 c d t/ d v input transition rise and fall rate v cc = 1.65 v to 2.7 v - - 20 ns/v v cc = 2.7 v to 5.5 v - - 10 ns/v
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 5 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 10. static characteristics table 7. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v cc = 4.5 v to 5.5 v 0.7 v cc -- v v il low-level input voltage v cc = 1.65 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v v cc = 4.5 v to 5.5 v - - 0.3 v cc v v ol low-level output voltage v i =v ih or v il --- i o = 100 m a; v cc = 1.65 v to 5.5 v - - 0.1 v i o = 4 ma; v cc = 1.65 v - - 0.45 v i o = 8 ma; v cc = 2.3 v - - 0.3 v i o = 12 ma; v cc = 2.7 v - - 0.4 v i o = 24 ma; v cc = 3.0 v - - 0.55 v i o = 32 ma; v cc = 4.5 v - - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - 0.1 5 m a i oz off-state output current v i =v ih or v il ; v o =v cc or gnd; v cc = 5.5 v - 0.1 10 m a i off power-off leakage current v i or v o = 5.5 v; v cc = 0 v - 0.1 10 m a i cc supply current v i = 5.5 v or gnd; v cc = 1.65 v to 5.5 v; i o =0a - 0.1 10 m a d i cc additional supply current v i =v cc - 0.6 v; i o =0a; v cc = 2.3 v to 5.5 v; per pin - 5 500 m a c i input capacitance - 2.5 - pf t amb = - 40 c to +125 c v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 2.7 v to 3.6 v 2.0 - - v v cc = 4.5 v to 5.5 v 0.7 v cc -- v v il low-level input voltage v cc = 1.65 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 2.7 v to 3.6 v - - 0.8 v v cc = 4.5 v to 5.5 v - - 0.3 v cc v
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 6 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain [1] all typical values are measured at v cc = 3.3 v and t amb = 25 c. 11. dynamic characteristics [1] typical values are measured at t amb =25 c and v cc = 1.8 v, 2.5 v, 2.7 v, 3.3 v and 5.0 v respectively. [2] t pd is the same as t pzl and t plz . [3] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l v cc 2 f o ) = sum of outputs. v ol low-level output voltage v i =v ih or v il --- i o = 100 m a; v cc = 1.65 v to 5.5 v - - 0.1 v i o = 4 ma; v cc = 1.65 v - - 0.70 v i o = 8 ma; v cc = 2.3 v - - 0.45 v i o = 12 ma; v cc = 2.7 v - - 0.60 v i o = 24 ma; v cc = 3.0 v - - 0.80 v i o = 32 ma; v cc = 4.5 v - - 0.80 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v -- 100 m a i oz off-state output current v i =v ih or v il ; v o =v cc or gnd; v cc = 5.5 v -- 200 m a i off power-off leakage current v i or v o = 5.5 v; v cc = 0 v - - 200 m a i cc supply current v i = 5.5 v or gnd; v cc = 1.65 v to 5.5 v; i o =0a - - 200 m a d i cc additional supply current v i =v cc - 0.6 v; i o =0a; v cc = 2.3 v to 5.5 v; per pin - - 5000 m a table 7. static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 8. dynamic characteristics voltages are referenced to gnd (groun d = 0 v). for test circuit see figure 8 . symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max t pd propagation delay a, b to y; see figure 7 [2] v cc = 1.65 v to 1.95 v 1.0 3.0 10.0 1.0 12.5 ns v cc = 2.3 v to 2.7 v 0.5 1.8 6.0 0.5 7.5 ns v cc = 2.7 v 0.5 2.5 5.0 0.5 6.5 ns v cc = 3.0 v to 3.6 v 0.5 2.3 4.5 0.5 5.7 ns v cc = 4.5 v to 5.5 v 0.5 1.5 3.9 0.5 4.9 ns c pd power dissipation capacitance v cc = 3.3 v; v i = gnd to v cc [3] -6---pf
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 7 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 12. ac waveforms measurement points are given in t ab le 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 7. the input (a, b) to output (y) propagation delays. 001aab719 t pzl t plz gnd v i v cc v ol v m v m v x y output a, b input table 9. measurement points supply voltage input output v cc v m v m v x 1.65 v to 1.95 v 0.5 v cc 0.5 v cc v ol + 0.15 v 2.3 v to 2.7 v 0.5 v cc 0.5 v cc v ol + 0.15 v 2.7 v 1.5 v 1.5 v v ol + 0.3 v 3.0 v to 3.6 v 1.5 v 1.5 v v ol + 0.3 v 4.5 v to 5.5 v 0.5 v cc 0.5 v cc v ol + 0.3 v
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 8 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain test data is given in t ab le 10 . de?nitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 8. load circuitry for switching times v ext v cc v i v o mna616 dut c l r t r l r l g table 10. test data supply voltage input load v ext v cc v i t r , t f c l r l t plh , t phl 1.65 v to 1.95 v v cc 2.0 ns 30 pf 1 k w open 2.3 v to 2.7 v v cc 2.0 ns 30 pf 500 w open 2.7 v 2.7 v 2.5 ns 50 pf 500 w open 3.0 v to 3.6 v 2.7 v 2.5 ns 50 pf 500 w open 4.5 v to 5.5 v v cc 2.5 ns 50 pf 500 w open
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 9 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 13. package outline fig 9. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) q references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 q a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 10 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain fig 10. package outline sot753 (sc-74a) references outline version european projection issue date iec jedec jeita sot753 sc-74a wb m b p d e a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 plastic surface-mounted package; 5 leads sot753 unit a 1 b p cd e h e l p qy w v mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 02-04-16 06-03-16
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 11 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain fig 11. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 12 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain fig 12. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 13 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 14. abbreviations 15. revision history table 11. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 12. revision history document id release date data sheet status change notice supersedes 74LVC1G38_3 20070827 product data sheet - 74LVC1G38_2 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? in section 10 static char acter istics , changed conditions for input leakage and supply current. ? figure 12 p ac kage outline so t891 (xson6) updated. 74LVC1G38_2 20060913 product data sheet - 74LVC1G38_1 74LVC1G38_1 20041018 product data sheet - -
74LVC1G38_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 27 august 2007 14 of 15 nxp semiconductors 74LVC1G38 2-input nand gate; open drain 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74LVC1G38 2-input nand gate; open drain ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 27 august 2007 document identifier: 74LVC1G38_3 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 12 ac waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 17 contact information. . . . . . . . . . . . . . . . . . . . . 14 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74LVC1G38

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X