Part Number Hot Search : 
RF101L4S K2P60D DSFT311D PAT0816 LA4535M 2SA937M KE200 MA4P604
Product Description
Full Text Search
 

To Download 61-238XK2C-SXXXXXXXXXX-ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 copyright ? 2010, everlight all rights reserved. re lease date : 06-apr.-2011. issue no: v2 device no: dse-0003809 www. e v erlight.com smd    low power led 61-238/xk2c-sxxxxxxxxxx/et features ? p-lcc-6 package ? top view led ? wide viewing angle:120 ? high luminous intensity ? high efficacy ? pb-free ? rohs-compliant ? ansi binning . description Bthe everlight 61-238 package has high efficacy, hi gh cri, low power consumption, wide viewing angle a nd a compact form factor. these features make this package an id eal led for all lighting applications. applications ? general lighting ? decorative and entertainment lighting ? indicators ? illumination ? switch lights
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 2 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com product number explanation notes t able of co l o r re n der i ng in d e x s y m b o l descript i on m cri ( min ) : 60 n cri ( min ) : 6 5 l cri ( min ) : 7 0 q cri ( min ) : 75 k cri ( min ) : 8 0 h cri ( min ) : 9 0 notes: 1. t o lerance of color r e n der i n g ind e x: 2 exa m p l e: 61- 2 38/kk 2 c-s3 0 306 f 4 g b2/e t cri min = 80 cc t 30 0 0k iv 54 0 0mcd ~ 6 4 0 0 mcd v f 2.9v ~ 3 .6v
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 3 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com mass production li s t p r od u ct cri m i n . cct ( k ) i v ( m cd ) mi n i v ( m cd ) ma x ( l m ) t y p . 6 1 - 2 3 8 /kk 2 c-s3 0 30 6 f 4 g b 2/et 8 0 3 00 0 k 5 40 0 6 40 0 1 7 . 0 6 1 - 2 3 8 /kk 2 c-s4 0 40 8 f 6 g b 2/et 8 0 4 00 0 k 5 60 0 6 60 0 1 8 . 0
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 4 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com device se l ection guide chip materia l s emitted color r e sin c o lor ingan neutral w h ite w a r m w h ite w a t e r c l e a r absolute maximum ratings ( t a=25 ) *1 paramet e r symbol rating unit reverse v o l t age*1 v r 5 v forward c u rrent*1 i f 30 ma peak f o rward curr e n t ( duty 1/10 @ 1khz ) * 1 i fp 100 ma pow e r d i ss i p a tion*1 pd 1 10 mw ele c tro s t a ti c dis c harge ( hbm ) *1 esd 1000 operating t e mperature t opr -40 ~ + 85 s t orage t e m perat u r e ts t g -40 ~ +90 solder i ng t e mperature t sol refl o w sold e r ing : 260 f o r 10 s e c . ha n d sold e r ing : 350 f o r 3 s e c . * 1. the value are b a s e d o n 1 die perf o rmance electro-optical c h aracteristics ( t a=25 ) paramet e r symbol min. t y p . max. unit condition v i ewing a n g l e *1 2 1/2 ----- 120 ----- deg i f =20ma *2 reverse c u rrent i r - - - - - - - - - - 50 a v r =5 v *1 wh e n thr e e led di e s are operated s i mul t an e o u sl y . *2 for e a ch d i e.
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 5 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com bin range of luminous intensity *1 bin code min. max. unit condition 4d 3200 3400 6d 3400 3600 8d 3600 3800 ae 3800 4000 2e 4000 4200 4e 4200 4400 6e 4400 4600 8e 4600 4800 af 4800 5000 2f 5000 5200 4f 5200 5400 6f 5400 5600 8f 5600 5800 ag 5800 6000 2g 6000 6200 4g 6200 6400 6g 6400 6600 mcd i f =20ma *2 notes: 1. *1 w hen th r ee led d i es a r e ope r ated si m u l t a n eou s l y . 2. *2 f o r each die. 3. t o lerance of lum i nous int e nsi t y 1 1 %
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 6 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com bin range of for w a rd v o l t age *1 gro u p bin code min. max. unit condition 34 2.7 2.8 35 2.8 2.9 36 2.9 3.0 37 3.0 3.1 38 3.1 3.2 39 3.2 3.3 40 3.3 3.4 41 3.4 3.5 b2 42 3.5 3.6 g 43 3.6 3.7 v i f =20ma *2 notes: 1. *1 w hen th r ee led d i es a r e ope r ated si m u l t a n eou s l y . 2. *2 f o r each die. 3. t o lerance of f o r w a r d v o l t a g e 0.05v 4. f o r w a r d v o ltage r a nk is th e avera g e fo r w a r d vol t a g e of three d i es
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 7 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com bin range of chromaticit y coordinates cct bin code cie_x cie_y bin code cie_x cie_y 0.4006 0.4044 0.3828 0.3803 0.3871 0.3959 0.3703 0.3726 0.3828 0.3803 0.3670 0.3578 40k-1 0.3952 0.3880 40k-3 0.3784 0.3647 0.3871 0.3959 0.3952 0.3880 0.3736 0.3874 0.3828 0.3803 0.3703 0.3726 0.3784 0.3647 4000k 40k-2 0.3828 0.3803 40k-4 0.3898 0.3716 0.4562 0.4260 0.4345 0.4033 0.4431 0.4213 0.4223 0.3990 0.4345 0.4033 0.4147 0.3814 30k-1 0.4468 0.4077 30k-3 0.4260 0.3854 0.4431 0.4213 0.4468 0.4077 0.4299 0.4165 0.4345 0.4033 0.4223 0.3990 0.4260 0.3854 3000k 30k-2 0.4345 0.4033 30k-4 0.4373 0.3893 note: t o lerance of c h romatici t y c o ord i nates: 0. 0 1
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 8 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com the c.i.e. 1931 chromaticit y diagram
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 9 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com t y pical electro-optical characteristics c u rves 10 f o r w a r d v o l t age v - ( v o l t s ) f 2 . 6 0 10 r e la ti v e l u mi no u s i n te n s it y ( % ) a m b i en t t e m p e r a t u r e t ( c - 6 0 1 10 -20 - 4 0 0 2 0 60 40 ) a 1 0 0 80 100 1 000 a m b i e n t te m p e r a t u r e a m b i en t t e m p e r a t u r e t ( c a ) 0 f o r w a r d c u rr e nt d e rat i n g c u r v e 10 fo rward curr en t 0 20 30 i ( ma ) 50 40 f 80 40 20 60 1 0 0 0 . 7 0 . 8 0 . 9 1 . 0 1 t a = 2 5 w a v e l e n g t h ( n m ) 1 0 0 1 000 fo rward cur r en t 10 20 i ( m a ) 30 50 40 f s p ec t r u m d i s t r i b u t i o n 0 . 1 0 . 3 0 . 5 0 . 2 0 . 4 80 9 0 0 . 6 5 0 6 0 7 0 4 0 r a d i a ti o n d i a g r a m t a = 2 5 20 f o r w a r d c u r r e n t 0 10 0 1 10 2 10 i ( m a ) 3 0 f 3 10 t a = 2 5 r e l a t i v e lu m i nous i n t e n s i t y v s . t a = 2 5 f = 1 k h z d u t y = 1 / 1 0 fo r w a r d c u r r e nt 3 . 8 3 . 0 2 . 8 3 . 4 4 . 2 f o r w a r d c u r r e n t v s . f o r w a r d v o l t a g e r e l a t i v e lu m i no u s i n t e n s i t y v s . rel a ti ve lu mi n ous in tensi t y ( % ) re lat i ve lumino us int e n s it y ( % )
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 10 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com packa g e dimension note: t o lerance u n l e ss mentio n ed i s 0.1mm; unit = mm
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 11 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com moisture resis t ant packing materials label expl a n ation ? cpn: cus t ome r ? s pro d u c t nu m ber ? p/n: prod u ct nu m ber ? qt y : pac k ing quantity ? c a t : lumi n ous inte n s ity ra n k ? hue: dom . w a velength ran k ? ref: forward v o l t age rank ? lo t no: lot number reel dime n s ions carrier t a pe dimension s : loaded q u a n ti t y 800 pcs per reel note: t o lerances u n l e ss menti o n e d 0.1mm. unit = mm
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 12 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com moistu r e r e sis t ant p a ck i ng proce s s note: t o lerances u n l e ss menti o n e d 0.1mm. unit = mm reliability t e st items and conditions the reliability of products shall be satisfied with ite m s listed belo w . confidence level 90% l t p d 10% no. items test condition test hours/cycles sample si z e ac/re 1 reflow soldering t e m p. : 260 5 min. 10sec. 6 min. 22 pcs. 0/1 2 t e m p erature cycle h : +100 15 m i n 5 m i n l : -40 1 5 m i n 300 cycles 22 pcs. 0/1 3 ther m a l shock h : +100 5 m in 10 sec l : -10 5m i n 300 cycles 22 pcs. 0/1 4 high te m p e r ature storage te m p. : 100 1000 hrs. 22 pcs. 0/1 5 low t e m p e r ature storage te m p. : -40 1000 hrs. 22 pcs. 0/1 6 dc operating life i f *2 = 20 m a 1000 hrs. 22 pcs. 0/1 7 high te m p e r ature / high hu m i dity 85 / 85%rh 1000 hrs. 22 pcs. 0/1
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 13 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com precautions for use 1. ove r -current-proof custo m er must apply re s i sto r s f o r p r otection; o t h e rwise s lig h t voltage shi f t will cause big cur r ent change ( bu r n out will h a ppen ) . 2. s t orage 2.1 do not open m o isture proof bag before the products are ready to use. 2.2 before opening the package: the leds should be kept at 30 or less and 90%rh or less. 2.3 after opening the package: the led ' s floor life are 168 hours under 30 or less and 60% rh or less. if unused leds re m a in, it should be stored in m o isture proof packages. 2.4 if the moisture absorbent m a teria l ( silica gel ) has faded away or t h e l e ds have exceeded the storage ti m e, baking treat m ent should be perfo r m ed using the following conditions. baking treat m ent: 605 for 24 hours. 3. soldering condition 3.1 pb-free solder temperature profile pre-heating 150~200c 60 ~ 1 20sec. 3c/sec.max. above 217c 60~150sec. 2 6 0c max. 10sec. m a x. 6c/sec.max. abo v e25 5 c 3 0 sec.m a x. 3.2 reflow s o ldering should not be done m o re than two ti m es. 3.3 w h en soldering, do not put s t ress on the leds during heating. 3.4 after soldering, do not warp the circuit board.
datasheet smd ? low power led 61-238/xk2c-sxxxxxxxxxx/e t 14 c op y right ? 2 0 1 0 , e v erli g ht a l l r i g h t s r e s e r v ed. r e l e as e d a t e : 0 6 - a p r . - 2 0 1 1 . i s s u e n o : v 1 d e v i c e n o : dse - 0 0 0 www. e v erlight.com 4. soldering iron each ter m inal is to go to the tip o f solde r ing iron te m p erature less than 3 5 0 for 3 s e conds within onc e in less than the soldering iron capacity 25 w . le a v e t w o seconds and m o re intervals, and do soldering of each ter m inal. be careful because t h e da m a ge of the pro d uct is ofte n started at t h e ti m e of the hand solde r . 5. repairing repair should not be done after the leds h a ve b een soldered. w h e n repairing is unavoidable, a double-head soldering iron should be used ( as below figure ) . it should be con f ir m e d beforehand whether the ch a r act e r istics o f th e leds will or will n o t b e da m a ged by repairing.


▲Up To Search▲   

 
Price & Availability of 61-238XK2C-SXXXXXXXXXX-ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X