Part Number Hot Search : 
12500 SE40PB 5KE36 27J50KE EPT7074G ISL6569 SB110 HHM1521
Product Description
Full Text Search
 

To Download 0428920081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0428920081 status: active description: 3.96mm (.156") pitch kk? solid header, right angle, friction lock, with snap-in plastic peg pcb lock, 3 circuits, 0.38m (15") gold (au) selective plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42892 application wire-to-board product name kk? physical breakaway no circuits (loaded) 3 circuits (maximum) 3 durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin number of rows 1 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes shrouded partial stackable yes temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42892 series mates with 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , l ink:41815
solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info reference - drawing numbers product specification ps-08-50 sales drawing sd-42892-001 this document was generated on 04/19/2010 please check www.molex.com for latest part information


42892 rev: ecr/ecn information sheet no. ec no: ucp2008-0727 g2 date 10/8/2007 title: friction lock hdr. assy. .156 bent sq pins w/pegs rt. angle mount - 3 - document number: created / revised by: checked by: approved by: sd-42892-001 aderr aderr fsmith template filename: product_ spec [size_a](v.1). doc group a-42892-0002/0018 group a-42892-0080/0096 group a-42892-0097/0113 group a-42892-0019/0035 header no: 41790-0070/0086 header no: 41790-0070/0086 header no: 41790-0070/0086 header no: 41790-0070/0086 pin no: 2161-62(102) pin no: 43294-0452 pin no: 43290-0453 pin no: 2161-62(501) plating: 102 plating: 208 plating: 228 plating: 501 pin length l 24.89/ .980 pin length l 24.89/ .980 pin length l 24.89/ .980 pin length l 24.89/ .980 mating m 11.43/ .450 mating m 11.43/ .450 mating m 11.43/ .450 mating m 11.43/.450 gold loc g n/a gold loc g 6.86/ .270 gold loc g 6.86/ .270 gold loc g overall dim. y 2.82/ .111 dim. y 2.82/ .111 dim. y 2.82/ .111 dim. y 2.82/ .111 options pc tail p 3.30/ .130 pc tail p 3.30/ .130 pc tail p 3.30/ .130 pc tail p 3.30/ .130 tin loc t overall tin loc t 4.06/ .160 tin loc t 4.06/ .160 tin loc t n/a voided ckts none voided ckts none voided ckts none voided ckts none pack per pk-42492-002 pack per pk-42492-002 pack per pk-42492-002 pack per pk-42492-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-7020 a-42892-0002 42892-0080 a-42892-0080 42892-0097 a-42892-0097 26-60-7021 a-42892-0019 3 26-60-7030 a-42892-0003 42892-0081 a-42892-0081 42892-0098 a-42892-0098 26-60-7031 a-42892-0020 4 26-60-7040 a-42892-0004 42892-0082 a-42892-0082 42892-0099 a-42892-0099 26-60-7041 a-42892-0021 5 26-60-7050 a-42892-0005 42892-0083 a-42892-0083 42892-0100 a-42892-0100 26-60-7051 a-42892-0022 6 26-60-7060 a-42892-0006 42892-0084 a-42892-0084 42892-0101 a-42892-0101 26-60-7061 a-42892-0023 7 26-60-7070 a-42892-0007 42892-0085 a-42892-0085 42892-0102 a-42892-0102 26-60-7071 a-42892-0024 8 26-60-7080 a-42892-0008 42892-0086 a-42892-0086 42892-0103 a-42892-0103 26-60-7081 a-42892-0025 9 26-60-7090 a-42892-0009 42892-0087 a-42892-0087 42892-0104 a-42892-0104 26-60-7091 a-42892-0026 10 26-60-7100 a-42892-0010 42892-0088 a-42892-0088 42892-0105 a-42892-0105 26-60-7101 a-42892-0027 11 26-60-7110 a-42892-0011 42892-0089 a-42892-0089 42892-0106 a-42892-0106 26-60-7111 a-42892-0028 12 26-60-7120 a-42892-0012 42892-0090 a-42892-0090 42892-0107 a-42892-0107 26-60-7121 a-42892-0029
42892 rev: ecr/ecn information sheet no. ec no: ucp2008-0727 g2 date 10/8/2007 title: friction lock hdr. assy. .156 bent sq pins w/pegs rt. angle mount - 4 - document number: created / revised by: checked by: approved by: sd-42892-001 aderr aderr fsmith template filename: product_ spec [size_a](v.1). doc group a-42892-0036/0052 group a-42892-0053/0067 group a-42892-0068/0079 group a-42892-0114/0118 header no: 41790-0070/0086 header no: 41790-0070/0086 header no: 41790-0070/0086 header no: 41790-0070/0086 pin no: 2161-62(102) pin no: 2161-62(102) pin no: 2161-62(102) pin no: 2161-62(102) plating: 102 plating: 102 plating: 102 plating: 102 pin length l 24.89/ .980 pin length l 24.89/ .980 pin length l 24.89/ .980 pin length l 24.89/ .980 mating m 11.43/ .450 mating m 11.43/ .450 mating m 11.43/ .450 mating m 11.43/ .450 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a dim. y 2.82/ .111 dim. y 2.82/ .111 dim. y 2.82/ .111 dim. y 2.82/ .111 options pc tail p 3.30/ .130 pc tail p 3.30/ .130 pc tail p 3.30/ .130 pc tail p 3.30/ .130 tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts 2 voided ckts 4 voided ckts 7 voided ckts 2, 4, 6, 8, 10, 14 pack per pk-42492-002 pack per pk-42492-002 pack per pk-42492-002 pack per pk-42492-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-62-7020 a-42892-0036 3 26-62-7030 a-42892-0037 4 26-62-7040 a-42892-0038 26-62-7041 a-42892-0053 5 26-62-7050 a-42892-0039 26-62-7051 a-42892-0054 6 26-62-7060 a-42892-0040 26-62-7061 a-42892-0055 7 26-62-7070 a-42892-0041 26-62-7071 a-42892-0056 26-62-7072 a-42892-0068 8 26-62-7080 a-42892-0042 26-62-7081 a-42892-0057 26-62-7082 a-42892-0069 9 26-62-7090 a-42892-0043 26-62-7091 a-42892-0058 26-62-7092 a-42892-0070 10 26-62-7100 a-42892-0044 26-62-7101 a-42892-0059 26-62-7102 a-42892-0071 11 26-62-7110 a-42892-0045 26-62-7111 a-42892-0060 26-62-7112 a-42892-0072 12 26-62-7120 a-42892-0046 26-62-7121 a-42892-0061 26-62-7122 a-42892-0073
42892 rev: ecr/ecn information sheet no. ec no: ucp2008-0727 g2 date 10/8/2007 title: friction lock hdr. assy. .156 bent sq pins w/pegs rt. angle mount - 5 - document number: created / revised by: checked by: approved by: sd-42892-001 aderr aderr fsmith template filename: product_ spec [size_a](v.1). doc group a-42892-0119/0133 group group group header no: 41790-0070/0086 header no: header no: header no: pin no: 2161-62(102) pin no: pin no: pin no: plating: 102 plating: plating: plating: pin length l 24.89/ .980 pin length l pin length l pin length l mating m 11.43/ .450 mating m mating m mating m gold loc g n/a gold loc g gold loc g gold loc g dim. y 2.82/ .111 dim. y dim. y dim. y options pc tail p 3.30/ .130 pc tail p pc tail p pc tail p tin loc t overall tin loc t tin loc t tin loc t voided ckts 2, 4 voided ckts voided ckts voided ckts pack per pk-42492-002 pack per pack per pack per ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 3 4 42892-0119 a-42892-0119 5 42892-0120 a-42892-0120 6 42892-0121 a-42892-0121 7 42892-0122 a-42892-0122 8 42892-0123 a-42892-0123 9 42892-0124 a-42892-0124 10 42892-0125 a-42892-0125 11 42892-0126 a-42892-0126 12 42892-0127 a-42892-0127


▲Up To Search▲   

 
Price & Availability of 0428920081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X