Part Number Hot Search : 
68001 F6057K6F HF21F 945ETTS C0402C E1013 M063A P29045
Product Description
Full Text Search
 

To Download Y2C1-ASWB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 1 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen features ? popular t-1 3/4 diameter package. ? choice of various viewing angles. ? available on tape and reel. ? reliable and robust. ? esd-withstand voltage: up to 4kv ? the product itself will remain within rohs compliant version . ? uv resistant epoxy descriptions ? the series is specially designed for applications requiring higher brightness. ? the led lamps are available with different colors,intensities,epoxy colors, etc. ? superior performance in outdoor environment. applications ? single or dual color graphic signs ? message boards ? variable message signs (vms) ? commercial outdoor advertising device selection guide chip led part no. material emitted color lens color 333/Y2C1-ASWB algainp hyper yellow water clear
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 2 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen package dimensions notes: ? all dimensions are in millimeters, tolerance is 0.25mm except being specified. ? lead spacing is measured where the lead emerges from the package. ? protruded resin under flange is 1.5mm max led. absolute maximum ratings (ta=25 ) parameter symbol rating units forward current i f 50 ma pulse forward current *1 i fp 160 ma operating temperature t opr -40 ~ +85 storage temperature t stg -40 ~ +100 soldering temperature *2 t sol 260 5 power dissipation p d 120 mw reverse voltage v r 5 v zener reverse current iz 100 ma electrostatic dischar g e esd 4 k v notes: *1:i fp conditions--pulse width Q 10msec and duty Q 1/10. *2:soldering time Q 5 seconds.
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 3 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen electro-optical characteristics (ta=25 ) parameter symbol condition min. typ. max. units forward voltage v f i f =20ma 1.8 -- 2.6 v zener reverse voltage vz iz=5ma 5.2 -- -- v luminous intensity i v i f =20ma 5650 -- 18000 mcd viewing angle 2 1/2 i f =20ma -- 15 -- deg peak wavelength p i f =20ma -- 591 -- nm dominant wavelength d i f =20ma -- 589 -- nm reverse current i r v r =5v 50 -- -- a spectrum radiation bandwidth ? i f =20ma -- 15 -- nm rank combination (i f =20ma) rank s t u v w luminous intensity 5650~7150 7150~9000 9000~11250 11250~14250 14250~18000 *measurement uncertainty of luminous intensity: 15% unit:mcd rank 1 2 3 4 forward voltage 1.8~2.0 2.0~2.2 2.2~2.4 2.4~2.6 *measurement uncertainty of forward voltage: 0.1v unit:v rank 1 2 dominant wavelength 586~590 590~594 *measurement uncertainty of dominant wavelength 1.0nm unit:nm
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 4 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen typical electro-optical characteristics curves
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 5 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen label form specification cpn: customer?s production number p/n : production number qty: packing quantity cat: ranks of luminous and forward voltage hue: ranks of dominant wavelength ref: reference lot no: lot number made in taiwan: production place cpn: p/n: everlight 333/Y2C1-ASWB qty made in taiwan cat: hue: ref: lot no
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 6 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. these specification sheets include material s protected under copyright of everlight corporation. please don?t reproduce or cause a nyone to reproduce them without everlight?s consent. 4. below the zener reference voltage vz, all the cu rrent flows through led and as the voltage rises to vz, the zener diode ?breakdown." if the voltage tries to rise above vz current flows through the zener branch to keep the voltage at exactly vz. 5. when the led is connected using serial circuit, if either piece of led is no light up but current can?t flow through causing others to light down. in new design, the led is parallel with zener diode. if either piece of led is no light up but cu rrent can flow through causing others to light up.
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/y 2c 1-aswb everlight electronics co., ltd. http\\:www.ever light.com rev 1 page: 7 of 7 device number : dle-033-b02 prepared date: 01-18-2006 prepared by: flourix chen 6. soldering condition careful attention should be paid during sold ering. when soldering, leave more then 3mm from solder joint to case, and soldering beyond the base of the tie bar is recommended. avoiding applying any stress to the lead frame while the leds are at high temperature particularly when soldering. recommended soldering conditions: hand soldering dip soldering temp. at tip of iron 400 max. (30w max.) preheat temp. 100 max. (60 sec max.) soldering time 3 sec max. bath temp. 265 max. distance 3mm min.(from solder joint to case) bath time. 5 sec max. distance 3mm min. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http:\\www.everlight.com


▲Up To Search▲   

 
Price & Availability of Y2C1-ASWB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X