Part Number Hot Search : 
527268ZN HC405 AQW212 23400 LM781 SE567N 2SD1565 DRM33395
Product Description
Full Text Search
 

To Download XC9536XL-10VQG64C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds058 (v1.9) april 3, 2007 www.xilinx.com 1 product specification ? 2006 xilinx, inc. all rights reserved. all xilinx trademarks, registered trademarks, patents, and disclaimers are as listed a t http://www.xilinx.com/legal.htm . all other trademarks and registered trademarks are the property of their respective owners. all specifications are subject to c hange without notice. features ? 5 ns pin-to-pin logic delays ? system frequency up to 178 mhz ? 36 macrocells with 800 usable gates ? available in small footprint packages - 44-pin plcc (34 user i/o pins) - 44-pin vqfp (34 user i/o pins) - 48-pin csp (36 user i/o pins) - 64-pin vqfp (36 user i/o pins) - pb-free available for all packages ? optimized for high-performance 3.3v systems - low power operation - 5v tolerant i/o pins accept 5 v, 3.3v, and 2.5v signals - 3.3v or 2.5v output capability - advanced 0.35 micron feature size cmos fast flash? technology ? advanced system features - in-system programmable - superior pin-locking and routability with fast connect? ii switch matrix - extra wide 54-input function blocks - up to 90 product-terms per macrocell with individual product-term allocation - local clock inversion with three global and one product-term clocks - individual output enable per output pin - input hysteresis on all user and boundary-scan pin inputs - bus-hold circuitry on all user pin inputs - full ieee standard 1149.1 boundary-scan (jtag) ? fast concurrent programming ? slew rate control on individual outputs ? enhanced data security features ? excellent quality and reliability - endurance exceeding 10,000 program/erase cycles - 20 year data retention - esd protection exceeding 2,000v ? pin-compatible with 5v-core xc9536 device in the 44-pin plcc package and the 48-pin csp package warning: programming temperature range of t a = 0 c to +70 c description the xc9536xl is a 3.3v cpld targeted for high-perfor- mance, low-voltage applications in leading-edge communi- cations and computing systems. it is comprised of two 54v18 function blocks, providing 800 usable gates with propagation delays of 5 ns. see figure 2 for architecture overview. power estimation power dissipation in cplds can vary substantially depend- ing on the system frequency, design application and output loading. to help reduce power dissipation, each macrocell in a xc9500xl device may be configured for low-power mode (from the default high-performance mode). in addi- tion, unused product-terms and macrocells are automati- cally deactivated by the software to further conserve power. for a general estimate of i cc , the following equation may be used: i cc (ma) = mc hs (0.175*pt hs + 0.345) + mc lp (0.052*pt lp + 0.272) + 0.04 * mc tog (mc hs +mc lp )* f where: mc hs = # macrocells in high-speed configuration pt hs = average number of high-speed product terms per macrocell mc lp = # macrocells in low power configuration pt lp = average number of low power product terms per macrocell f = maximum clock frequency mctog = average % of flip-flops toggling per clock (~12%) this calculation was derived from laboratory measurements of an xc9500xl part filled with 16-bit counters and allowing a single output (the lsb) to be enabled. the actual i cc value varies with the design application and should be veri- fied during normal system operation. figure 1 shows the above estimation in a graphical form. for a more detailed discussion of power consumption in this device, see xilinx 0 xc9536xl high performance cpld ds058 (v1.9) april 3, 2007 00 product specification r
xc9536xl high performance cpld 2 www.xilinx.com ds058 (v1.9) april 3, 2007 product specification r application note xapp114, ?understanding xc9500xl cpld power.? figure 1: typical i cc vs. frequency for xc9536xl clock frequency (mhz) typical i cc (ma) 0 100 200 250 ds058_01_121501 60 70 20 178 mhz 125 mhz 30 150 50 10 40 50 h i gh pe rfo rmance l ow p o wer figure 2: xc9536xl architecture function block outputs (indicated by the bold line) drive the i/o blocks directly. in-system programming controller jtag controller i/o blocks function block 1 macrocells 1 to 18 macrocells 1 to 18 jtag port 3 54 i/o/gts i/o/gsr i/o/gck i/o i/o i/o i/o 2 1 i/o i/o i/o i/o 3 ds058_02_081500 1 function block 2 54 18 18 fast connect ii switch matrix
xc9536xl high performance cpld ds058 (v1.9) april 3, 2007 www.xilinx.com 3 product specification r absolute maximum ratings (2) recommended operation conditions quality and reliability characteristics dc characteristic over recommended operating conditions symbol description value units v cc supply voltage relative to gnd ?0.5 to 4.0 v v in input voltage relative to gnd (1) ?0.5 to 5.5 v v ts voltage applied to 3-state output (1) ?0.5 to 5.5 v t stg storage temperature (ambient) (3) ?65 to +150 o c t j junction temperature +150 o c notes: 1. maximum dc undershoot below gnd must be limited to either 0.5v or 10 ma, whichever is easier to achieve. during transitions, the device pins may undershoot to ?2.0 v or overshoot to +7.0v, provided this over- or undershoot lasts less than 10 ns and with th e forcing current being limited to 200 ma. external i/o voltage may not exceed v ccint by 4.0v. 2. stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under operating condi tions is not implied. exposure to absolute maximum ratings conditions for extended periods of time may affect device reliability. 3. for soldering guidelines and thermal considerations, see the device packaging information on the xilinx website. for pb-free packages, see xapp427 . symbol parameter min max units v ccint supply voltage for internal logic and input buffers commercial t a = 0 o c to 70 o c3.0 3.6 v industrial t a = ?40 o c to +85 o c3.0 3.6 v v ccio supply voltage for output drivers for 3.3v operation 3.0 3.6 v supply voltage for output drivers for 2.5v operation 2.3 2.7 v v il low-level input voltage 0 0.80 v v ih high-level input voltage 2.0 5.5 v v o output voltage 0 v ccio v symbol parameter min max units t dr data retention 20 - years n pe program/erase cycles (endurance) 10,000 - cycles v esd electrostatic discharge (esd) 2,000 - volts symbol parameter test conditions min max units v oh output high voltage for 3.3v outputs i oh = ?4.0 ma 2.4 - v output high voltage for 2.5v outputs i oh = ?500 a90% v ccio -v v ol output low voltage for 3.3v outputs i ol = 8.0 ma - 0.4 v output low voltage for 2.5v outputs i ol = 500 a-0.4v i il input leakage current v cc = max; v in = gnd or v cc -10 a i ih i/o high-z leakage current v cc = max; v in = gnd or v cc -10 a i ih i/o high-z leakage current v cc = max; v ccio = max; v in = gnd or 3.6v -10 a v cc min < v in < 5.5v - 50 a c in i/o capacitance v in = gnd; f = 1.0 mhz - 10 pf i cc operating supply current (low power mode, active) v in = gnd, no load; f = 1.0 mhz 10 (typical) ma
xc9536xl high performance cpld 4 www.xilinx.com ds058 (v1.9) april 3, 2007 product specification r ac characteristics symbol parameter xc9536xl-5 xc9536xl-7 xc9536xl-10 units min max min max min max t pd i/o to output valid - 5.0 - 7.5 - 10.0 ns t su i/o setup time before gck 3.7 - 4.8 - 6.5 - ns t h i/o hold time after gck 0 - 0 - 0 - ns t co gck to output valid - 3.5 - 4.5 - 5.8 ns f system multiple fb internal operating frequency - 178.6 - 125 - 100 mhz t psu i/o setup time before p-term clock input 1.7 - 1.6 - 2.1 - ns t ph i/o hold time after p-term clock input 2.0 - 3.2 - 4.4 - ns t pco p-term clock output valid - 5.5 - 7.7 - 10.2 ns t oe gts to output valid - 4.0 - 5.0 - 7.0 ns t od gts to output disable - 4.0 - 5.0 - 7.0 ns t poe product term oe to output enabled - 7.0 - 9.5 - 11.0 ns t pod product term oe to output disabled - 7.0 - 9.5 - 11.0 ns t ao gsr to output valid - 10.0 - 12.0 - 14.5 ns t pao p-term s/r to output valid - 10.5 - 12.6 - 15.3 ns t wlh gck pulse width (high or low) 2.8 - 4.0 - 4.5 - ns t aprpw asynchronous preset/reset pulse width (high or low) 5.0 - 6.5 - 7.0 - ns t plh p-term clock pulse width (high or low) 5.0 - 6.5 - 7.0 - ns figure 3: ac load circuit device output output type v test 3.3v 2.5v v test r 1 320 250 r 1 r 2 c l r 2 360 660 c l 35 pf 35 pf ds058_03_081500 v ccio 3.3v 2.5v
xc9536xl high performance cpld ds058 (v1.9) april 3, 2007 www.xilinx.com 5 product specification r internal timing parameters symbol parameter xc9536xl-5 xc9536xl-7 xc9536xl-10 units min max min max min max buffer delays t in input buffer delay - 1.5 - 2.3 - 3.5 ns t gck gck buffer delay - 1.1 - 1.5 - 1.8 ns t gsr gsr buffer delay - 2.0 - 3.1 - 4.5 ns t gts gts buffer delay - 4.0 - 5.0 - 7.0 ns t out output buffer delay - 2.0 - 2.5 - 3.0 ns t en output buffer enable/disable delay - 0 - 0 - 0 ns product term control delays t ptck product term clock delay - 1.6 - 2.4 - 2.7 ns t ptsr product term set/reset delay - 1.0 - 1.4 - 1.8 ns t ptts product term 3-state delay - 5.5 - 7.2 - 7.5 ns internal register and combinatorial delays t pdi combinatorial logic propagation delay - 0.5 - 1.3 - 1.7 ns t sui register setup time 2.3 - 2.6 - 3.0 - ns t hi register hold time 1.4 - 2.2 - 3.5 - ns t ecsu register clock enable setup time 2.3 - 2.6 - 3.0 - ns t echo register clock enable hold time 1.4 - 2.2 - 3.5 - ns t coi register clock to output valid time - 0.4 - 0.5 - 1.0 ns t aoi register async. s/r to output delay - 6.0 - 6.4 - 7.0 ns t rai register async. s/r recover before clock 5.0 7.5 10.0 ns t logi internal logic delay - 1.0 - 1.4 - 1.8 ns t logilp internal low power logic delay - 5.0 - 6.4 - 7.3 ns feedback delays t f fast connect ii feedback delay - 1.9 - 3.5 - 4.2 ns time adders t pta incremental product term allocator delay - 0.7 - 0.8 - 1.0 ns t slew slew-rate limited delay - 3.0 - 4.0 - 4.5 ns
xc9536xl high performance cpld 6 www.xilinx.com ds058 (v1.9) april 3, 2007 product specification r xc9536xl i/o pins (2) xc9536xl global, jtag and power pins (1) function block macro- cell pc44vq44cs48vq64 bscan order function block macro- cell pc44vq44cs48vq64 bscan order 1 1 2 40 d6 9 105 2 1 1 39 d7 8 51 1 2 3 41 c7 10 102 2 2 44 38 e5 7 48 135 (1) 43 (1) b7 (1) 15 (1) 99 2 3 42 (1) 36 (1) e6 (1) 5 (1) 45 14442c61196 2 44337e7642 156 (1) 44 (1) b6 (1) 16 (1) 93 2 5 40 (1) 34 (1) f6 (1) 2 (1) 39 1 6 8 2 a6 19 90 2 6 39 (1) 33 (1) g7 (1) 64 (1) 36 177 (1) 1 (1) a7 (1) 17 (1) 87 2 7 38 32 g6 63 33 1 8 9 3 c5 20 84 2 8 37 31 f5 62 30 19115b52281 2 93630g56127 110126a42478 2 103529f46024 111137b42575 2 113428g45721 112148a32772 2 123327e35618 1 13 18 12 b2 33 69 2 13 29 23 f2 50 15 1 14 19 13 b1 35 66 2 14 28 22 g1 48 12 1 15 20 14 c2 36 63 2 15 27 21 f1 45 9 1 16 22 16 c3 38 60 2 16 26 20 e2 44 6 1 17 24 18 d2 42 57 2 17 25 19 e1 43 3 1 18 - - d3 39 54 2 18 - - e4 49 0 notes: 1. global control pin. 2. the pin-outs are the same for pb-free versions of packages. pin type pc44 vq44 cs48 vq64 i/o/gck1 5 43 b7 15 i/o/gck2 6 44 b6 16 i/o/gck3 7 1 a7 17 i/o/gts1 42 36 e6 5 i/o/gts2 40 34 f6 2 i/o/gsr 39 33 g7 64 tck 17 11 a1 30 tdi 15 9 b3 28 tdo 30 24 g2 53 tms 16 10 a2 29 v ccint 3.3v 21, 41 15, 35 c1, f7 3, 37 v ccio 2.5v/3.3v 32 26 g3 55 gnd 10, 23, 31 4, 17, 25 a5, d1, f3 21, 41, 54 no connects - - c4, d4 1, 4, 12, 13, 14, 18, 23, 26, 31, 32, 34, 40, 46, 47, 51, 52, 58, 59 notes: 1. the pin-outs are the same for pb-free versions of packages.
xc9536xl high performance cpld ds058 (v1.9) april 3, 2007 www.xilinx.com 7 product specification r device part marking and ordering combination information device ordering and part marking number speed (pin-to-pin delay) pkg. symbol no. of pins package type operating range (1) xc9536xl-5pc44c 5 ns pc44 44-pin plastic lead chip carrier (plcc) c xc9536xl-5vq44c 5 ns vq44 44-pin quad flat pack (vqfp) c xc9536xl-5cs48c 5 ns cs48 48-ball chip scale package (csp) c xc9536xl-5vq64c 5 ns vq64 64-pin quad flat pack (vqfp) c xc9536xl-7pc44c 7.5 ns pc44 44-pin plastic lead chip carrier (plcc) c xc9536xl-7vq44c 7.5 ns vq44 44-pin quad flat pack (vqfp) c xc9536xl-7cs48c 7.5 ns cs48 48-ball chip scale package (csp) c xc9536xl-7vq64c 7.5 ns vq64 64-pin quad flat pack (vqfp) c xc9536xl-7pc44i 7.5 ns pc44 44-pin plastic lead chip carrier (plcc) i xc9536xl-7vq44i 7.5 ns vq44 44-pin quad flat pack (vqfp) i xc9536xl-7cs48i 7.5 ns cs48 48-ball chip scale package (csp) i xc9536xl-7vq64i 7.5 ns vq64 64-pin quad flat pack (vqfp) i xc9536xl-10pc44c 10 ns pc44 44-pin plastic lead chip carrier (plcc) c xc9536xl-10vq44c 10 ns vq44 44-pin quad flat pack (vqfp) c xc9536xl-10cs48c 10 ns cs48 48-ball chip scale package (csp) c xc9536xl-10vq64c 10 ns vq64 64-pin quad flat pack (vqfp) c xc9536xl-10pc44i 10 ns pc44 44-pin plastic lead chip carrier (plcc) i xc9536xl-10vq44i 10 ns vq44 44-pin quad flat pack (vqfp) i xc9536xl-10cs48i 10 ns cs48 48-ball chip scale package (csp) i xc9536xl-10vq64i 10 ns vq64 64-pin quad flat pack (vqfp) i xc9536xl-5pcg44c 5 ns pcg44 44-pin plastic lead chip carrier (plcc); pb-free c xc9536xl-5vqg44c 5 ns vqg44 44-pin quad flat pack (vqfp); pb-free c notes: 1. due to the small size of chip scale packages, part marking on these packages does not follow the above sample and the complete part number cannot be included in the marking. part marking on chip scale packages by line: line 1 = x (xilinx logo), then truncated part number (no xc), i.e., 95xxxxl. line 2 = not related to device part number. line 3 = not related to device part number. line 4 = package code, speed, operating temperature, three digits not related to part number. package codes: c1 = cs48, c2 = csg48. xc95xxxxl tq144 7c device type package speed operating range this line not related to device part number sample package with part marking. r 1
xc9536xl high performance cpld 8 www.xilinx.com ds058 (v1.9) april 3, 2007 product specification r xc9536xl-5csg48c 5 ns csg48 48-ball chip scale package (csp); pb-free c xc9536xl-5vqg64c 5 ns vqg64 64-pin quad flat pack (vqfp); pb-free c xc9536xl-7pcg44c 7.5 ns pcg44 44-pin plastic lead chip carrier (plcc); pb-free c xc9536xl-7vqg44c 7.5 ns vqg44 44-pin quad flat pack (vqfp); pb-free c xc9536xl-7csg48c 7.5 ns csg48 48-ball chip scale package (csp); pb-free c xc9536xl-7vqg64c 7.5 ns vqg64 64-pin quad flat pack (vqfp); pb-free c xc9536xl-7pcg44i 7.5 ns pcg44 44-pin plastic lead chip carrier (plcc); pb-free i xc9536xl-7vqg44i 7.5 ns vqg44 44-pin quad flat pack (vqfp); pb-free i xc9536xl-7csg48i 7.5 ns csg48 48-ball chip scale package (csp); pb-free i xc9536xl-7vqg64i 7.5 ns vqg64 64-pin quad flat pack (vqfp); pb-free i xc9536xl-10pcg44c 10 ns pcg44 44-pin plastic lead chip carrier (plcc); pb-free c xc9536xl-10vqg44c 10 ns vqg44 44-pin quad flat pack (vqfp); pb-free c xc9536xl-10csg48c 10 ns csg48 48-ball chip scale package (csp); pb-free c XC9536XL-10VQG64C 10 ns vqg64 64-pin quad flat pack (vqfp); pb-free c xc9536xl-10pcg44i 10 ns pcg44 44-pin plastic lead chip carrier (plcc); pb-free i xc9536xl-10vqg44i 10 ns vqg44 44-pin quad flat pack (vqfp); pb-free i xc9536xl-10csg48i 10 ns csg48 48-ball chip scale package (csp); pb-free i xc9536xl-10vqg64i 10 ns vqg64 64-pin quad flat pack (vqfp); pb-free i notes: 1. c = commercial: t a = 0 to +70c; i = industrial: t a = ?40 to +85c. device ordering and part marking number speed (pin-to-pin delay) pkg. symbol no. of pins package type operating range (1) standard example: xc9536xl device speed grade package type number of pins temperature range -4 tq c 144 pb- free example: xc9536xl tq g 144 c device speed grade package type pb -free number of pins -4 temperature range
xc9536xl high performance cpld ds058 (v1.9) april 3, 2007 www.xilinx.com 9 product specification r warranty disclaimer these products are subject to the terms of the xilinx limited warranty which can be viewed at http://www.xilinx.com/warranty.htm . this limited warranty does not extend to any use of the products in an application or environment that is not within the specifications stated on the then-current xilinx data sheet for the produc ts. products are not designed to be fail-safe and are not warranted for use in applications th at pose a risk of physical harm or loss of life. use of products in such applications is fully at the risk of customer subject to applicable laws and regulations. further reading the following xilinx links go to relevant xc9500xl cpld documentation, including xapp111, using the xc9500xl timing model, and xapp784, bulletproof cpld design practices. simply click on the link and scroll down. data sheets, application notes, and white papers. packaging revision history the following table shows the revision history for this document. date version revision 09/28/98 1.0 initial xilinx release. 08/28/00 1.1 added vq44 package. 06/20/02 1.2 updated i cc equation, page 1. removed -4 device. added industrial availability to -7 device. added additional i ih test conditions and measurements to dc characteristics table. 06/18/03 1.3 updated t sol from 260 to 220 o c. added device part marking and updated ordering information. 08/21/03 1.4 updated package device marking pin 1 orientation. 07/15/04 1.5 added pb-free documentation 09/15/04 1.6 added t aprpw specification to ac characteristics. 07/15/05 1.7 move to product specification 03/22/06 1.8 add warranty disclaimer. 04/03/07 1.9 add programming temperature range warning on page 1.
xc9536xl high performance cpld 10 www.xilinx.com ds058 (v1.9) april 3, 2007 product specification r


▲Up To Search▲   

 
Price & Availability of XC9536XL-10VQG64C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X