vco product specification model: vco190-768u(y) rev: date: 8/31/2006 customer: sirenza microdevices, inc. operating temperature range: ( -35 to 85 c) rohs compliant t o order models as rohs compliant add "y" suffix to base m odel number. p arameter m in t yp m ax u nits x r emarks frequency range - 751 768 786 mhz x tuning voltage: 751 mhz 1.3 1.5 vdc x 786 mhz 3.5 3.9 vdc x t uning sensitivity - 1 5 2 2 3 0 m hz/v x output power - -1 2 5 dbm x output phase noise: 10 khz -108 -102 dbc/hz 100 khz -130 -124 dbc/hz x power supply - 5.4 5.7 6 volts supply current - 15 20 ma x harmonic suppression: 2nd harmonic -13 -10 dbc x 3rd harmonic -18 -15 dbc x spurious (non-harmonic) - -100 dbc frequency pushing - 5.4-6 v 1 2 mhz p-p frequency pulling - 12 db rl 1 2 mhz p-p tuning port capacitance - 47 pf output impedance - 50 package information package type: u (0.374 x 0.374 x 0.13 inches ) drawing number: 60036 comments x indicates parameter to be tested 100% in production p e r f o r m a n c e t e s t s a n d r a t i n g s f o r s i r e n z a m i c r o d e v i c e s ' p r o d u c t s w e r e p e r f o r m e d i n t e r n a l l y b y s i r e n z a a n d m e a s u r e d u s i n g s p e c i f i c c o m p u t e r s y s t e m s a n d / o r c o m p o n e n t s a n d r e f l e c t t h e a p p r o x i m a t e p e r f o r m a n c e o f t h e t h e p r o d u c t s a s m e a s u r e d b y t h o s e t e s t s . a n y d i f f e r e n c e i n c i r c u i t i m p l e m e n t a t i o n , t e s t s o f t w a r e , o r t e s t e q u i p m e n t m a y a f f e c t a c t u a l p e r f o r m a n c e . t h e i n f o r m a t i o n p r o v i d e d h e r e i n i s b e l i e v e d t o b e r e l i a b l e a t p r e s s t i m e a n d s i r e n z a m i c r o d e v i c e s a s s u m e s n o r e s p o n s i b i l i t y f o r t h e u s e o f t h i s i n f o r m a t i o n . a l l s u c h u s e s h a l l b e e n t i r e l y a t t h e u s e r ' s o w n r i s k . p r i c e s a n d s p e c i f i c a t i o n s f o r s i r e n z a m i c r o d e v i c e s ' p r o d u c t s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . b u y e r s s h o u l d c o n s u l t s i r e n z a m i c r o d e v i c e s ' s t a n d a r d t e r m s a n d c o n d i t i o n s o f s a l e f o r s i r e n z a ' s l i m i t e d w a r r a n t y w i t h r e g a r d t o i t s p r o d u c t s . t h e s e p r o d u c t s m a y b e p a t e n t e d o r i n c l u d e p a t e n t e d t e c h n o l o g y . n o p a t e n t r i g h t s o r l i c e n s e s t o a n y o f t h e c i r c u i t s d e s c r i b e d h e r e i n a r e i m p l i e d o r g r a n t e d t o a n y t h i r d p a r t y . s i r e n z a m i c r o d e v i c e s d o e s n o t a u t h o r i z e o r w a r r a n t a n y p r o d u c t f o r u s e i n l i f e - s u p p o r t d e v i c e s a n d / o r s y s t e m s . page 1 of 1 s i r e n z a m i c r o d e v i c e s , i n c . 3 0 3 s . t e c h n o l o g y c t . b r o o m f i e l d , c o 8 0 0 2 1 t e l 3 0 3 . 3 2 7 . 3 0 3 0 f a x 3 0 3 . 4 1 0 . 7 9 8 8
|