Part Number Hot Search : 
TDA9105 P4856WE1 BCM8040 LM78LXXA 74LS65 SG217T 8M000 AE9953
Product Description
Full Text Search
 

To Download SN74LS393-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 october, 2001 rev. 1 1 publication order number: sn74ls393/d sn74ls393 dual 4-stage binary counter the sn74ls393 contains a pair of high-speed 4-stage ripple counters. each half of the ls393 operates as a modulo-16 binary divider, with the last three stages triggered in a ripple fashion. in the ls393, the flip-flops are triggered by a high-to-low transition of their cp inputs. each half of each circuit type has a master reset input which responds to a high signal by forcing all four outputs to the low state. ? dual versions ? individual asynchronous clear for each counter ? typical max count frequency of 50 mhz ? input clamp diodes minimize high speed termination effects guaranteed operating ranges symbol parameter min typ max unit v cc supply voltage 4.75 5.0 5.25 v t a operating ambient temperature range 0 25 70 c i oh output current high 0.4 ma i ol output current low 8.0 ma low power schottky soic d suffix case 751a plastic n suffix case 646 14 1 14 1 soeiaj m suffix case 965 14 1 http://onsemi.com device package shipping ordering information sn74ls393n 14 pin dip 2000 units/box sn74ls393d soic14 55 units/rail sn74ls393dr2 soic14 2500/tape & reel sn74ls393m soeiaj14 see note 1 sn74ls393mel soeiaj14 1. for ordering information on the eiaj version of the soic package, please contact your local on semiconductor representative. see note 1
sn74ls393 http://onsemi.com 2 connection diagram dip (top view) clock (active low going edge) input to +16 (ls393) clock (active low going edge) input to 2 (ls390) clock (active low going edge) input to 5 (ls390) master reset (active high) input flip-flop outputs cp cp 0 cp 1 mr q 0 - q 3 0.5 u.l. 0.5 u.l. 0.5 u.l. 0.5 u.l. 10 u.l. 1.0 u.l. 1.0 u.l. 1.5 u.l. 0.25 u.l. 5 u.l. notes: a) 1 ttl unit load (u.l.) = 40  a high/1.6 ma low. high low (note a) loading pin names note: the flatpak version has the same pinouts (connection diagram) as the dual inline package. 14 13 12 11 10 9 123456 8 7 v cc cp mr q 0 q 1 q 2 q 3 cp mr q 0 q 1 q 2 q 3 gnd
sn74ls393 http://onsemi.com 3 functional description each half of the sn74ls393 operates in the modulo 16 binary sequence, as indicated in the 16 truth table. the first flip-flop is triggered by high-to-low transitions of the cp input signal. each of the other flip-flops is triggered by a high-to-low transition of the q output of the preceding flip-flop. thus state changes of the q outputs do not occur simultaneously. this means that logic signals derived from combinations of these outputs will be subject to decoding spikes and, therefore, should not be used as clocks for other counters, registers or flip-flops. a high signal on mr forces all outputs to the low state and prevents counting. sn74ls393 logic diagram (one half shown) mr cp kcp j c d q kcp j c d q kcp j c d q kcp j c d q q 0 q 1 q 2 q 3 count outputs q 3 q 2 q 1 q 0 0 1 2 3 4 5 6 7 8 9 10 11 l l l l h h h h h h h h l l h h l l h h l l h h l h l h l h l h l h l h l l l l l l l l h h h h 12 13 14 15 l l l l l l h h l h l h h h h h h = high voltage level l = low voltage level truth table
sn74ls393 http://onsemi.com 4 dc characteristics over operating temperature range (unless otherwise specified) limits symbol parameter min typ max unit test conditions v ih input high voltage 2.0 v guaranteed input high voltage for all inputs v il input low voltage 0.8 v guaranteed input low voltage for all inputs v ik input clamp diode voltage 0.65 1.5 v v cc = min, i in = 18 ma v oh output high voltage 2.7 3.5 v v cc = min, i oh = max, v in = v ih or v il per truth table v ol out p ut low voltage 0.25 0.4 v i ol = 4.0 ma v cc = v cc min, v in v il or v ih v ol output low voltage 0.35 0.5 v i ol = 8.0 ma v in = v il or v ih per truth table i ih in p ut high current 20 m a v cc = max, v in = 2.7 v i ih input high current 0.1 ma v cc = max, v in = 7.0 v mr 0.4 ma i il input low current cp , cp 0 1.6 ma v cc = max, v in = 0.4 v il cp 1 2.4 ma cc , in i os short circuit current (note 2) 20 100 ma v cc = max i cc power supply current 26 ma v cc = max 2. not more than one output should be shorted at a time, nor for more than 1 second. ac characteristics (t a = 25 c, v cc = 5.0 v) limits symbol parameter min typ max unit test conditions f max maximum clock frequency cp 0 to q 0 25 35 mhz f max maximum clock frequency cp 1 to q 1 20 mhz t plh t phl propagation delay, cp to q 0 12 13 20 20 ns c l = 15 pf t plh t phl cp to q 3 40 40 60 60 ns t phl mr to any output 24 39 ns ac setup requirements (t a = 25 c, v cc = 5.0 v) limits symbol parameter min typ max unit test conditions t w clock pulse width 20 ns t w mr pulse width 20 ns v cc = 5.0 v t rec recovery time 25 ns cc
sn74ls393 http://onsemi.com 5 ac waveforms *the number of clock pulses required between t phl and t plh measurements can be determined from the appropriate truth table. *cp q q mr & ms cp 1.3 v 1.3 v 1.3 v 1.3 v 1.3 v 1.3 v 1.3 v 1.3 v t phl t phl t plh figure 1. figure 2. t w t w t rec
sn74ls393 http://onsemi.com 6 package dimensions 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 18.80 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m --- 10 --- 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n t 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87 n suffix plastic package case 64606 issue m
sn74ls393 http://onsemi.com 7 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  d suffix plastic soic package case 751a03 issue f
sn74ls393 http://onsemi.com 8 package dimensions h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e 0.50 m z m suffix soeiaj package case 96501 issue o on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. sn74ls393/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of SN74LS393-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X