Part Number Hot Search : 
XXXSE AN001PG CD54AC04 CD5265CS AT82NGSZ 2SB956 79H0006 ICX206
Product Description
Full Text Search
 

To Download SIE862DF-T1-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix sie862df document number: 65026 s09-1395-rev. a, 20-jul-09 www.vishay.com 1 new product n-channel 30-v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ? trenchfet ? gen iii power mosfet ? ultra low thermal resistance using top-exposed polarpak ? package for double-sided cooling ? leadframe-based new encapsulated package - die not exposed - same layout regardless of die size 100 v ? low q gd /q gs ratio helps prevent shoot-through ? 100 % r g and uis tested ? compliant to rohs directive 2002/95/ec applications ?vrm ? dc/dc conversion ? synchronous rectification ? pol product summary v ds (v) r ds(on) ( ) e i d (a) a q g (typ.) silicon limit package limit 30 0.0032 at v gs = 10 v 134 50 23 nc 0.0041 at v gs = 4.5 v 119 50 package drawing www.vishay.com/doc?68797 to p v ie w bottom v ie w top s u rface is connected to pins 1, 5, 6, and 10 polarpak 10 d s s g d d s s g d 1 432 5 67 8 9 d dsg d 5 4 3 2 1 6 7 8 9 10 orderin g information: sie 8 62df -t1-ge3 (lead (p b )-free and halogen-free) for related documents www.vishay.com/ppg?65026 n -channel mosfet g d s notes: a. package limited. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. see solder profile ( www.vishay.com/doc?73257 ). the polarpak is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufactu ring. a solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. e. rework conditions: manual soldering with a sold ering iron is not recommended for leadless components. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d 134 (silicon limit) a 50 a (package limit) t c = 70 c 50 a t a = 25 c 30 b, c t a = 70 c 24 b, c pulsed drain current i dm 100 continuous source-drain diode current t c = 25 c i s 50 a t a = 25 c 4.3 b, c single pulse avalanche current l = 0.1 mh i as 40 avalanche energy e as 80 mj maximum power dissipation t c = 25 c p d 104 w t c = 70 c 66 t a = 25 c 5.2 b, c t a = 70 c 3.3 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260
www.vishay.com 2 document number: 65026 s09-1395-rev. a, 20-jul-09 vishay siliconix sie862df new product notes: a. surface mounted on 1" x 1" fr4 board. b. maximum under steady stat e conditions is 68 c/w. c. measured at source pin ( on the side of the package). notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a, b t 10 s r thja 20 24 c/w maximum junction-to-case (drain top) steady state r thjc (drain) 1 1.2 maximum junction-to-case (source) a, c r thjc (source) 2.8 3.4 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 30 v v ds temperature coefficient v ds /t j i d = 250 a 31 mv/c v gs(th) temperature coefficient v gs(th) /t j - 6 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.2 1.65 2.2 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 30 v, v gs = 0 v 1 a v ds = 30 v, v gs = 0 v, t j = 55 c 10 on-state drain current a i d(on) v ds 5 v, v gs = 10 v 25 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 20 a 0.0026 0.0032 v gs = 4 .5 v, i d = 20 a 0.0034 0.0038 forward transconductance a g fs v ds = 10 v, i d = 20 a 90 s dynamic b input capacitance c iss v ds = 15 v, v gs = 0 v, f = 1 mhz 3100 pf output capacitance c oss 610 reverse transfer capacitance c rss 215 total gate charge q g v ds = 10 v, v gs = 10 v, i d = 20 a 48 75 nc v ds = 10 v, v gs = 4.5 v, i d = 20 a 23 35 gate-source charge q gs 8 gate-drain charge q gd 6.8 gate resistance r g f = 1 mhz 0.3 1.4 2.8 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 i d ? 10 a, v gen = 4.5 v, r g = 1 30 45 ns rise time t r 20 30 turn-off delay time t d(off) 40 60 fall time t f 15 25 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 i d ? 10 a, v gen = 10 v, r g = 1 12 20 rise time t r 12 20 turn-off delay time t d(off) 35 55 fall time t f 15 25 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 50 a pulse diode forward current a i sm 100 body diode voltage v sd i s = 10 a 0.8 1.2 v body diode reverse recovery time t rr i f = 10 a, di/dt = 100 a/s, t j = 25 c 40 60 ns body diode reverse recovery charge q rr 40 60 nc reverse recovery fall time t a 21 ns reverse recovery rise time t b 19
document number: 65026 s09-1395-rev. a, 20-jul-09 www.vishay.com 3 vishay siliconix sie862df new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current and gate voltage gate charge 0 20 40 60 8 0 100 0.0 0.5 1.0 1.5 2.0 v gs =10 v thr u 4 v v gs =2 v v gs =3 v v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d 0.0015 0.0020 0.0025 0.0030 0.0035 0.0040 0 204060 8 0 100 v gs =4.5 v v gs =10 v - on-resistance ( ) r ds(on) i d - drain c u rrent (a) 0 2 4 6 8 10 0 1020304050 v ds =15 v v ds =7.5 v i d =20a v ds =24 v - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs transfer characteristics capacitance on-resistance vs. junction temperature 0 4 8 12 16 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 c t c = 125 c t c = - 55 c v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (a) i d c rss 0 8 00 1600 2400 3200 4000 0 5 10 15 20 25 30 c iss c oss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 - 50 - 25 0 25 50 75 100 125 150 i d =20a v gs =4.5 v v gs =10 v t j -j u nction temperat u re (c) ( n ormalized) - on-resistance r ds(on)
www.vishay.com 4 document number: 65026 s09-1395-rev. a, 20-jul-09 vishay siliconix sie862df new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 10 1 100 t j = 25 c t j = 150 c v sd -so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 2.2 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a ( v ) v gs(th) t j - temperat u re (c) on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.000 0.002 0.004 0.006 0.00 8 0246 8 10 i d =20a t j = 25 c t j = 125 c - on-resistance ( ) r ds(on) v gs - gate-to-so u rce v oltage ( v ) 0 30 50 10 20 ) w ( r e w o p time (s) 40 10 1000 1 0.1 0.01 100 safe operating area, junction-to-ambient v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d 0.001 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1ms 100 ms 10 ms t a = 25 c single p u lse dc b v dss limited limited b yr ds(on) * 10 s 1s
document number: 65026 s09-1395-rev. a, 20-jul-09 www.vishay.com 5 vishay siliconix sie862df new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0 30 60 90 120 150 0 255075100125150 package limited t c - case temperat u re (c) i d - drain c u rrent (a) power derating, junction-to-case 0 20 40 60 8 0 100 120 25 50 75 100 125 150 t c - case temperat u re (c) ) w ( n o i t a p i s s i d r e w o p
www.vishay.com 6 document number: 65026 s09-1395-rev. a, 20-jul-09 vishay siliconix sie862df new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?65026 . normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 600 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single p u lse d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) t n e i s n a r t e v i t c e f f e d e z i l a m r o n e c n a d e p m i l a m r e h t 1. d u ty cycle, d = 2. per unit base = r thja = 55 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 n otes: 4. s u rface mo u nted p dm normalized thermal transient impedance, junction-to-case (drain top) 10 -3 10 -2 1 10 -1 10 -4 2 1 0.1 0.01 0.2 0.1 d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) t n e i s n a r t e v i t c e f f e d e z i l a m r o n e c n a d e p m i l a m r e h t 0.02 0.05 single p u lse normalized thermal transient impedance, junction-to-source 0.05 10 -3 10 -2 1 10 -1 10 -4 2 1 0.1 0.01 0.2 0.1 d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) t n e i s n a r t e v i t c e f f e d e z i l a m r o n e c n a d e p m i l a m r e h t 0.02 single p u lse
document number: 68797 www.vishay.com revision: 11-aug-08 1 package information vishay siliconix polarpak? option u a1 detail z a (top v ie w ) v ie w a v ie w a (bottom v ie w ) a m4 m4 m3 m2 m3 m1 t5 t4 t5 t3 t2 t3 t1 e1 e d1 d h1 b 1 h2 h3 b 3 h4 b 1 h1 k4 k1 k4 b 5 b 5 b 5 p1 p1 p1 k3 k2 p1 k3 b 2 0.5 8 4 0.332 0.203 0.127 0.254 0.254 0.3 8 1 b 4 b 4 a c
www.vishay.com document number: 68797 2 revision: 11-aug-08 package information vishay siliconix notes millimeters govern over inches. millimeters inches dim min. nom. max. min. nom. max. a 0.75 0.80 0.85 0.030 0.031 0.033 a1 0.00 - 0.05 0.000 - 0.002 b1 0.48 0.58 0.68 0.019 0.023 0.027 b2 0.41 0.51 0.61 0.016 0.020 0.024 b3 2.19 2.29 2.39 0.086 0.090 0.094 b4 0.89 1.04 1.19 0.035 0.041 0.047 b5 0.23 0.33 0.43 0.009 0.013 0.017 c 0.20 0.25 0.30 0.008 0.010 0.012 d 6.00 6.15 6.30 0.236 0.242 0.248 d1 5.74 5.89 6.04 0.226 0.232 0.238 e 5.01 5.16 5.31 0.197 0.203 0.209 e1 4.75 4.90 5.05 0.187 0.193 0.199 h1 0.23 - - 0.009 - - h2 0.45 - 0.56 0.018 - 0.022 h3 0.31 0.41 0.51 0.012 0.016 0.020 h4 0.45 - 0.56 0.018 - 0.022 k1 4.22 4.37 4.52 0.166 0.172 0.178 k2 1.62 1.67 1.72 0.064 0.066 0.068 k3 1.16 - - 0.046 - - k4 0.24 - - 0.009 - - m1 4.30 4.50 4.70 0.169 0.177 0.185 m2 3.43 3.58 3.73 0.135 0.141 0.147 m3 0.22 - - 0.009 - - m4 0.05 - - 0.002 - - p1 0.15 0.20 0.25 0.006 0.008 0.010 t1 3.48 3.64 4.10 0.137 0.143 0.161 t2 0.56 0.76 0.95 0.022 0.030 0.037 t3 1.20 - - 0.047 - - t4 3.90 - - 0.153 - - t5 0 0.18 0.36 0.000 0.007 0.014 0 10 12 0 10 12 ecn: t-08441-rev. a, 11-aug-08 dwg: 5966
application note 826 vishay siliconix www.vishay.com document number: 73491 6 revision: 21-jan-08 application note recommended minimum pads for polarpak ? option l and s 0.955 (0.03 8 ) 0.410 (0.016) 0.510 (0.020) 0.510 (0.020) 7.300 (0.2 8 7) 0.955 (0.03 8 ) 0. 8 95 (0.035) 0. 8 95 (0.035) 0.5 8 0 (0.023) 2.290 (0.090) 0.510 (0.020) 0.5 8 0 (0.023) 4.520 (0.17 8 ) 6.310 (0.24 8 ) + recommended minim u m for polarpak option l and s dimensions in mm/(inches) n o external traces w ithin broken lines dot indicates gate pin (part marking) return to index
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SIE862DF-T1-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X