Part Number Hot Search : 
AN2842 3033CTRU SR315 NCASF1 160CA HV857MG OVM4B ST100
Product Description
Full Text Search
 

To Download SEMIX402GAL066HDS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semix402gal066hds ? by semikron rev. 36 ? 02.12.2008 1 semix ? 2s gal trench igbt modules semix402gal066hds preliminary data features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications ? matrix converter ? resonant inverter ? current source inverter remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? for short circuit: soft r goff recommended ? take care of over-voltage caused by stray inductance absolute maximum ratings symbol conditions values unit igbt v ces 600 v i c t j = 175 c t c =25c 509 a t c =80c 383 a i cnom 400 a i crm i crm = 2xi cnom 800 a v ges -20 ... 20 v t psc v cc = 360 v v ge 15 v t j = 150 c v ces 600 v 6s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 543 a t c =80c 397 a i fnom 400 a i frm i frm = 2xi fnom 800 a i fsm t p = 10 ms, sin 180, t j =25c 1800 a t j -40 ... 175 c freewheeling diode i f t j = 175 c t c =25c 543 a t c =80c 397 a i fnom 400 a i frm i frm = 2xi fnom 800 a i fsm t p = 10 ms, sin 180, t j =25c 1800 a t j -40 ... 175 c module i t(rms) 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =400a v ge =15v chiplevel t j =25c 1.45 1.9 v t j = 150 c 1.70 2.1 v v ce0 t j =25c 0.9 1 v t j = 150 c 0.85 0.9 v r ce v ge =15v t j =25c 1.4 2.3 m ? t j = 150 c 2.1 3.0 m ? v ge(th) v ge =v ce , i c =6.4ma 5 5.8 6.5 v i ces v ge =0v v ce =600v t j =25c 0.15 0.45 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 24.7 nf c oes f=1mhz 1.54 nf c res f=1mhz 0.73 nf q g v ge =- 8 v...+ 15 v 3200 nc r gint t j =25c 1.00 ?
semix402gal066hds 2 rev. 36 ? 02.12.2008 ? by semikron t d(on) v cc = 300 v i c =400a t j = 150 c r g on =4.5 ? r g off =4.5 ? 150 ns t r 125 ns e on 22 mj t d(off) 900 ns t f 65 ns e off 24 mj r th(j-c) per igbt 0.12 k/w r th(j-s) per igbt k/w inverse diode v f = v ec i f =400a v ge =0v chiplevel t j =25c 1.4 1.6 v t j = 150 c 1.4 1.6 v v f0 t j =25c 0.9 1 1.1 v t j = 150 c 0.75 0.85 0.95 v r f t j =25c 0.8 1.0 1.3 m ? t j = 150 c 1.1 1.4 1.6 m ? i rrm i f =400a di/dt off = 3700 a/s v ge =-8v v cc = 300 v t j = 150 c 250 a q rr t j = 150 c 47 c e rr t j = 150 c 10 mj r th(j-c) per diode 0.15 k/w r th(j-s) per diode k/w freewheeling diode v f = v ec i f =400a v ge =0v chiplevel t j =25c 1.4 1.6 v t j = 150 c 1.4 1.6 v v f0 t j =25c 0.9 1 1.1 v t j = 150 c 0.75 0.85 0.95 v r f t j =25c 0.8 1.0 1.3 m ? t j = 150 c 1.1 1.4 1.6 m ? i rrm i f =400a di/dt off = 3700 a/s v ge =-8v v cc = 300 v t j = 150 c 250 a q rr t j = 150 c 47 c e rr t j = 150 c 10 mj r th(j-c) per diode 0.15 k/w r th(j-s) per diode k/w module l ce 18 nh r cc'+ee' res., terminal-chip t c =25c 0.7 m ? t c = 125 c 1m ? r th(c-s) per module 0.045 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm nm w 250 g temperature sensor r 100 t c =100c (r 25 =5 k ? ) 0,493 5% k ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k characteristics symbol conditions min. typ. max. unit semix ? 2s gal trench igbt modules semix402gal066hds preliminary data features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications ? matrix converter ? resonant inverter ? current source inverter remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? for short circuit: soft r goff recommended ? take care of over-voltage caused by stray inductance
semix402gal066hds ? by semikron rev. 36 ? 02.12.2008 3 fig. 1 typ. output char acteristic, inclusive r cc'+ ee' fig. 2 rated current vs. temperature i c = f (t c ) fig. 3 typ. turn-on /-off energy = f (i c ) fig. 4 typ. turn-on /-off energy = f (r g ) fig. 5 typ. transfer characteristic fig. 6 typ. gate charge characteristic
semix402gal066hds 4 rev. 36 ? 02.12.2008 ? by semikron fig. 7 typ. switching times vs. i c fig. 8 typ. switching times vs. gate resistor r g fig. 9 typ. transient thermal impedance fig. 10 typ. cal diode forward charact., incl. r cc'+ee' fig. 11 typ. cal diode peak reverse recovery current fig. 12 typ. cal diode recovery charge
semix402gal066hds ? by semikron rev. 36 ? 02.12.2008 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. semix 2s gal


▲Up To Search▲   

 
Price & Availability of SEMIX402GAL066HDS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X