Part Number Hot Search : 
DS220W 2SD1978 0923171 FH201 HC40600 15500 LBXLENP MRF136
Product Description
Full Text Search
 

To Download SB606G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 662 - sb6g, sbt6g series single phase 6.0 amps. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 6.0 amperes features ul recognized file # e-96005 glass passivated junction surge overload rating 175 amperes peak low forward voltage drop mounting position: any high temperature soldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension small size, simple installation leads solderable per mil-std-202 method 208 sbt-6 sb-6 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% sb 601g sb 602g sb 603g sb 604g sb 605g sb 606g sb 607g type number symbol sbt 601g sbt 602g sbt 603g sbt 604g sbt 605g sbt 606g sbt 607g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current @t a = 50 i (av) 6.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 175 a maximum instantaneous forward voltage @ 3.0a v f 1.1 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 10 500 ua ua typical thermal resistance (note 1) (note 2) r ja r jl 22 7.3 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note: 1. unit mounted on p.c.b. at 0.375? (9.5mm) lead length with 0.5? x 0.5? (12mm x 12mm) copper pads. 2. unit mounted on 2? x 3? x 0.25? al. plate.
- 663 - ratings and characteristic curves ( sbt601g thru sbt607g ) fig.4- typical reverse characteristics per bridge element instantaneous reverse current , microamperes 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.1- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 10 68 80 4 2 1204060 100 100 50 0 150 250 200 175 number of cycles at 60hz fig.2- typical forward current derating curve average for ward output current amperes 50 0 100 150 0 2 4 6 10 8 ambient temperature. ( c) o fig.3- typical forward characteristics per bridge element instantaneous for ward current amperes .8 .6 1.0 1.4 1.2 1.6 1.8 2.0 0.1 0.01 1.0 10 100 forward voltage. volts tj=25 c pulse width-300 s 1% duty cycle 0 sb601g sb607g


▲Up To Search▲   

 
Price & Availability of SB606G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X