Part Number Hot Search : 
UCA6406N 2SK2390 BZT52B15 BD131 VUO12 DG16080 EFMA250 331M1
Product Description
Full Text Search
 

To Download PX0843A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 52 buccaneer for data buccaneer data buccaneer data usb buccaneer ?  ip68 rated  usb version 2.0 performance  plug and play capability  visual mating indication  shielded system  single and double ended cables  screw coupling  pcb versions  dust and waterproof sealing when mated  low and high speed bus connection, 1.5mbs to 480mbs  hot pluggable, standard 4 pole interface  alignment indicator reduces risk of damage during mating  high noise immunity and emi protection  suitable for pc and peripheral configuration  secure, proven locking system  direct mounting or via adaptor leads over moulded assembly provides ip68 cable seal coupling ring, screw thread provides secure cable coupling standard usb connector sealing cap clip o ring maintains ip68 seal at connector interface panel gasket maintains ip68 seal to panel retaining nut usb adaptor ip68 conns4 - buccaneer 2010 - data:conns4 - buccaneer 2005v8 8/6/10 16:38 page 52
www.elektron-bulgin.com 53 px0840/a px0840/b single ended sealed cable assembly  ip68 a type usb connector to standard b type usb connector, mates with all panel mount connectors  ip68 b type usb connector to standard a type usb connector, mates with all panel mount connectors  available in 2m, 3m and 5m lengths double ended sealed cable assembly  ip68 a type usb connector to ip68 b type usb connector  mates with all panel mount connectors  available in 2m, 3m and 5m lengths sealed usb cables - single ended sealed usb cables - double ended px0841/ab usb buccaneer ? part no. length description px0840/a/2m00 2m ip68 a type usb to standard b type usb px0840/a/3m00 3m ip68 a type usb to standard b type usb px0840/a/5m00 5m ip68 a type usb to standard b type usb px0840/b/2m00 2m ip68 b type usb to standard a type usb px0840/b/3m00 3m ip68 b type usb to standard a type usb px0840/b/5m00 5m ip68 b type usb to standard a type usb part no. length description px0841/ab/2m00 2m ip68 a type usb to ip68 b type usb px0841/ab/3m00 3m ip68 a type usb to ip68 b type usb px0841/ab/5m00 5m ip68 a type usb to ip68 b type usb px0840/a/xmxx px0840/b/xmxx px0841/ab/xmxx buccaneer for data buccaneer data buccaneer data 6dccf- 5h@@:caae )( 7:g:36dccf- 5h@@:caae).i11&/&((/3,19:ba.,
www.elektron-bulgin.com 54 buccaneer for data buccaneer data buccaneer data usb buccaneer ? px0842/a px0842/b  px0842/a - usb a type ip68 connector  px0842/b - usb b type ip68 connector  opposite connector to rear of panel  mates with px0840 and px0841cable connectors front panel mounting connector part no. description px0842/a ip68 a type usb, front panel mounted. sealed a type at front of panel, standard b type at rear. px0842/b ip68 b type usb, front panel mounted. sealed b type at front of panel, standard a type at rear. px0843/a px0843/b  px0843/a - usb a type ip68 connector  px0843/b - usb b type ip68 connector  leaded with 5 way crimp connector  mates with px0840 and px0841 cable connectors front panel mounting connector part no. description px0843/a ip68 a type usb, front panel mounted. sealed a type at front of panel, 5 way crimp connector at rear. px0843/b ip68 b type usb, front panel mounted. sealed b type at front of panel, 5 way crimp connector at rear. px0460/a as px0843/a with exposed braid for use with px0465 screening can px0460/b as px0843/b with exposed braid for use with px0465 screening can px0844/a px0844/b  ip68 sealed through panel  px0844/a - usb 'a' type ip68 connector  px0844/b - usb 'b' type ip68 connector  standard usb interface plug options to rear of panel  500mm standard cable length, other lengths available  mates with px0840 and px0841 front panel mounting connector part no. description px0844/a/0m50/a ip68 a type usb, sealed through panel, sealed 'a' type at front of panel, standard 'a' type at rear px0844/a/0m50/b ip68 a type usb, sealed through panel, sealed 'a' type at front of panel, standard 'b' type at rear px0844/b/0m50/a ip68 b type usb, sealed through panel, sealed 'b' type at front of panel, standard 'a' type at rear px0844/b/0m50/b ip68 b type usb, sealed through panel, sealed 'b' type at front of panel, standard 'b' type at rear 5baad, 4f::9a< www.elektron-bulgin.com 55 px0849/a px0849/b  px0849/a - usb a type ip68 connector  px0849/b - usb b type ip68 connector  leaded with 5 way header  mates with px0840 and px0841cable connectors rear panel mounting connector part no. description px0849/a ip68 a type usb, rear panel mounted. sealed a type at front of panel, 5 way header at rear. px0849/b ip68 b type usb, rear panel mounted. sealed b type at front of panel, 5 way header at rear. px0845/a px0845/b  px0845/a - usb a type ip68 connector  px0845/b - usb b type ip68 connector  pcb contacts at rear  direct pcb mount  mates with px0840 and px0841cable connectors rear panel mounting connector - pcb direct mount part no. description px0845/a ip68 a type usb, rear panel mounted. sealed a type at front of panel, direct mount pcb contacts at rear. px0845/b ip68 b type usb, rear panel mounted. sealed b type at front of panel, direct mount pcb contacts at rear. usb buccaneer ? px0848/a px0848/b  px0848/a - usb a type ip68 connector  px0848/b - usb b type ip68 connector  opposite connector to rear of panel  mates with px0840 and px0841 cable connectors rear panel mounting connector part no. description px0848/a ip68 a type usb, rear panel mounted. sealed a type at front of panel, standard b type at rear. px0848/b ip68 b type usb, rear panel mounted. sealed b type at front of panel, standard a type at rear. buccaneer for data buccaneer data buccaneer data conns4 - buccaneer 2010 - data:conns4 - buccaneer 2005v8 8/6/10 16:38 page 55
www.elektron-bulgin.com 56 buccaneer for data buccaneer data buccaneer data usb buccaneer ? part no. description px0835 sealing cap for cable connectors (px0840, px0841) px0733 sealing cap for front panel mounting connector (px0842, px0843) px0711 sealing cap for rear panel mounting connector (px0848, px0849, px0845)  standard a and b type usb connectors to 5 way crimp adaptor leads  5 way headers, 2.54mm pitch, horizontal or vertical mounting pcb adaptor leads part no. description 14193 usb a type to 5 way crimp connector 14194 usb b type to 5 way crimp connector 14191 5 way pcb header straight 14192 5 way pcb header right angle 436 )-)/) 436 )-)/, 436 )-)/- 436 )-)/+  sealing caps to maintain ip68 rating when connectors are not in use  px0835 for cable connectors px0840 & px0841  px0733 for front panel mount connectors px0842, px0843 & px0844  px0711 for rear panel mount connectors px0848, px0849 & px0845 accessories  for use with usb flash drives  maintains ip68 rating when mated with panel connector  for use with a type connectors: px0842, px0843, px0845, px0848 & px0849  internal accommodation 17.5 x 14.0 x 83mm approx. usb flash drive cover px0852  maintains cable screening directly to panel  screening can clips around the panel fixing nut  for use on px0460/a and px0460/b screening can px0465 6dccf- 5h@@:caae )( 7:g:36dccf- 5h@@:caae).i11&/&((/3,29:ba./
www.elektron-bulgin.com 57 cable construction - px0840, px0841 specification cables & connectors mechanical sealing ip68, en60529 operating temperature 0?c to +70?c electrical no. of poles 4 current rating 1a voltage rating 30vac (rms) contact resistance 30m max. performance usb version 2.0 materials - overmoulded overmould material pvc (black) flammability rating ul94v-0 materials - re-wireable and panel connectors shell material steel shell plating nickel contact material copper alloy contact plating 30 micro inch gold connector body & locking ring polyester panel connector nylon 6 flammability rating ul94v-0 o rings silicon panel gasket - round silicon panel gasket - square neoprene mating cycles 1,000 compliant materials - cable cable jacket pvc (black) screen tinned copper braid flammability ul94v-0 compliant conductors conductors length: dia signal power 2m 4.8mm 2 x 28awg 2 x 24awg 3m 5.0mm 2 x 28awg 2 x 22awg 5m 5.2mm 2 x 25awg 2 x 20awg pcb adaptor leads electrical no. of conductors 4 current rating 1a voltage rating 30vac (rms) contact resistance <10m max. pcb pitch 2.54mm materials moulding polycarbonate flammability ul94v-0 contact material copper alloy contact plating 30 micro inch gold wire insulation pvc (black) flammability ul94-v0 conductors 4 x 28awg operating temperature 0?c to +70?c mating cycles 1,000 compliant rohs rohs rohs pvc jacket braid insulation sr-pvc insulation hd-pe insulation - polyolefin conductor 2m - 28awg 3m - 28awg 5m - 25awg conductor 2m - 24awg 3m - 22awg 5m - 20awg drain wire usb buccaneer ? buccaneer for data buccaneer data buccaneer data 6dccf- 5h@@:caae )( 7:g:36dccf- 5h@@:caae).i11&/&((/3,29:ba.0


▲Up To Search▲   

 
Price & Availability of PX0843A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X