Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download NRSS103M63V16X25TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  88 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial leads, polarized, new reduced case sizing (further reduced from nrsa series) expanded taping availability nrss series characteristics nrsa nrss (today?s standard) (reduced sizes) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 100vdc capacitance range 10 ~ 10,000 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current @ +20c after 1 min. 0.03cv or 4 a, whichever is greater after 2 min. 0.01cv or 3 a, whichever is greater max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 13 20 32 44 63 79 125 c < 1,000 f 0.28 0.24 0.20 0.18 0.14 0.12 0.10 0.08 c = 2,200 f 0.30 0.26 0.22 0.18 0.18 0.14 - - c = 3,300 f 0.32 0.28 0.24 0.20 0.18 0.18 - - c = 4,700 f 0.34 0.30 0.26 0.22 0.20 - - - c = 6,800 f 0.36 0.32 0.28 0.24 - - - - c = 10,000 f 0.38 0.34 0.30 - - - - - low temperature stability inpedance ratio @ 120hz z-25c/z+20c 5 4 322222 z-40c/z+20c 12 10 854444 load life test at rated w.v. +85c 2,000 hours capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value shelf life test 85c 1,000 hours no load capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value lead spacing and diameter (mm) standard product and case size table d x l (mm) = l < 20mm = 1.5mm, l > 20mm = 2.0mm cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 10100------- 6.3x11 22220------ 5x11 8x11.5 33 330 - - - - see nrsa 5x11 see nrsa 8x12.5 47 470 - - - see nrsa 5x11 see nrsa 6.3x11 10x12.5 100 101 - - 5x11 see nrsa 6.3x11 see nrsa 8x11.5 10x20 150 151 - - - 6.3x11 - - - - 220 221 - 5x11 6.3x11 see nrsa 8x11.5 10x12.5 10x16 12.5x25 330 331 - 6.3x11 see nrsa 8x11.5 10x12.5 10x16 10x20 12.5x25 470 471 6.3x11 6.3x11 8x11.5 10x12.5 10x16 10x20 12.5x20 16x25 1,000 102 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 - 2,200 222 10x16 10x20 12.5x20 12.5x25 16x25 16x31.5 -- 3,300 332 10x20 12.5x20 12.5x25 16x25 16x31.5 18x36 - - 4,700 472 12.5x20 12.5x25 16x25 16x31.5 18x36 - - - 6,800 682 12.5x25 16x25 16x31.5 18x35.5 ---- 10,000 103 16x25 16x31.5 18x35.5 ----- case dia. (d ) 5 6.3 8 10 12.5 16 18 22 lead dia (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 *see part number system for details rohs compliant includes all homogeneous materials d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci? cation for details on taped format packaging.
89 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ripple current frequency correction factor frequency (hz) 50 120 300 1k 10k ~ 47 f 0.75 1.00 1.35 1.57 2.00 100 ~ 470 f 0.80 1.00 1.23 1.34 1.50 1,000 f ~ 0.85 1.00 1.10 1.13 1.15 miniature aluminum electrolytic capacitors nrss series part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nrss471m6.3v6.3x11f 470 6.3 0.28 320 0.99 2,000 nrss102m6.3v8x11.5f 1,000 0.28 540 0.46 2,000 nrss222m6.3v10x16f 2,200 0.30 900 0.23 2,000 nrss332m6.3v10x20f 3,300 0.32 1050 0.16 2,000 nrss472m6.3v12.5x20f 4,700 0.34 1350 0.12 2,000 nrss682m6.3v12.5x25f 6,800 0.36 1600 0.088 2,000 nrss103m6.3v16x25f 10,000 0.38 2000 0.063 2,000 nrss221m10v5x11f 220 10 0.24 220 1.81 2,000 nrss331m10v6.3x11f 330 0.24 290 1.21 2,000 nrss471m10v6.3x11f 470 0.24 350 0.85 2,000 nrss102m10v10x12.5f 1,000 0.24 620 0.40 2,000 nrss222m10v10x20f 2,200 0.26 970 0.20 2,000 nrss332m10v12.5x20f 3,300 0.28 1250 0.14 2,000 nrss472m10v12.5x25f 4,700 0.30 1500 0.11 2,000 nrss682m10v16x25f 6,800 0.32 1850 0.078 2,000 nrss103m10v16x31.5f 10,000 0.34 2350 0.056 2,000 nrss101m16v5x11f 100 16 0.20 160 3.32 2,000 nrss221m16v6.3x11f 220 0.20 260 1.51 2,000 nrss471m16v8x11.5f 470 0.20 440 0.71 2,000 nrss102m16v10x16f 1,000 0.20 710 0.33 2,000 nrss222m16v12.5x20f 2,200 0.22 1150 0.16 2,000 nrss332m16v12.5x25f 3,300 0.24 1400 0.12 2,000 nrss472m16v16x25f 4,700 0.26 1700 0.092 2,000 nrss682m16v16x31.5f 6,800 0.28 2150 0.068 2,000 nrss103m16v18x35.5f 10,000 0.30 2700 0.050 2,000 nrss151m25v6.3x11f 150 25 0.16 220 1.76 2,000 nrss331m25v8x11.5f 330 0.18 390 0.80 2,000 nrss471m25v10x12.5f 470 0.18 520 0.56 2,000 nrss102m25v10x20f 1,000 0.18 830 0.27 2,000 nrss222m25v12.5x25f 2,200 0.18 1300 0.14 2,000 nrss332m25v16x25f 3,300 0.20 1650 0.10 2,000 nrss472m25v16x31.5f 4,700 0.22 2050 0.078 2,000 nrss682m25v18x35.5f 6,800 0.24 2550 0.059 2,000 nrss470m35v5x11f 47 35 0.14 130 4.94 2,000 nrss101m35v6.3x11f 100 0.14 210 2.32 2,000 nrss221m35v8x11.5f 220 0.14 350 1.06 2,000 nrss331m35v10x12.5f 330 0.14 470 0.70 2,000 nrss471m35v10x16f 470 0.14 580 0.49 2,000 nrss102m35v12.5x20f 1,000 0.14 1000 0.23 2,000 nrss222m35v16x25f 2,200 0.18 1550 0.12 2,000 nrss332m35v16x31.5f 3,300 0.18 1950 0.090 2,000 nrss472m35v18x36f 4,700 0.20 2400 0.071 2,000 nrss330m50v5x11f 33 50 0.12 120 6.03 2,000 nrss221m50v10x12.5f 220 0.12 410 3.53 2,000 nrss331m50v10x16f 330 0.12 520 1.66 2,000 nrss471m50v10x20f 470 0.12 650 0.75 2,000 nrss102m50v12.5x25f 1,000 0.12 1100 0.50 2,000 nrss222m50v16x31.5f 2,200 0.14 1700 0.35 2,000 nrss332m50v18x36f 3,300 0.18 2200 0.17 2,000 nrss220m63v5x11f 22 63 0.10 100 7.54 2,000 nrss470m63v6.3x11f 47 0.10 170 3.53 2,000 nrss101m63v8x11.5f 100 0.10 270 1.66 2,000 nrss221m63v10x16f 220 0.10 470 0.75 2,000 nrss331m63v10x20f 330 0.10 710 0.50 2,000 nrss471m63v12.5x20f 470 0.10 900 0.35 2,000 nrss102m63v16x25f 1,000 0.10 1300 0.17 2,000 standard product, specifications and case sizes d x l (mm)
90 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nrss100m100v6.3x11f 10 100 0.08 85 13.3 2,000 nrss220m100v8x11.5f 22 0.08 130 6.03 2,000 nrss330m100v8x12.5f 33 0.08 180 4.02 2,000 nrss470m100v10x12.5f 47 0.08 230 2.82 2,000 nrss101m100v10x20f 100 0.08 370 1.33 2,000 nrss221m100v12.5x25f 220 0.08 620 0.60 2,000 nrss331m100v12.5x25f 330 0.08 760 0.40 2,000 nrss471m100v16x25f 470 0.08 1000 0.28 2,000 part numbering system size (d ? x l) tape and reel* series capacitance code tolerance code rated voltage rohs compliant nrss 101 m 35v 6.3x11 tr f *see taping speci? cations for details miniature aluminum electrolytic capacitors nrss series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NRSS103M63V16X25TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X