Part Number Hot Search : 
18N50V YMD564 KS24C021 RFM7N40 DS2012SF LM618 FZT658 ADAS1128
Product Description
Full Text Search
 

To Download MX23L3213TI-90G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p/n:pm0716 rev. 1.8 ,nov. 07, 2006 features ? bit organization - 4m x 8 (byte mode) - 2m x 16 (word mode)  fast access time - random access:70ns(max.)  current - operating:16ma - standby:5ua  supply voltage - 2.7v ~ 3.6v  package - 48 pin tsop (12mm x 20mm)  temperature - -40 ~ 85 c pin description symbol pin function a0~a20 address inputs d0~d14 data outputs d15/a-1 d15 (word mode)/ lsb address (byte mode) ce# chip enable input oe# output enable input byte# word/ byte mode selection vcc power supply pin vss ground pin nc no connection pin configuration 48 tsop (top view) mx23l3213 32m-bit mask rom a15 a14 a13 a12 a11 a10 a9 a8 a19 a20 nc nc nc nc nc a18 a17 a7 a6 a5 a4 a3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 a16 byte# vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc d11 d3 d10 d2 d9 d1 d8 d0 oe# vss ce# a0 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 mx23l3213 (normal type) mode selection ce# oe# byte# d15/a-1 d0~d7 d8~d15 mode power h x x x high z high z - stand-by l h x x high z high z - active l l h output d0~d7 d8~d15 word active l l l input d0~d7 high z byte active
2 p/n:pm0716 rev. 1.8, nov. 07, 2006 mx23l3213 absolute maximum ratings item symbol ratings voltage on any pin relative to vss vin -0.3v to 3.9v ambient operating temperature topr -40 c to 85 c storage temperature tstg -65 c to 125 c dc characteristics (ta = -40 c ~ 85 c, vcc = 2.7v~3.6v) item symbol min. max. conditions output high voltage voh 2.4v - ioh = -400ua output low voltage vol - 0.4v iol = 1.6ma input high voltage vih 2.2v vcc+0.3v input low voltage vil -0.3v 0.8v input leakage current ili - 5ua 0v, vcc output leakage current ilo - 5ua 0v, vcc operating current icc - 16ma f=5mhz, ce#=vil, oe#=vih all output open standby current (cmos) istb - 5ua ce#>vcc-0.2v input capacitance cin - 10pf ta = 25 c, f = 1mhz output capacitance cout - 10pf ta = 25 c, f = 1mhz order information part no. speed package grade remark mx23l3213tc-70 70ns 48 pin tsop co mmercial mx23l3213tc-90 90ns 48 pin tsop co mmercial mx23l3213tc-12 120ns 48 pin tsop co mmercial mx23l3213ti-70 70ns 48 pin tsop industrial mx23l3213ti-90 90ns 48 pin tsop industrial mx23l3213ti-10 100ns 48 pin tsop industrial mx23l3213ti-12 120ns 48 pin tsop industrial mx23l3213tc-90g 90ns 48 pin tsop co mmercial pb-free, rohs mx23l3213tc-10g 100ns 48 pin tsop co mmercial pb-free, rohs MX23L3213TI-90G 90ns 48 pin tsop industrial pb-free, rohs mx23l3213ti-12g 120ns 48 pin tsop industrial pb-free, rohs note: industrial grade temperature: -40 ~ 85 c commercial grade temperature: 0 ~ 70 c
3 p/n:pm0716 rev. 1.8, nov. 07, 2006 mx23l3213 ac test conditions input pulse levels 0v~ 3.0v input rise and fall times 5ns input timing level 1.5v output timing level 1.5v output load see figure note:no output loading is present in tester load board. active loading is used and under software programming control. output loading capacitance includes load board's and all stray capacitance. dout c<100pf iol (load)=1.6ma ioh (load)=-0.4ma timing diagram random read note: 30pf output load capacitance for 70 and 90ns speed grade 100pf output load capacitance for 120ns speed grade tace taa toh thz add add add add ce# oe# data valid valid valid trc toe ac characteristics (ta = -40 c ~ 85 c, vcc = 2.7v~3.6v) item symbol 23l3213-70 23l3213-90 23l3213-10 23l3213-12 min. max. min. max. min. max. min. max. read cycle time trc 70ns - 90ns - 100ns - 120ns - address access time taa - 70ns - 90ns - 100ns - 120ns chip enable access time tace - 70ns - 90ns - 100ns - 120ns output enable time toe - 30ns - 40ns - 40ns - 50ns output hold after address toh 0ns - 0ns - 0ns - 0ns - output high z delay thz - 20ns - 20ns - 20ns - 20ns note:output high-impedance delay (thz) is measured from oe# or ce# going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
4 p/n:pm0716 rev. 1.8, nov. 07, 2006 mx23l3213 package information
5 p/n:pm0716 rev. 1.8, nov. 07, 2006 mx23l3213 revision history revision no. description page date 1.1 modify dc characteristics voh:2.3-->2.4 ; vih:2.1-->2.2 p3 jan/04/2001 1.2 1.modify pin configuration-- 48 mini bga p1,2 jul/05/2001 2.added 48-ball mini bga--pckage information p6 1.3 added order information p2 jul/16/2001 add tempetature:-40~85 cp1 1.4 add ce#=vil, oe#=vih in dc characteristics's icc p3 oct/03/2001 1.5 modify package information p5,6 no v/22/2002 1.6 deleted 48-ball csp package p1,2 jul/07/2004 1.7 added access time: 100ns p2,3 jun/29/2005 1.8 1. added statement p6 no v/07/2006
mx23l3213 6 m acronix i nternational c o., l td . headquarters macronix, int'l co., ltd. 16, li-hsin road, science park, hsinchu, taiwan, r.o.c. tel: +886-3-5786688 fax: +886-3-5632888 macronix america, inc. 680 north mccarthy blvd. milpitas, ca 95035, u.s.a. tel: +1-408-262-8887 fax: +1-408-262-8810 email: sales.northamerica@macronix.com macronix japan cayman islands ltd. nkf bldg. 5f, 1-2 higashida-cho, kawasaki-ku kawasaki-shi, kanagawa pref. 210-0005, japan tel: +81-44-246-9100 fax: +81-44-246-9105 macronix (hong kong) co., limited. 702-703, 7/f, building 9, hong kong science park, 5 science park west avenue, sha tin, n.t. tel: +86-852-2607-4289 fax: +86-852-2607-4229 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice. taipei office macronix, int'l co., ltd. 19f, 4, min-chuan e. road, sec. 3, taipei, taiwan, r.o.c. tel: +886-2-2509-3300 fax: +886-2-2509-2200 macronix europe n.v. koningin astridlaan 59, bus 1 1780 wemmel belgium tel: +32-2-456-8020 fax: +32-2-456-8021 singapore office macronix pte. ltd. 1 marine parade central #11-03 parkway centre singapore 449408 tel: +65-6346-5505 fax: +65-6348-8096 macronix's products are not designed, manufactured, or intended for use for any high risk applications in which the failure of a single component could cause death, personal injury, severe physical damage, or other substantial harm to persons or property, such as life-support systems, high temperature automotive, medical, aircraft and military application. macronix and its suppliers will not be liable to you and/or any third party for any claims, injuries or damages that may be incurred due to use of macronix's products in the prohibited applications.


▲Up To Search▲   

 
Price & Availability of MX23L3213TI-90G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X