Part Number Hot Search : 
TGA45 MP018 KBP08M STRRP NRF24E2 BYW81HR 79L05 51845
Product Description
Full Text Search
 

To Download MBR20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2 0 a mbr 20150ct 150 150 105 3.5 150 20 0.75 0.10 310 siyu r ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit schottky barrier rectifier reverse voltage 40 to 200 v forward current 20a ? t j = 25 v ma pf i r maximum forward voltage maximum reverse current ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit v f i f =10a dachang electronics r jc features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency ?? low forward voltage drop high current capability ? v r = 4.0v, f = 1mhz type junction capacitance cj ???rohs? lead and body according with rohs standard 15 t j = 100 ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m mbr 20100ct 100 100 70 mbr 2060ct 60 60 42 mbr 2050ct 50 50 35 mbr 2045ct 45 45 31 mbr 2040ct 40 40 28 0.63 0.85 mbr2040ct ...... MBR20200CT ? 40---200v mbr 20200ct 200 200 140 mbr 20150ct mbr 20100ct mbr 2060ct mbr 2050ct mbr 2045ct mbr 2040ct mbr 20200ct 0.95 0.99 0.15 150 400 1.5 unit inch mm to-220ab 123
siyu r ? ?? i fsm (a) ??? characteristic curves maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 1 2 4 6 10 20 40 100 120 90 60 30 0 dachang electronics 150 i f (a) ?? ? v f (v) ? tc( c ) ? i f(av) (a) typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) case temperature (c) i f(a) average forward rectified current (a) 0.6 0.8 1.0 1.2 1.4 0.4 0.1 1 2 10 100 tj = 25 c 28 24 20 16 12 8 4 0 0 25 50 75 100 125 150 175 mbr2040ct ...... MBR20200CT mbr20150ct MBR20200CT mbr2050ct mbr2060ct mbr20100ct mbr2040ct mbr2045ct


▲Up To Search▲   

 
Price & Availability of MBR20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X