Part Number Hot Search : 
GT61G SMBJ90CA HIR333 EMP207 HIR333 IRFR3709 IDT72200 CM1851
Product Description
Full Text Search
 

To Download MBR20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR20200CT 20 amp high voltage features ? high junction temperature capability mcc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr 20 2 0 0 ct 2 0 0 v 140v 200 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20 a t c = 125 c peak forward surge current i fsm 1 5 0 a 8.3ms, half maximum instantaneous forward voltage MBR20200CT v f .95 v                     mcc pin 1 pin 3 pin 2 case 200volts to-220ab maximum ratings ? operating j unction temperature : 15 0 c ? storage temperature: - 5 0 c to +150 c  
 omponents 2 0736 marilla street chatsworth       
     barrier rectifier power schottky maximum reverse current at rated dc blocking voltage i r 50ua t c = 25 c 15ma t c = 125 c v f .80v sine wave revision: 7 2008/01/01 tm micro commercial components x marking : type number www. mccsemi .com 1 of 3 min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max g r b q h u l d c j k a f s t 1 3 2 n v ? low leakage current ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. t j = 25 c t j =125c i fm = 10a
MBR20200CT mcc figure 1. typical forward voltage (per leg)              
 
 
     

 
 

    
  
!"     
       

                  
 
 
 
  figure 2. typical reverse current (per leg)   # #              # #
   $% &   "'         
!" figure 3. forward power dissipation "   " "
 
        (    #        
!" 
  
!"
   figure 4. current derating, case &  $% 
 
     )     
!"      ) 
 
     
  !*

!"
   figure 5. current derating, ambient $% &            #     "
 +
      
 
         figure 6. typical capacitance (per leg) revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of MBR20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X