Part Number Hot Search : 
1N4592 RG4BC P2000B 2G40UM MLL5921D 2152A5 UPD42232 3C472K
Product Description
Full Text Search
 

To Download MBR20200CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ratings at 25 ambient temperature unless otherwise specified single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% ratings symbol unit marking code maximum recurrent peak reverse voltage vrrm 20 40 50 60 80 volts maximum rms voltage vrms 14 28 35 42 56 volts maximum dc blocking voltage vdc 20 40 50 60 80 volts maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) rjc /w typical junction capacitance (note 2) cj 300 pf operating temperature range tj storage temperature range tstg symbol unit maximum forward voltage at 10.0a dc, pre leg vf volts maximum average reverse current at @ta=25 rated dc blocking voltage @ta=125 notes :1. thermal resistance (junction to case): vertical pc board mounting, 0.5? (12.7m m) lead length. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. -55 to +175 0.2 20 270 150 3.0 -55 to +150 characteristics amps amps io ifsm ir 20.0 mamps 20.0 amp schottky barrier rectifiers ito-220 package pb free product willas electronic cor 2010-09 dimensions in inches and (millimeters) * low switching noise * low forward voltage drop * high current capability * high reliability * high surge capability rohs product for packing code suffix "g" halogen free product for packing code suffix "h" * features * epi wafer * case: ito-220 molded plastic * epoxy: ul 94v-o rate flame retardant * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 1.7 gram mechanical data maximum ratings and electrical characteristics mbr2020cf thru MBR20200CF mbr 2020cf mbr 2020cf mbr mbr mbr mbr mbr mbr 2040cf 2040cf 2050cf 2050cf 2060cf 2060cf mbr mbr mbr mbr mbr mbr mbr mbr 2080cf 2080cf 20100cf 20100cf 20150cf 20150cf 20200cf 20200cf 100 70 100 150 105 150 200 140 200 400 210 mbr 2020cf mbr mbr mbr 2040cf 2050cf 2060cf mbr mbr mbr 2080cf 20100cf 20150cf mbr 20200cf 0.64 0.74 0.83 0.87 .03 5(1. 00 ) .020(0.60) .0 60 ( 1.52 ) .039(1.00) .187(4.70) .169(4.30) .134(3.40) .110(2.80) .031(0.80) .016(0.40) .114(2.90) .098(2.50) .138(3.50) .122(3.10) .531(13.50) .492(12.50) .406(10.30) .382(9.70) .602(15.30) .579(14.70) .108(2.75) .091(2.30) .114(2.90) .098(2.50) .154(3.90) .138(3.50)
s c i t s i r e t c a r a h c d r a w r o f l a c i p y t - 2 . g i f e v r u c g n i t a r e d t n e r r u c d r a w r o f l a c i p y t - 1 . g i f s c i t s i r e t c a r a h c e s r e v e r l a c i p y t - 4 . g i f t n e r r u c e g r u s d r a w r o f e v i t i t e p e r - n o n m u m i x a m - 3 . g i f fig. 5-typical junction capacitance 0 10 20 30 40 0 20 40 60 80 100 120 140 160 180 ambient temperature( ) a v e r a g e f o r w a r d cu r r e n t , ( a ) 0 30 60 90 120 150 0 0 1 0 1 1 number of cycles at 60hz p e a k f o r w a r d s u r g e cu r r e n t ( a ) 0.0 250.0 500.0 750.0 1000.0 1250.0 1500.0 0 1 10 100 reverse voltage (v) j u n c t i o n c ap a c i t a n c e ( p f ) mbr2020cf~mbr2040cf mbr2050cf~mbr2060cf mbr2080c f~mbr20100cf mbr20150c f~MBR20200CF 0.001 0.010 0.100 1.000 10.000 100.000 20 40 60 80 100 percentage rated peak reverse voltage (%) r e v e r s e l e a k a g e cu r r e n t ( m a ) 25 125 0.01 0.10 1.00 10.00 100.00 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 forward voltage (v) i n s t a n t a n e o u s f o r w a r d cu r r e n t ( a ) mbr2020c f~mbr2040cf mbr2050c f~mbr2060cf mbr2080c f~mbr20100cf mbr20150c f~MBR20200CF 20.0 amp schottky barrier rectifiers ito-220 package willas electronic cor 2010-09 mbr2020cf thru MBR20200CF pb free product


▲Up To Search▲   

 
Price & Availability of MBR20200CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X