Part Number Hot Search : 
MSM6368 BAV20 54125 NJU3715A AME8845 IZ1242C 4850A BC558
Product Description
Full Text Search
 

To Download LT1009S8TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lt1009 series 1 1009ff typical application features applications description 2.5v reference the lt ? 1009 is a precision trimmed 2.5v shunt regula- tor diode featuring a maximum initial tolerance of only 5mv. the low dynamic impedance and wide operating current range enhances its versatility. the 0.2% reference tolerance is achieved by on-chip trimming which not only minimizes the initial voltage tolerance but also minimizes the temperature drift. even though no adjustments are needed with the lt1009, a third terminal allows the reference voltage to be adjusted 5% to calibrate out system errors. in many applications, the lt1009 can be used as a pin-to-pin replacement of the lm136 and the external trim network eliminated. for a lower drift 2.5v reference, see the lt1019 data sheet. 2.5v reference n reference for 5v systems n 8-bit a/d and d/a reference n digital voltmeters n current loop measurement and control systems n power supply monitor l , lt, ltc and ltm are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. n maximum initial tolerance: 0.2% n guaranteed temperature stability n maximum 0.6 dynamic impedance n wide operating current range n directly interchangeable with lm136 for improved performance n no adjustments needed for minimum temperature coef? cient n available in 8-lead so and msop packages and 3-lead to-92 package lt1009 output 3.6k 5v to 35v 10k* trim 1009 ta01 *does not affect temperature coefficient. 5% trim range output voltage temperature (c) C50 reference voltage (v) 2.53 2.52 2.51 2.50 2.49 2.48 2.47 25 75 1009 ta02 C25 0 50 100 125 typical guaranteed maximum guaranteed minimum
lt1009 series 2 1009ff absolute maximum ratings reverse current .....................................................20ma forward current .....................................................10ma storage temperature range ...................C 65c to 150c lead temperature (soldering, 10 sec) .................. 300c (note 1) bottom view adj + C h package 3-lead to-46 metal can t jmax = 150c, ja = 440c/w, jc = 80c/w obsolete package consider the ms8, s8 or z packages for alternate source 1 2 3 4 nc nc nc (C) 8 7 6 5 (+) nc (+) adj top view ms8 package 8-lead plastic msop t jmax = 150c, ja = 250c/w top view (+) nc (+) adj nc nc nc (C) s8 package 8-lead plastic so 1 2 3 4 8 7 6 5 t jmax = 150c, ja = 190c/w bottom view z package 3-lead plastic to-92 C + adj t jmax = 100c, ja = 160c/w pin configuration order information lead free finish tape and reel part marking package description temperature range lt1009mh#pbf lt1009mh#trpbf 3-lead to-46 metal can C55c to 125c lt1009ch#pbf lt1009ch#trpbf 3-lead to-46 metal can 0c to 70c lt1009cms8#pbf lt1009cms8#trpbf ltqz 8-lead plastic msop 0c to 70c lt1009s8#pbf lt1009s8#trpbf 1009 8-lead plastic so 0c to 70c lt1009is8#pbf lt1009is8#trpbf 1009i 8-lead plastic so C40c to 85c lt1009cz#pbf lt1009cz#trpbf 3-lead plastic to-92 0c to 70c lt1009iz#pbf lt1009iz#trpbf 3-lead plastic to-92 C40c to 85c operating temperature range lt1009/lt1009c ...................................... 0c to 70c lt1009i .............................................. C40c to 85c lt1009m (obsolete) ..................... C 55c to 125c
lt1009 series 3 1009ff electrical characteristics the l denotes the speci? cations which apply over the full operating temperature range, otherwise speci? cations are at t a = 25c. lead based finish tape and reel part marking package description temperature range lt1009mh lt1009mh#tr 3-lead to-46 metal can C55c to 125c lt1009ch lt1009ch#tr 3-lead to-46 metal can 0c to 70c lt1009cms8 lt1009cms8#tr ltqz 8-lead plastic msop 0c to 70c lt1009s8 lt1009s8#tr 1009 8-lead plastic so 0c to 70c lt1009is8 lt1009is8#tr 1009i 8-lead plastic so C40c to 85c lt1009cz lt1009cz#tr 3-lead plastic to-92 0c to 70c lt1009iz lt1009iz#tr 3-lead plastic to-92 C40c to 85c consult ltc marketing for parts speci? ed with wider operating temperature ranges. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel speci? cations, go to: http://www.linear.com/tapeandreel/ order information temperature package style temperature accuracy (%) coefficient (ppm/c) to-46 (h) obsolete msop-8 (ms8) so-8 (s8) to-92 (z) 0c to 70c 0.20 0.40 25 25 lt1009ch lt1009cms8 lt1009s8 lt1009cz C40c to 85c 0.20 0.40 35 35 lt1009is8 lt1009iz C55c to 125c 0.20 35 lt1009mh available options symbol param eter conditions lt100m lt1009i lt1009/lt1009c units min typ max min typ max min typ max v z reverse breakdown voltage t a = 25c, i r = 1ma h, z pkg ms, s pkg 2.495 2.500 2.505 2.495 2.49 2.500 2.50 2.505 2.51 2.495 2.49 2.500 2.50 2.505 2.51 v v v z i r reverse breakdown change with current 400a i r 10ma l 2.6 3.0 6 10 2.6 3.0 10 12 2.6 3.0 10 12 mv mv r z reverse dynamic impedance i r = 1ma l 0.2 0.4 0.6 1.0 0.2 0.4 1.0 1.4 0.2 0.4 1.0 1.4 temperature stability t min t a t max l 15 15 1.8 4 mv v z temp average temperature coef? cient (notes 2, 3) 0c t a 70c C40c t a 85c C55c t a 125c 15 25 25 35 15 25 35 15 25 ppm/c ppm/c ppm/c v z time long-term stability t a = 25c 0.1c, i r = 1ma 20 20 20 ppm/khr note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: guaranteed by design. note 3: average temperature coef? cient is de? ned as the total voltage change divided by the speci? ed temperature change.
lt1009 series 4 1009ff typical performance characteristics reverse characteristics forward characteristics reverse voltage change dynamic impedance output noise voltage response time reverse voltage (v) 0.5 reverse current (a) 10 C1 10 C2 10 C3 10 C4 10 C5 2.2 1009 g01 1.0 1.4 1.8 2.6 t j = 125c t j = C55c t j = 25c forward current (ma) 0.001 forward voltage (v) 1.2 1.0 0.8 0.6 0.4 0.2 0 0.01 0.1 1 10 1009 g02 t j = 25c reverse current (ma) 0 reverse voltage change (mv) 5 4 3 2 1 0 16 1009 g03 4 8 12 20 frequency (hz) 10 dynamic impedance () 100 10 1 0.1 100 1k 10k 100k 1009 g04 i r = 1ma C55c t j 125c frequency (hz) 10 100k 1009 g05 100 1k 10k 250 200 150 100 50 noise (nv/hz) i r = 1ma t j = 25c time (s) 0 voltage swing (v) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 10 4 0 1 1009 g06 20 input output 5k input output
lt1009 series 5 1009ff schematic diagram 30pf 10k 20pf q11 24k 24k 720 6.6k 6.6k 500 adj 30k + C 1009 sd q8 q2 q1 q6 q10 q7 q3 q12 q13 q9 q7 q4 q5 typical applications wide supply range, adjustable reference low temperature coef? cient power regulator lt1009 62 v + v C r 3.6v to 40v 10k 1009 ta03 lm334 lt1009 375 1.2k v in v out 2k 1009 ta04 lt317a adj in out switchable 1.25v bipolar reference lt1009 out 5k 5v 5k 5v C5v C5v 10k 1% 9.76k 1% 500 1009 ta05 5k
lt1009 series 6 1009ff ms8 package 8-lead plastic msop (reference ltc dwg # 05-08-1660) package description h package 2-lead and 3-lead to-46 metal can (reference ltc dwg # 05-08-1340) obsolete package .016 C .019** (0.406 C 0.483) dia .025 (0.635) max .085 C .105 (2.159 C 2.667) .500 (12.700) min .178 C .195 (4.521 C 4.953) .209 C .219 (5.309 C 5.537) .100 (2.540) typ 45 o h02/03(to-46) 0801 .050 (1.270) typ .050 (1.270) typ .028 C .048 (0.711 C 1.219) .036 C .046 (0.914 C 1.168) for 3-lead package only reference plane seating* plane lead diameter is uncontrolled between the reference plane and .050" below the reference plane for solder dip lead finish, lead diameter is .016 C .024 (0.406 C 0.610) * ** pin 1 msop (ms8) 0307 rev f 0.53 p 0.152 (.021 p .006) seating plane note: 1. dimensions in millimeter/(inch) 2. drawing not to scale 3. dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.152mm (.006") per side 4. dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.152mm (.006") per side 5. lead coplanarity (bottom of leads after forming) shall be 0.102mm (.004") max 0.18 (.007) 0.254 (.010) 1.10 (.043) max 0.22 ? 0.38 (.009 ? .015) typ 0.1016 p 0.0508 (.004 p .002) 0.86 (.034) ref 0.65 (.0256) bsc 0 o ? 6 o typ detail ?a? detail ?a? gauge plane 12 3 4 4.90 p 0.152 (.193 p .006) 8 7 6 5 3.00 p 0.102 (.118 p .004) (note 3) 3.00 p 0.102 (.118 p .004) (note 4) 0.52 (.0205) ref 5.23 (.206) min 3.20 ? 3.45 (.126 ? .136) 0.889 p 0.127 (.035 p .005) recommended solder pad layout 0.42 p 0.038 (.0165 p .0015) typ 0.65 (.0256) bsc
lt1009 series 7 1009ff information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package description s8 package 8-lead plastic small outline (narrow .150 inch) (reference ltc dwg # 05-08-1610) z package 3-lead plastic to-92 (similar to to-226) (reference ltc dwg # 05-08-1410) .016 ? .050 (0.406 ? 1.270) .010 ? .020 (0.254 ? 0.50 8 ) 45 0 ? 8 typ .00 8 ? .010 (0.203 ? 0.254) so 8 0303 .053 ? .069 (1.346 ? 1.752) .014 ? .019 (0.355 ? 0.4 8 3) typ .004 ? .010 (0.101 ? 0.254) .050 (1.270) bsc 1 2 3 4 .150 ? .157 (3. 8 10 ? 3.9 88 ) note 3 8 7 6 5 .1 8 9 ? .197 (4. 8 01 ? 5.004) note 3 .22 8 ? .244 (5.791 ? 6.197) .245 min .160 .005 recommended solder pad layout .045 .005 .050 bsc .030 .005 typ inches (millimeters) note: 1. dimensions in 2. drawing not to scale 3. these dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed .006" (0.15mm) .050 (1.27) bsc .060 p .005 (1.524 p 0.127) dia .90 (2.286) nom .180 p .005 (4.572 p 0.127) .180 p .005 (4.572 p 0.127) .500 (12.70) min .050 (1.270) max uncontrolled lead dimension .016 p .003 (0.406 p 0.076) 5 o nom bulk pack .015 p .002 (0.381 p 0.051) .060 p .010 (1.524 p 0.254) 10 o nom .140 p .010 (3.556 p 0.127) z3 (to-92) 1008 rev c 321 .098 +.016/C.04 (2.5 +0.4/C0.1) 2 plcs to-92 tape and reel refer to tape and reel section of ltc data book for additional information
lt1009 series 8 1009ff linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 1985 lt 0109 rev f ? printed in usa related parts typical application low noise 2.5v buffered reference lt1009 1k v in 6v 20f 2.5v 10k 1k 10k 100k 1f 6 4 2 3 7 1009 ta06 C + lt1001c + 20f + part number description comments lt1019 precision series reference bandgap, 0.05%, 5ppm/c lt1236 precision series reference 5v and 10v zener-based 5ppm/c, so-8 package lt c ? 1798 micropower low dropout series reference 0.15% max, 6.5a supply current lt1460 micropower precision series reference bandgap, 130a supply current 10ppm/c, available in sot-23 lt1634 micropower precision shunt voltage reference bandgap 0.05%, 10ppm/c, 10a supply current lt1461 micropower precision series reference 0.04% max, 3ppm/c max, 35a supply current


▲Up To Search▲   

 
Price & Availability of LT1009S8TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X