Part Number Hot Search : 
HYS72T25 CXA2126Q M8504 NTE6164 CS0603 SC1062A PD610 1002D
Product Description
Full Text Search
 

To Download LA78041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d0605 ms pc b8-4579 no.7879-1/4 any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications t hat require extremely high levels of re liability, such as life-support systems, aircraft?s control systems, or other applications w hose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before using any sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein. LA78041 overview the LA78041 is a vertical deflection output ic for high image quality tv and crt displays that supports the use of a bus control system signal-processing ic. the sawtooth waveform from the bus control system signal-processing ic can directly drive the deflection yoke (including the dc component). color tv vertical deflection system adjustment functions can be controlled over a bus system by connecting the LA78041 to a sanyo la768x series or la769xx series bus control system signal-processing ic. since the LA78041 provides a maximum deflection current of 2.2ap-p, it is optimal for large size crts. functions ? low power operation achieved by using integrated charge pump circuit. ? vertical output circuit. ? thermal protection circuit. ? excellent crossover characteristics. ? supports dc coupling. specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit pump-up block supply voltage +b2 max 34 v output block supply voltage +b6 max 70 v allowable power dissipation pd max mounted on an arbitrarily large heat sink. 9 w deflection output current i5 max -1.5 to +1.5 ap-o thermal resistance j-c 3 c /w operating temperature topr -20 to +85 c storage temperature tstg -40 to +150 c ordering number : en7966 monolithic linear ic tv and crt display vertical output ic with bus control support
LA78041 no.7879-2/4 operating conditions at ta = 25 q c parameter symbol conditions ratings unit recommended supply voltage +b2 24 v operating supply voltage range +b2op 16 to 33 v deflection output current i5p-p to 2.2 ap-p operating characteristics at ta = 25 q c, +b2 = 24v ratings parameter symbol conditions min typ max unit deflection output saturation voltage (lower) vsat5-4 i5 = 1.1a 1.3 v deflection output saturation voltage (upper) vsat6-5 i5 = -1.1a 3.2 v pump-up charge saturation voltage vsat3-4 i3 = 20ma 1.8 v pump-up discharge saturation voltage vsat2-3 i3 = -1.1a 3.0 v idling current idl 20 50 ma midpoint voltage vmid 11.0 12.0 13.0 v note: current flowing into the ic is positive (+) and current flowing out is negative (-). package dimensions unit : mm 3286 22.3 21.5 17.0 14.5 8.8 15.0 2.7 10.0 10.4 max 3.6 0.7 1.27 0.6 0.45 3.15 8.23 4.5 1.3 sanyo : 220-7h
LA78041 no.7879-3/4 block diagram application circuit exampl e 1 (single power supply)
LA78041 ps no.7879-4/4 application circuit example 2 (dual power supply) ? specifications of any and all sanyo semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described pr oducts in the independent state, and are not guarantees of the performance, characteri stics, and functions of the described products as mounted in the customer's products or equipmen t. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. ? sanyo semiconductor co., ltd. strives to supply hi gh-quality high-reliability products. however, any and all semiconductor products fail with some probabilit y. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other proper ty. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measur es include but are not limited to protective circuits and error prevention circuits fo r safe design, redundant desi gn, and structural design. ? in the event that any or all sanyo semiconductor products (including technical data, services) described or contained herein are controlled under any of applicab le local export control laws and regulations, such products must not be exported without obtaining t he export license from the authorities concerned in accordance with the above law. ? no part of this publication may be reproduced or tr ansmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, of otherwise, without the prior written pe rmission of sanyo semiconductor co., ltd. ? any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "d elivery specification" for the sanyo semiconductor prod uct that you intend to use. ? information (including circuit diag rams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo semiconductor believes information herein is accurate and reliable, but no guarantees are made or imp lied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of december, 2006. specifications and inform ation herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LA78041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X