Part Number Hot Search : 
TA7668 15111 P2600 HCS05K ALVC16 MDA970G6 DS2762BR NDL5506P
Product Description
Full Text Search
 

To Download KIA431AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012. 3. 20 1/8 revision no : 16 programmable precision references the kia431 series integrated circuits are three-terminal programmable shunt regulator diodes. these monolithic ic voltage reference operate as a low temperature coefficient zener which is programmable from v ref to 36 volts with two external resistors. these devices exhibit a wide operating current range of 1.0 to 100ma with a typical dynamic impedance of 0.22 ? .the characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. the 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the kia431 series operates as a shunt regulator, it can be used as either a positive or negative voltage reference. features h divice code name :kia431 + v ref code + package code+pin configuration code h low dynamic output impedance : 0.22 ? (typ.). h sink current capability of 1.0 to 100ma. h equivalent full-range temperature coefficient of 50ppm/ ? (typ.). h temperature compensated for operation over full rated operating temperature range. h low output noise voltage. line up * kia431bt (tolerance : 0.5% , tsv package) : under development semiconductor technical data kia431 series bipolar linear integrated circuit item v ref code package code pin configuration code (sot-23 only) kia431 code tolerance (%) code package code type blank ? 2.2 blank to-92 blank a a ? 1.0 f sot-89 2 b b ? 0.5 s tsm t tsv m sot-23 type no. operating voltage(v) package marking kia431 2.5~36 to-92 kia431a kia431b kia431f sot-89 3a kia431af 3b kia431bf 3c kia431t tsv 43c kia431at 43a kia431bt 43b kia431s tsm 43c kia431as 43a kia431bs 43b kia431m sot-23 (a-type) 43c KIA431AM 43a kia431bm 43b kia431m2 sot-23 (b-type) 43f KIA431AM2 43d kia431bm2 43e pin configuration (sot-23) 3 3 2 2 1 1 a-type : 1. cathode 2. ref 3. anode b-t y pe : 1. ref 2. cathode 3. anode top view
2012. 3. 20 2/8 kia431 series revision no : 16 cathode (k) anode (a) reference (r) 2.5v ref + - reference (r) anode (a) cathode (k) block diagram ordering information v ref tolerance code package code pin configuration (sot-23 only) pb-free / halogen-free blank ? 2.2% blank to-92 blank a-type p pb-free a ? 1.0% f sot-89 2 b-type h halogen-free b ? 0.5% s tsm t tsv m sot-23 |jhol+ k7u5ujk7 u uuwkpluz u uu packing specification to-92 at : taping of ammo pack type sot-89 rtf : rtf type tsm / sot-23 rtk : rtk type tsv rtk : rtk type
2012. 3. 20 3/8 kia431 series revision no : 16 electrical characteristics (ta=25 ? ) maximum ratings (ta=25 ? ) (full operating ambient temperature range applies unless otherwise noted.) characteristics symbol test circuit test condition min. typ. max. unit reference input voltage kia431 v ref figure 1 v ka =v ref , i k =10ma 2.440 2.495 2.550 v kia431a 2.470 2.495 2.520 v kia431b 2.4825 2.495 2.5075 v reference input voltage deviation over temperature range  v ref figure 1 (note 1) v ka =v ref , i k =10ma - 7.0 30 mv ratio of change in reference input voltage to change in cathode to anode voltage  v ref /  v ka figure 2 i k =10ma  v ka = 10v q v ref - -1.4 -2.7 mv/v  v ka = 36v q 10v - -1.0 -2.0 reference input current ta=25 ? i ref figure 2 i k =10ma, r1=10k ? , r2= ? - 1.8 4.0  a ta=t opr - - 6.5 reference input current deviation over temperature range  i ref figure 2 i k =10ma, r1=10k ? , r2= ? - 0.8 2.5  a minimum cathode current for regulation i min figure 1 v ka =v ref - 0.5 1.0 ma off-state cathode current i off figure 3 v ka =36v, v ref =0v - 2.6 1000 na dynamic impedance z ka figure 1 (note 2) v ka =v ref , i k =1.0 q 100ma, f " 1.0khz - 0.22 - ? note1) package mounted on 99.5% alumina 10 ? 8 ? 0.6mm note2) package mounted on a ceramic board. (600 q? 0.8 x ) characteristic symbol rating unit cathode to anode voltage v ka 37 v cathode current range, continuous i k -100 q 150 ma reference input current range, continuous i ref -0.05 q 10 ma operating junction temperature t j 150 ? operating temperature t opr -40 q 85 ? storage temperature t stg -65 q 150 ? total power dissipation kia431 p d 700 mw kia431f 800 kia431m (note1) 350 kia431s (note2) 900 kia431t 550
2012. 3. 20 4/8 kia431 series revision no : 16 input figure 1-test circuit for v ka = v ref off i ka v input figure 3-test circuit for i off figure 2-test circuit for v ka > v ref i k i k v ka v ka input r1 r2 i ref v ka = v ref ( 1+ ) + i ref r1 r1 r2 max. min. t1 t2 ambient temperature - v ref (min.) ta = t 2 - t 1 v ref v ref v ref v ref = v ref (max.) v ref example :  v ref = 8.0mv and slope is positive, v ref at 25 ? =2.495v,  ta=70 ? 0.008 ? 10 6 ? v ref = = 45.8 ppm/ ? 70 ? (2.495) note 2: the dynamic impedance z ka is defined as:  vka |z ka | =  ik when the device is programmed with two external resistors, r1 and r2, (refer to figure 2) the total dynamic impedance of the circuit is defined as: r1 |z ka' | = |z ka | (1+ ) r2 note 1: the deviation parameter  v ref is defined as the differences between the maximum and minimum values obtained over the full operating ambient temperature range that applies. the average temperature coefficient of the reference input voltage,  v ref , is defined as:  v ref ( ) ? 10 6 ppm v ref at 25 ? ? v ref ( ) = ? ta  v ref ? 10 6 =  ta(v ref at 25 ? ) ? v ref can be positive or negative depending on whether v ref min. or v ref max. occurs at the lower ambient temperature.
2012. 3. 20 5/8 kia431 series revision no : 16 -2.0 k i - v cathode voltage v ka (v) cathode voltage v ka (v) cathode voltage v ka (v) -1.0 3.0 0 1.0 2.0 -100 50 -50 cathode current i k (ma) 0 ka 100 150 40 20 010 1.0m 100k 10k 10m 1.0k frequency f (hz) zka - f frequency f (hz) g vo - f 3.0 5.0 0 voltage swing (v) 16 12 8.0 20 4.0 time t ( s) 0 pulse response -24 change in reference input -32 -16 0 -8.0 voltage v (mv) 100 10 0.1 1.0 0 -10 open loop voltage gain g vo (db) 10 800 600 k ka 0 cathode current i ( a) -200 2.0 1.0 0 3.0 -1.0 i - v k 200 400 v =v ta=25 c ka ref ref ka ta=25 c v =v ref 30 ta=25 c k i =10ma dynamic impedance zka ( ? ) i =1.0ma~100ma ta=25 c k 20 30 40 50 60 1.0k 10m 10k 100k 1.0m i =10ma ta=25 c k 0 2.0 1.0 ta=25 c output input v ref - v ka allowable power dissipation p d (mw) 0 100 0 p d - ta 25 50 75 100 125 150 175 200 300 400 500 600 700 800 1000 900 ambient temperature ta ( c) kia431f kia431s kia431t kia431 kia431m
2012. 3. 20 6/8 kia431 series revision no : 16 n 1.00 m 0.45 max n m c e c e l f f h g k ja b 3 2 1 d 2.30 0.55 max 14.00 0.50 0.45 0.85 1.27 1.00 0.45 3.70 max 4.80 max 4.70 max l k j h g f d c b a millimeters dim to-92 + _ 2. anode 1. reference 3. cathode dim millimeters a b d e tsm 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 c f g h i j k 0.60 l 0.55 a f g g d k k b e c l h j j i 2 1 3 + _ + _ + _ + _ + _ 1. cathode 2. ref 3. anode 3 21 dim millimeters a b d e tsv 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 c f g h i j k 0.60 l 0.55 a f g g d k k b e c l h j j i 2 3 1 5 4 2 3 1 5 4 + _ + _ + _ + _ + _ 1. n.c 2. n.c 3. cathode 4. reference 5. anode dim a b d e g h k 4.70 max 2.50 0.20 1.70 max 0.45+0.15/-0.10 4.25 max 1.50 0.10 0.40 typ 1.75 max 0.75 min 0.5+0.10/-0.05 sot-89 c j g d 123 2. anode a c k j f millimeters h 1. reference 3. cathode b e ff d + _ + _ heat sink is common to (anode) 2
2012. 3. 20 7/8 kia431 series revision no : 16 dim millimeters sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.40+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p7 + _ 1. cathode 2. ref 3. anode 3 21
2012. 3. 20 8/8 kia431 series revision no : 16 precaution for use lead-free soldering condition. elements mounting styles of electronic devices are gaining in further diversification over recent years, and needs for components are all the more expanding in varieties. especially, surface mounting is steadily penetrating into industrial segments as a world-wide popular technical trend. although exposure to high temperature is inevitable during soldering we recommend limiting the soldering temperature to low levels as shown in figure for the sake of retaining inherent excellent reliability. 1. when employing solder reflow method 1) soldering condition ? standard condition : 250 ? (temperature), 10 ? 1sec. (time) ? peak condition : 260 ? 3 ? 2) recommend temperature profile 3) precautions on heating method when resin in kept exposed to high temperature for a long time, device reliability may be marred. therefore, it is essential to complete soldering in the shortest time possible to prevent temperature of resin from rising. 2. when employing halogen lamps or infrared-ray heaters when halogen lamps or infrared-ray heaters are used, avoid direct irradiation onto resin surfaces; such devices cause extensive localized temperature rise. ? please keep a reflow solder operating when surface mount packages soldering. time (sec) 150 c 180 c peak : 260 3 c temperature ( c) 230 c 250 c + _ preheating zone 90 30sec + _ reflow zone 35 5sec + _ 10 1sec + _ [lead-free soldering temperature profile]


▲Up To Search▲   

 
Price & Availability of KIA431AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X