Part Number Hot Search : 
ZSR485 TPD2004F NTE584 MZ12GW BZV48C FSUSB23 TS932BI HW300A
Product Description
Full Text Search
 

To Download FU-636SDF-EV1M6875 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tz7-00-051c 28 august, 2001(1/ 4 ) approved approved charged n.kamiya approved approved customer specification proposal for fu-636sdf-ev1m68 (1470nm 3nm) fu-636sdf-ev1m69 (1490nm 3nm) fu-636sdf-ev1m70 (1510nm 3nm) fu-636sdf-ev1m71 (1530nm 3nm) fu-636sdf-ev1m72 (1550nm 3nm) fu-636sdf-ev1m73 (1570nm 3nm) fu-636sdf-ev1m74 (1590nm 3nm) fu-636sdf-ev1m75 (1610nm 3nm) uncooled dfb ld module with isolator (pf=2.0mw, tc=0 to 75 c) mitsubishi electric corporation abcd x date approved ?01..9.07 y.hozumi mitsubishi electric corp. reserves the right to change product design and specification without notice.
tz7-00-051c 28 august, 2001(2/ 4 ) mitsubishi (optical devices) fu-636sdf-ev1m68_75 1.47 to 1.61 m dfb-ld module with singlemode fiber pigtail description module type fu-636sdf-ev1m68 to 75 has been developed for coupling a singlemode optical fiber and a 1.47 / 1.49 /1.51 / 1.53 / 1.55 / 1.57 / 1.59 / 1.61 m wavelength ingaasp dfb ld (laser diode). fu-636sdf-e1m68 to 75 is suitable to light source for high-speed short haul and long haul digital optical communication systems. features ? mqw-dfb laser diode module ? high-speed response ? emission wavelength is in 1.47 to 1.61 m band ? built-in optical isolator application wdm systems absolute maximum ratings (tc=25 c) parameter symbol conditions rating unit laser diode optical output power from fiber end p0 cw 3 mw reverse voltage vrl - 2 v photodiode for monitoring reverse voltage vrd - 15 v forward current ifd - 2 ma operating case temperature tc - 0~+75 c storage temperature tstg - -40~+85 c
tz7-00-051b 21 june, 2001(3/ 4 ) mitsubishi (optical devices) fu-636sdf-ev1m68_75 1.47 to 1.61 m dfb-ld module with singlemode fiber pigtail optical characteristics (tc=25 c unless otherwise noted) parameter symbol test conditions limits unit min. typ. max. fiber output power pf cw 2.0 mw threshold current ith cw - 12 25 ma threshold output power pth cw,if=ith(note1) - - 0.1 mw operating current iop cw, pf =2mw - - 60 ma modulation current imod cw, pf =2mw - - 40 ma operating voltage vop cw, pf =2mw - 1.1 1.7 v differential efficiency cw - 0.12 - mw/ma 1467 1470 1473 1487 1490 1493 1507 1510 1513 1527 1530 1533 1547 1550 1553 1567 1570 1573 1587 1590 1593 central wavelength ccw, pf =2mw 1607 1610 1613 nm spectral width (-20db) ? (-20db) cw, pf =2mw - - 1.0 nm side mode suppression ratio smsr cw, pf =2mw 30 - - db rise and fall time tr,tf pfpeak=2mw ib=ith(note 2) 10-90% --1.0ns tracking error (note 3) er cw,tc=0 to 75 c im(pf(25 c)=2mw) -0.41.0db monitor current imon cw,pf=2mw,vrd=5v 0.05 - - ma dark current (photodiode) id vrd=5v - 0.01 1 a capacitance (photodiode) ct vrd=5v,f=1mhz - - 25 pf note 1. if : forward current(ld) note 2. ib : bias current(ld) note 3. er=max|10 log(pf(tc)/pf(25 c)| optical fiber specification parameter limits unit type single mode --- fiber length (fig.1) l=1000 to 1200 mm mode field dia. 9.5 1 m cladding dia. 125 2 m jacket dia. 0.9typ. mm connector type fc/pc ---
tz7-00-051b 21 june, 2001(4/ 4 ) mitsubishi (optical devices) fu-636sdf-ev1m68_75 1.47 to 1.61 m dfb-ld module with singlemode fiber pigtail outline diagram (unit : mm) note. tolerance unless noted 0.5 fu-636sdf-ev1m68_75 pin 1 2 3 4 function pd anode pd cathode ld cathode ld anode , gnd


▲Up To Search▲   

 
Price & Availability of FU-636SDF-EV1M6875

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X