Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download ETSA480085U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a division of cui inc date page series: description: 02/2011 1 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com features ?universal ac input ?regulated output voltage ?short circuit protection ?meets eisa / efficiency level v regulations ?custom designs available model output voltage output current output wattage ripple* efficiency level cord length nominal (v dc) min (a) max (a) max (w) max. (mvp-p) (mm) etsa120330u 12 0 3.3 40 240 v 1,830 +150/-0 etsa190210u 19 0 2.1 40 240 v 1,830 +150/-0 etsa200200u 20 0 2 40 240 v 1,830 +150/-0 etsa240170u 24 0 1.7 40 240 v 1,830 +150/-0 ETSA480085U 48 0 0.85 40 240 v 1,830 100 part number key etsa120330u d c - xx - sz - cxx input cable: c = included blank = no cable dc plug type: see output plug options on page 5 factory designation base number example of 12 v dc, 3.3 a ac input plug: d = iec 320 c8 plug reserved for custom configurations *at full load, 100 ~ 240 v ac input, measured at 20mhz bandwidth with a 10 uf electrolytic cap and a 0.1 uf ceramic cap on the output rohs
a division of cui inc date page series: description: 02/2011 2 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com input parameter conditions/description min nom max units rated input voltage 100 240 v ac input voltage range 90 264 v ac rated frequency 50 60 hz frequency range 47 63 hz rated input current 1a no load power consumption 0.3 w output parameter conditions/description min nom max units line regulation 1 % load regulation 5 % short circuit protection output shut down and auto-restart safety & emi parameter conditions/description min nom max units hi-pot input to output at 10 ma for 1 minute 3,000 4,242 v ac v dc insulation resistance input to output at 500 v dc 100 m ? safety approvals ul/cul (ul60950-1), gs emi standard fcc class b, ce, vcci, en55022, en55024 leakage current 0.25 ma rohs compliant yes environmental parameter conditions/description min nom max units operating temperature 040c operating humidity 20 80 % storage temperature -10 70 c storage humidity 10 90 %
a division of cui inc date page series: description: 02/2011 3 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com mechanical drawing ? mechanical drawing (48 v model)
a division of cui inc date page series: description: 02/2011 4 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com dc cord ETSA480085U 20 awg etsa240170u etsa200200u 20 awg 18 awg etsa190210u etsa120330u cable gauge 22 awg 20 awg cable length: refer to page 1 black wire, white stripe: positive ???? ?d? ? ?1? ??3??3
?3?33
? ?? ?? ?????? 48b ?? 33???????33????33??c?3 ac cord *contact cui for additional ac cord input blade options.
a division of cui inc date page series: description: 02/2011 5 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com output plug options *contact cui for additional output plug options. 9.5 9.5 stripped and tinned 9.5 9.5 9.5 9.5 9.5 c 5.0 5.0 na 1.7 1.7 0.7 eiaj-3 eiaj-2 eiaj-1 eiaj 4.75 4.0 2.35 p14/p14r p13/p13r d unit b a p12/p12r mm mm mm 2.5 2.1 5.5 5.5 p11 c unit b a p10 mm mm 9.5 9.5 9.5 1.05 1.35 1.3 2.5 2.1 3.8 3.8 3.5 5.5 5.5 p9/p9r p8/p8r p7/p7r p6/p6r c unit b a *tip positive p5/p5r mm mm mm mm mm ??3??a?? ??3d? ??3??a?? ??3d? ? ? ? ? ? ?  ? ? ? ? ? ? ? ? ? p1r p1 right angle pxr standard px right angle pxxr st stripped and tinned pxx x x standard pxx n = center negative plug polarity: ?blank? = n/a p = center positive plug angle: ?blank? = standard r = right angle plug type dc plug type eiaj plugs locking dc plug standard dc plug 3.5 mm phono plug ?d
a division of cui inc date page series: description: 02/2011 6 of 6 switching power supply etsa 40w 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com tolerance 1 mm individual packaging  ?  ?  ?   rohs compliant 501 1 0 1 ?  ? ?   ? ?  ? ?   ? ? ? ?  ? ? ?   ? ? ? ? ? ) ? ? ?  ? ? ? ? ? ? "rohs compliant" packaging tolerance +7 / -0 mm


▲Up To Search▲   

 
Price & Availability of ETSA480085U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X