Part Number Hot Search : 
TFS622 GRM033R MP018 2SK3046 SN74L SRF1015 EMICO 2SK3046
Product Description
Full Text Search
 

To Download EBJ20UF8BCF0-GN-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document no. e1689e21 (ver. 2.1) date published january 2011 (k) japan printed in japan url: http://www.elpida.com ? elpida memory, inc. 2010-2011 data sheet 2gb unbuffered ddr3 sdram dimm ebj20uf8bcf0 (256m words 64 bits, 1 rank) specifications ? density: 2gb ? organization ? 256m words 64 bits, 1 rank ? mounting 8 pieces of 2g bits ddr3 sdram sealed in fbga ? package: 240-pin socket type dual in line memory module (dimm) ? pcb height: 30.0mm ? lead pitch: 1.0mm ? lead-free (rohs compliant) and halogen-free ? power supply: vdd = 1.5v 0.075v ? data rate: 1600mbps/1333mbps (max.) ? eight internal banks for concurrent operation (components) ? interface: sstl_15 ? burst lengths (bl): 8 and 4 with burst chop (bc) ? /cas latency (cl): 6, 7, 8, 9, 10, 11 ? /cas write latency (cwl): 5, 6, 7, 8 ? precharge: auto precharge option for each burst access ? refresh: auto-refresh, self-refresh ? refresh cycles ? average refresh period 7.8 s at 0 c tc + 85 c 3.9 s at + 85 c < tc + 95 c ? operating case temperature range ? tc = 0 c to +95 c features ? double-data-rate architecture: two data transfers per clock cycle ? the high-speed data transfer is realized by the 8 bits prefetch pipelined architecture ? bi-directional differential data strobe (dqs and /dqs) is transmitted/received with data for capturing data at the receiver ? dqs is edge-aligned with data for reads; center- aligned with data for writes ? differential clock inputs (ck and /ck) ? dll aligns dq and dqs transitions with ck transitions ? commands entered on each positive ck edge; data and data mask referenced to both edges of dqs ? data mask (dm) for write data ? posted /cas by programmable additive latency for better command and data bus efficiency ? on-die-termination (odt) for better signal quality ? synchronous odt ? dynamic odt ? asynchronous odt ? multi purpose register (mpr) for pre-defined pattern read out ? zq calibration for dq drive and odt ? programmable partial array self-refresh (pasr) ? /reset pin for power-up sequence and reset function ? srt range: ? normal/extended ? programmable output driver impedance control
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 2 ordering information part number data rate mbps (max.) component jedec speed bin (cl-trcd-trp) package contact pad mounted devices EBJ20UF8BCF0-GN-F 1600 ddr3-1600k (11-11-11) edj2108bcse-gn-f ebj20uf8bcf0-dj-f 1333 ddr3-1333h (9-9-9) 240-pin dimm (lead-free and halogen-free) gold edj2108bcse-gn-f edj2108bcse-dj-f detailed information for detailed electrical specifications and further information, please refer to the component ddr3 sdram datasheet edj2104bcse, edj2108bcse (e1677e).
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 3 pin configurations front side back side front side back side front side back side pin no. pin name pin no. pin name pin no. pin name pin no. pin name pin no. pin name pin no. pin name 1 vrefdq 121 vss 42 nc 162 nc 82 dq33 202 vss 2 vss 122 dq4 43 nc 163 vss 83 vss 203 dm4 3 dq0 123 dq5 44 vss 164 nc 84 /dqs4 204 nc 4 dq1 124 vss 45 nc 165 nc 85 dqs4 205 vss 5 vss 125 dm0 46 nc 166 vss 86 vss 206 dq38 6 /dqs0 126 nc 47 vss 167 nc 87 dq34 207 dq39 7 dqs0 127 vss 48 nc 168 /reset 88 dq35 208 vss 8 vss 128 dq6 key 89 vss 209 dq44 9 dq2 129 dq7 49 nc 169 nc 90 dq40 210 dq45 10 dq3 130 vss 50 cke0 170 vdd 91 dq41 211 vss 11 vss 131 dq12 51 vdd 171 nc 92 vss 212 dm5 12 dq8 132 dq13 52 ba2 172 a14 93 /dqs5 213 nc 13 dq9 133 vss 53 nc 173 vdd 94 dqs5 214 vss 14 vss 134 dm1 54 vdd 174 a12 95 vss 215 dq46 15 /dqs1 135 nc 55 a11 175 a9 96 dq42 216 dq47 16 dqs1 136 vss 56 a7 176 vdd 97 dq43 217 vss 17 vss 137 dq14 57 vdd 177 a8 98 vss 218 dq52 18 dq10 138 dq15 58 a5 178 a6 99 dq48 219 dq53 19 dq11 139 vss 59 a4 179 vdd 100 dq49 220 vss 20 vss 140 dq20 60 vdd 180 a3 101 vss 221 dm6 21 dq16 141 dq21 61 a2 181 a1 102 /dqs6 222 nc 22 dq17 142 vss 62 vdd 182 vdd 103 dqs6 223 vss 23 vss 143 dm2 63 nc 183 vdd 104 vss 224 dq54 24 /dqs2 144 nc 64 nc 184 ck0 105 dq50 225 dq55 25 dqs2 145 vss 65 vdd 185 /ck0 106 dq51 226 vss 26 vss 146 dq22 66 vdd 186 vdd 107 vss 227 dq60 27 dq18 147 dq23 67 vrefca 187 nc 108 dq56 228 dq61 28 dq19 148 vss 68 nc 188 a0 109 dq57 229 vss 29 vss 149 dq28 69 vdd 189 vdd 110 vss 230 dm7 30 dq24 150 dq29 70 a10(ap) 190 ba1 111 /dqs7 231 nc 31 dq25 151 vss 71 ba0 191 vdd 112 dqs7 232 vss 32 vss 152 dm3 72 vdd 192 /ras 113 vss 233 dq62 33 /dqs3 153 nc 73 /we 193 /cs0 114 dq58 234 dq63 34 dqs3 154 vss 74 /cas 194 vdd 115 dq59 235 vss 35 vss 155 dq30 75 vdd 195 odt0 116 vss 236 vddspd 36 dq26 156 dq31 76 nc 196 a13 117 sa0 237 sa1 37 dq27 157 vss 77 nc 197 vdd 118 scl 238 sda 38 vss 158 nc 78 vdd 198 nc 119 sa2 239 vss 39 nc 159 nc 79 nc 199 vss 120 vtt 240 vtt 40 nc 160 vss 80 vss 200 dq36 41 vss 161 nc 81 dq32 201 dq37
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 4 pin description pin name function a0 to a14 address input row address a0 to a14 column address a0 to a9 a10 (ap) auto precharge a12 (/bc) burst chop ba0, ba1, ba2 bank select address /ras row address strobe /cas column address strobe /we write enable /cs0 chip select cke0 clock enable ck0 clock input /ck0 differential clock input odt0 odt control dq0 to dq63 data input/output dqs0 to dqs7, /dqs0 to /dqs7 input and output data strobe dm0 to dm7 input mask scl clock input for serial pd sda data input/output for serial pd sa0, sa1, sa2 address input for serial pd vdd* 1 power for internal circuit vddspd power for serial pd vrefca reference voltage for ca vrefdq reference voltage for dq vss ground vtt i/o termination supply for sdram /reset set dram to a known state nc no connection note: 1. the vdd and vddq pins are tied common to a single power-plane on these designs. 1 pin front side back side 48 pin 49 pin 120 pin 121 pin 168 pin 169 pin 240 pin
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 5 serial pd matrix -dj -gn byte no. function described hex comments hex comments 0 number of serial pd bytes written/spd device size/crc coverage 92h 176/256/0-116 92h 176/256/0-116 1 spd revision 10h rev.1.0 10h rev.1.0 2 key byte/dram device type 0bh ddr3 sdram 0bh ddr3 sdram 3 key byte/module type 02h udimm 02h udimm 4 sdram density and banks 03h 2g bits, 8 banks 03h 2g bits, 8 banks 5 sdram addressing 19h 15 rows, 10 columns 19h 15 rows, 10 columns 6 module nominal voltage, vdd 00h 1.5v 00h 1.5v 7 module organization 01h 1 rank/ 8 bits 01h 1 rank/ 8 bits 8 module memory bus width 03h 64 bits/non-ecc 03h 64 bits/non-ecc 9 fine timebase (ftb) divi dend/divisor 52h 5/2 52h 5/2 10 medium timebase (mtb) dividend 01h 1 01h 1 11 medium timebase (mtb) divisor 08h 8 08h 8 12 sdram minimum cycle time (tck (min.)) 0ch 1.5ns 0ah 1.25ns 13 reserved 00h ? 00h ? 14 sdram cas latencies supported, lsb 7ch 6, 7, 8, 9, 10 fch 6, 7, 8, 9, 10, 11 15 sdram cas latencies supported, msb 00h ? 00h ? 16 sdram minimum cas latencies time (taa (min.)) 69h 13.125ns 69h 13.125ns 17 sdram minimum write recovery time (twr (min.)) 78h 15ns 78h 15ns 18 sdram minimum /ras to /cas delay (trcd (min.)) 69h 13.125ns 69h 13.125ns 19 sdram minimum row active to row active delay (trrd (min.)) 30h 6ns 30h 6ns 20 sdram minimum row precharge time (trp (min.)) 69h 13.125ns 69h 13.125ns 21 sdram upper nibbles for tras and trc 11h ? 11h ? 22 sdram minimum active to precharge time (tras (min.)), lsb 20h 36ns 18h 35ns 23 sdram minimum active to ac tive /auto-refresh time (trc (min.)), lsb 89h 49.125ns 81h 48.125ns 24 sdram minimum refresh recovery time delay (trfc (min.)), lsb 00h 160ns 00h 160ns 25 sdram minimum refresh recovery time delay (trfc (min.)), msb 05h 160ns 05h 160ns 26 sdram minimum internal write to read command delay (twtr (min.)) 3ch 7.5ns 3ch 7.5ns 27 sdram minimum internal read to precharge command delay (trtp (min.)) 3ch 7.5ns 3ch 7.5ns 28 upper nibble for tfaw 00h 30ns 00h 30ns 29 minimum four activate window delay time (tfaw (min.)) f0h 30ns f0h 30ns 30 sdram optional features 83h dll-off, rzq/6, 7 83h dll-off, rzq/6, 7 31 sdram thermal and refresh options 81h pasr/2x refresh at +85 c to +95 c 81h pasr/2x refresh at +85 c to +95 c 32 module thermal sensor 00h not incorporated 00h not incorporated 33 sdram device type 00h standard 00h standard 34 to 59 reserved 00h ? 00h ?
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 6 -dj -gn byte no. function described hex comments hex comments 60 module nominal height 0fh 29 < height 30mm 0fh 29 < height 30mm 61 module maximum thickness 01h single side 01h single side 62 reference raw card used 00h raw card a0 00h raw card a0 63 address mapping from edge connector to dram 00h standard 00h standard 64 to 116 reserved 00h ? 00h ? 117 module id: manufacturer?s jedec id c ode, lsb 02h elpida memory 02h elpida memory 118 module id: manufacturer?s jedec id code, msb feh elpida memory feh elpida memory 119 module id: manufacturing location ? ? 120 module id: manufacturing date yy ye ar code (bcd) yy year code (bcd) 121 module id: manufacturing date ww w eek code (bcd) ww week code (bcd) 122 to 125 module id: module serial number ? ? 126 cyclical redundancy code (crc) a8h ? 7dh ? 127 cyclical redundancy code (crc) b9h ? 67h ? 128 module part number 45h e 45h e 129 module part number 42h b 42h b 130 module part number 4ah j 4ah j 131 module part number 32h 2 32h 2 132 module part number 30h 0 30h 0 133 module part number 55h u 55h u 134 module part number 46h f 46h f 135 module part number 38h 8 38h 8 136 module part number 42h b 42h b 137 module part number 43h c 43h c 138 module part number 46h f 46h f 139 module part number 30h 0 30h 0 140 module part number 2dh ? 2dh ? 141 module part number 44h d 47h g 142 module part number 4ah j 4eh n 143 module part number 2dh ? 2dh ? 144 module part number 46h f 46h f 145 module part number 20h (space) 20h (space) 146 module revision code 30h initial 30h initial 147 module revision code 20h (space) 20h (space) 148 sdram manufacturer?s jedec id code, lsb 02h elpida memory 02h elpida memory 149 sdram manufacturer?s jedec id code, m sb feh elpida memory feh elpida memory 150 to 175 manufacturer's specific data 176 to 255 open for customer use 00h ? 00h ?
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 7 block diagram rdqs0 rdq [ 7:0 ] /rdqs0 rdm0 dq[7:0] d0 /cs dqs /dqs dm rdqs1 rdq [ 15:8 ] /rdqs1 rdm1 dq[7:0] d1 /cs dqs /dqs dm rdqs2 rdq [ 23:16 ] /rdqs2 rdm2 dq[7:0] d2 /cs dqs /dqs dm rdqs3 rdq [ 31:24 ] /rdqs3 rdm3 dq[7:0] d3 /cs dqs /dqs dm rdqs4 rdq [ 39:32 ] /rdqs4 rdm4 dq[7:0] d4 /cs dqs /dqs dm rdqs5 rdq [ 47:40 ] /rdqs5 rdm5 dq[7:0] d5 /cs dqs /dqs dm rdqs6 rdq [ 55:48 ] /rdqs6 rdm6 dq[7:0] d6 /cs dqs /dqs dm rdqs7 rdq [ 63:56 ] /rdqs7 rdm7 dq[7:0] d7 /cs dqs /dqs dm /cs0 d0 d1 d2 d3 d4 d5 d6 d7 all sdrams /cs0 ba [ 2:0 ] a[ 14:0 ] /ras /cas /we cke0 odt0 ck0 /ck0 /reset all sdrams 2.2 p f dqs [ 7:0 ] dq [ 63:0 ] /dqs [ 7:0 ] rdqs [ 7:0 ] rdq [ 63:0 ] /rdqs [ 7:0 ] /cs0 ba [ 2:0 ] a[ 14:0 ] /ras /cas /we cke0 odt0 vtt vtt 39 ? 39 ? 15 ? a1 sda scl a0 a2 wp serial pd sa1 scl sa0 sa2 sd a vss note : 1. dq wiring may be changed within a byte. vtt address, command and control line ck0 /ck0 vdd 36 ? 0.1 f dm [ 7:0 ] rdm [ 7:0 ] all sdrams all sdrams all sdrams all sdrams all sdrams serial pd vddspd vrefc a a ll sdrams vtt vrefdq a ll sdrams vss a ll sdrams, serial pd vdd a ll sdrams vss zq ( each sdram ) 240 ? all sdrams all sdrams all sdrams
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 8 electrical specifications ? all voltages are referenced to vss (gnd). absolute maximum ratings parameter symbol value unit notes power supply voltage vdd ? 0.4 to +1.975 v 1, 3, 4 input voltage vin ? 0.4 to +1.975 v 1, 4 output voltage vout ? 0.4 to +1.975 v 1, 4 reference voltage vrefca ? 0.4 to 0.6 vdd v 3, 4 reference voltage for dq vrefdq ? 0.4 to 0.6 vddq v 3, 4 storage temperature tstg ? 55 to +100 c 1, 2, 4 power dissipation pd 8 w short circuit output current iout 50 ma 1, 4 notes: 1. stresses greater than those listed under abso lute maximum ratings may cause permanent damage to the device. this is a stress rating only and functi onal operation of the devic e at these or any other conditions above those indicated in the operational sectio ns of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. storage temperature is the case surface te mperature on the center/t op side of the dram. 3. vdd and vddq must be within 300m v of each other at all times; and vref must be not greater than 0.6 vddq, when vdd and vddq are less than 500mv; vref may be equal to or less than 300mv. 4. ddr3 sdram component specification. caution exposing the device to stress above those listed in absolute maximum ratings could cause permanent damage. the device is not meant to be operated under conditions outside the limits described in the operational section of this sp ecification exposure to absolute maximum rating conditions for extended periods may affect device reliability. operating temperature condition parameter symbol rating unit notes operating case temperature tc 0 to +95 c 1, 2, 3 notes: 1. operating tem perature is the case surface temperat ure on the center/top side of the dram. 2. the normal temperature range specifies the temperatur es where all dram specifications will be supported. during operati on, the dram case temperature must be maintained between 0c to +85c under all operating conditions. 3. some applications require operation of the dram in the exte nded temperature range between +85c and +95c case temperature. full s pecifications are guarant eed in this range, but the following additional conditions apply: a) refresh commands must be doubled in frequency, therefore reducing the refresh interval trefi to 3.9s. (this double refresh requirement may not apply for some devices.) b) if self-refresh operation is required in the extend ed temperature range, t hen it is mandatory to either use the manual self-r efresh mode with extended temperature range capability (mr2 bit [a6, a7] = [0, 1]) or enable the optional auto se lf-refresh mode (mr2 bit [a6, a7] = [1, 0]).
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 9 recommended dc operating conditions (tc = 0c to +85c) parameter symbol min. typ. max. unit notes supply voltage vdd, vddq 1.425 1.5 1.575 v 1, 2, 3 vss 0 0 0 v 1 vddspd 3.0 3.3 3.6 v input reference voltage for address, command inputs vrefca (dc) 0.49 vdd ? 0.51 vdd v 1, 4, 5 input reference voltage for dq, dm inputs vrefdq (dc) 0.49 vdd ? 0.51 vdd v 1, 4, 5 notes: 1. ddr3 sdram co mponent specification. 2. under all conditions vddq must be less than or equal to vdd. 3. vddq tracks with vdd. ac parameters are measured with vdd and vddq tied together. 4. the ac peak noise on vref may not allow vref to deviate from vref(dc) by more than 1% vdd (for reference: approx 15 mv). 5. for reference: approx. vdd/2 15 mv.
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 10 dc characteristics 1 (tc = 0c to +85c, vdd = 1.5v 0.075v, vss = 0v) data rate (mbps) 1600 1333 parameter symbol max. max. unit notes operating current (act-pre) idd0 560 520 ma operating current (act-read-pre) idd1 680 640 ma idd2p1 296 280 ma fast pd exit precharge power-down standby current idd2p0 120 120 ma slow pd exit precharge standby current idd2n 400 360 ma precharge standby odt current idd2nt 400 360 ma precharge quiet standby current idd2q 400 360 ma active power-down current (always fast exit) idd3p 312 296 ma active standby current idd3n 520 480 ma operating current (burst read operating) idd4r 1280 1120 ma operating current (burst write operating) idd4w 1320 1160 ma burst refresh current idd5b 2000 1920 ma all bank interleave read current idd7 2080 2000 ma reset low current idd8 136 136 ma self-refresh current (tc = 0 c to +85 c, vdd = 1.5v 0.075v) parameter symbol max. unit notes self-refresh current normal temperature range idd6 136 ma self-refresh current extended temperature range idd6et 176 ma auto self-refresh current (optional) idd6tc ? ma
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 11 timings used for idd and iddq measurement-loop patterns ddr3-1600 ddr3-1333 parameter 11-11-11 9-9-9 unit cl 11 9 nck tck min. 1.25 1.5 ns nrcd min. 11 9 nck nrc min. 39 33 nck nras min. 28 24 nck nrp min. 11 9 nck nfaw 24 20 nck nrrd 5 4 nck nrfc 128 107 nck
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 12 pin functions ck, /ck (input pin) ck and /ck are differential clock inputs. all address and c ontrol input signals are sampled on the crossing of the positive edge of ck and negative edge of /ck. output (read) data is referenced to the crossings of ck and /ck (both directions of crossing). /cs (input pin) all commands are masked when /cs is registered high. /cs provides for external rank selection on systems with multiple ranks. /cs is considered part of the command code. /ras, /cas, and /we (input pins) /ras, /cas and /we (along with /cs) define the command being entered. a0 to a14 (input pins) provided the row address for active commands and the co lumn address for read/write commands to select one location out of the memory array in the respective bank. (a10(ap) and a12(/bc) have additional functions, see below) the address inputs also provide t he op-code during mode register set commands. [address pins table] address (a0 to a14) row address (ra) column address (ca) notes ax0 to ax14 ay0 to ay9 a10 (ap) (input pin) a10 is sampled during read/write commands to determine whether auto-precharge should be performed to the accessed bank after the read/write operation. (h igh: auto-precharge; low: no auto-precharge) a10 is sampled during a precharge command to determine whether the precharge applies to one bank (a10 = low) or all banks (a10 = high). if only one bank is to be prec harged, the bank is selected by bank addresses (ba). a12 (/bc) (input pin) a12 is sampled during read and write commands to determi ne if burst chop (on-the-fly) will be performed. (a12 = high: no burst chop, a12 = low: burst chopped.) ba0 to ba2 (input pins) ba0, ba1 and ba2 define to which bank an active, read, write or precharge command is being applied. ba0 and ba1 also determine if a mode register is to be accessed during a mrs cycle. [bank select signal table] ba0 ba1 ba2 bank 0 l l l bank 1 h l l bank 2 l h l bank 3 h h l bank 4 l l h bank 5 h l h bank 6 l h h bank 7 h h h remark: h: vih. l: vil.
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 13 cke (input pin) cke high activates, and cke low deactivates, internal clock signals and device input buffers and output drivers. taking cke low provides precharge power-down and self-refr esh operation (all banks idle), or active power-down (row active in any bank). cke is asynchronous for se lf-refresh exit. after vref has become stable during the power-on and initialization sequence, it must be maintained for proper operat ion of the cke receiver. for proper self-refresh entry and exit, vref must be maintained to this input. cke must be maintained high throughout read and write accesses. input buffers, excluding ck, /ck, odt and cke are disabled during power-down. input buffers, excluding cke, are disabled during self-refresh. dq (input and output pins) bi-directional data bus. dqs and /dqs (input and output pins) output with read data, input with write data. edge- aligned with read data, centered in write data. the data strobe dqs is paired with differential signals /dqs to provide differential pair signaling to the system during reads and writes. odt (input pin) odt (registered high) enables termination resistance inte rnal to the ddr3 sdram. when enabled, odt is only applied to each dq, dqs, /dqs, dm. the odt pin will be ignored if the mode register (mr1) is programmed to disable odt. dm (input pins) dm is the reference signal of the dat a input mask function. dms are sampl ed at the cross point of dqs and /dqs. vdd (power supply pins) 1.5v is applied. (vdd is for the internal circuit.) vddspd (power supply pin) 3.3v is applied (for serial eeprom). vss (power supply pins) ground is connected. vtt (power supply pins) i/o termination supply for sdram. vrefdq (power supply pin) reference voltage for dq. vrefca (power supply pin) reference voltage for ca. /reset (input pin) /reset is negative active signal (active low) and is referred to vss.
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 14 physical outline (datum -a-) 47.00 71.00 a b 1 unit: mm 1.27 0.10 4.00 min 3.18 max 0.5 min eca-ts2-0193-03 240 121 c 2.80 min 9.50 17.30 30.00   
 
 
               
 
        (back) front side back side 133.35 component area (front)   120
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 15 caution for handling memory modules when handling or inserting memory modules, be sure not to touch any components on the modules, such as the memory ics, chip capacitors and chip resistors. it is necessary to avoid undue mechanical stress on these components to prevent damaging them. in particular, do not push module cover or drop the modules in order to protect from mechanical defects, which would be electrical defects. when re-packing memory modules, be sure the modules are not touching each other. modules in contact with other modules may cause excessive mechanical stress, which may damage the modules. mde0202 notes for cmos devices 1 precaution against esd for mos devices exposing the mos devices to a strong electric field can cause destruction of the gate oxide and ultimately degrade the mos devices operation. steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it, when once it has occurred. environmental control must be adequate. when it is dry, humidifier should be used. it is recommended to avoid using insulators that easily build static electricity. mos devices must be stored and transported in an anti-static container, static shielding bag or conductive material. all test and measurement tools including work bench and floor should be grounded. the operator should be grounded using wrist strap. mos devices must not be touched with bare hands. similar precautions need to be taken for pw boards with semiconductor mos devices on it. 2 handling of unused input pins for cmos devices no connection for cmos devices input pins can be a cause of malfunction. if no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. cmos devices behave differently than bipolar or nmos devices. input levels of cmos devices must be fixed high or low by using a pull-up or pull-down circuitry. each unused pin should be connected to v dd or gnd with a resistor, if it is considered to have a possibility of being an output pin. the unused pins must be handled in accordance with the related specifications. 3 status before initialization of mos devices power-on does not necessarily define initial status of mos devices. production process of mos does not define the initial operation status of the device. immediately after the power source is turned on, the mos devices with reset function have not yet been initialized. hence, power-on does not guarantee output pin levels, i/o settings or contents of registers. mos devices are not initialized until the reset signal is received. reset operation must be executed immediately after power-on for mos devices having reset function. cme0107
ebj20uf8bcf0 data sheet e1689e21 (ver. 2.1) 16 m01e1007 no part of this document may be copied or reproduced in any form or by any means without the prior written consent of elpida memory, inc. elpida memory, inc. does not assume any liability for infringement of any intellectual property rights (including but not limited to patents, copyrights, and circuit layout licenses) of elpida memory, inc. or third parties by or arising from the use of the products or information listed in this document. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of elpida memory, inc. or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of the customer's equipment shall be done under the full responsibility of the customer. elpida memory, inc. assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. [product applications] be aware that this product is for use in typical electronic equipment for general-purpose applications. elpida memory, inc. makes every attempt to ensure that its products are of high quality and reliability. however, this product is not intended for use in the product in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment, medical equipment for life support, or other such application in which especially high quality and reliability is demanded or where its failure or malfunction may directly threaten human life or cause risk of bodily injury. customers are instructed to contact elpida memory's sales office before using this product for such applications. [product usage] design your application so that the product is used within the ranges and conditions guaranteed by elpida memory, inc., including the maximum ratings, operating supply voltage range, heat radiation characteristics, installation conditions and other related characteristics. elpida memory, inc. bears no responsibility for failure or damage when the product is used beyond the guaranteed ranges and conditions. even within the guaranteed ranges and conditions, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating elpida memory, inc. products does not cause bodily injury, fire or other consequential damage due to the operation of the elpida memory, inc. product. [usage environment] usage in environments with special characteristics as listed below was not considered in the design. accordingly, our company assumes no responsibility for loss of a customer or a third party when used in environments with the special characteristics listed below. example: 1) usage in liquids, including water, oils, chemicals and organic solvents. 2) usage in exposure to direct sunlight or the outdoors, or in dusty places. 3) usage involving exposure to significant amounts of corrosive gas, including sea air, cl 2 , h 2 s, nh 3 , so 2 , and no x . 4) usage in environments with static electricity, or strong electromagnetic waves or radiation. 5) usage in places where dew forms. 6) usage in environments with mechanical vibration, impact, or stress. 7) usage near heating elements, igniters, or flammable items. if you export the products or technology described in this document that are controlled by the foreign exchange and foreign trade law of japan, you must follow the necessary procedures in accordance with the relevant laws and regulations of japan. also, if you export products/technology controlled by u.s. export control regulations, or another country's export control laws or regulations, you must follow the necessary procedures in accordance with such laws or regulations. if these products/technology are sold, leased, or transferred to a third party, or a third party is granted license to use these products, that third party must be made aware that they are responsible for compliance with the relevant laws and regulations. the information in this document is subject to change without notice. before using this document, confirm that this is the late st version.


▲Up To Search▲   

 
Price & Availability of EBJ20UF8BCF0-GN-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X