Part Number Hot Search : 
2SA1804 24A15 R2006 MBJ15 GT20J341 2SA1804 B8806 CP243
Product Description
Full Text Search
 

To Download E48SH12010NRFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet ds_e48sh3r330_05142009 features ? high efficiency: 92.0% @3.3v/30a ? size: 58.4mm x 22.8mm x9.5mm (2.30?x0.90?x0.37?) ? industry standard pin out ? fixed frequency operation ? input uvlo, output otp, ocp, ovp ? monotonic startup into normal and pre-biased loads ? secondary control, very fast transient response ? 2250v isolation and basic insulation ? no minimum load required ? no negative current during power or enable on/off ? iso 9001, tl 9000, iso 14001, qs 9000, ohsas 18001 certified manufacturing facility ? ul/cul 60950 (us & canada) recognized, and tuv (en60950) certified ? ce mark meets 73/23/eec and 93/68/eec directive applications ? telecom/datacom ? wireless networks ? optical network equipment ? server and data storage ? industrial/test equipment options ? positive on/off logic ? short pin lengths available ? external synchronization ? output ovp latch mode ? output ocp latch mode ? heat spreader delphi series e48sh, 120w eighth brick family dc/dc power modules: 48v in, 3.3v/30a out the delphi series e48sh eighth bric k, 48v input, single output, isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. this product family is available in either a through-hole or surface-mounted package and provides up to 120 watts of power or 50a of output current (1.2v and below) in an industry standard footprint and pinout. the e48sh converter operates from an input volt age of 36v to 75v and is available in output voltages from 1.0v to 15v. e fficiency is up to 92.0% for 3.3v output at 30a full load. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating condition s. all models are fully protected from abnormal input/output voltage, current, and temperature conditions. the delphi series converters meet all safety requirements with basic insulation.
e48sh3r330_05142009 2 technical specifications (t a =25c, airflow rate=300 lfm, v in =48vdc, nominal vout unless otherwise noted.) parameter notes and conditions e48sh3r330 (standard) min. typ. max. units absolute maximum ratings input voltage continuous 75 vdc transient (100ms) 100ms 100 vdc operating temperature refer to figure 21 for measuring point -40 129 c storage temperature -55 125 c input/output isolation voltage 2250 vdc input characteristics operating input voltage 36 48 75 vdc input under-voltage lockout turn-on voltage threshold 33 34 35 vdc turn-off voltage threshold 31 32 33 vdc lockout hysteresis voltage 1 2 3 vdc maximum input current 100% load, 36vin 3.6 a no-load input current 50 120 ma off converter input current 3 10 ma inrush current(i 2 t) 1 a 2 s input reflected-ripple current p-p thru 12h inductor, 5hz to 20mhz 25 ma input voltage ripple rejection 120 hz 50 db output characteristics output voltage set point vin=48v, io=io.max, tc=25c 3.257 3.300 3.333 vdc output voltage regulation over load io=io,min to io,max 3 10 mv over line vin=36v to 75v 3 10 mv over temperature tc=-40c to 115c 15 mv total output voltage range over sample load, line and temperature 3.24 3.35 v output voltage ripple and noise 5hz to 20mhz bandwidth peak-to-peak full load, 1f ceramic, 10f tantalum 30 60 mv rms full load, 1f ceramic, 10f tantalum 10 20 mv operating output current range 0 30 a output dc current-limit inception output voltage 10% low 110 140 % dynamic characteristics output voltage current transient 48v, 10f tan & 1f ceramic load cap, 0.1a/s positive step change in output current 50% io.max to 75% io.max 30 mv negative step change in output current 75% io.max to 50% io.max 30 mv settling time (within 1% vout nominal) 100 us turn-on transient start-up time, from on/off control 15 ms start-up time, from input 15 ms maximum output capacitance full load; no overshoot of vout at startup 10000 f efficiency 100% load 92 % 60% load 92.5 % isolation characteristics input to output 2250 vdc isolation resistance 10 m ? isolation capacitance 1500 pf feature characteristics switching frequency 240 khz on/off control, negative remote on/off logic logic low (module on) von/off at io n/off=1.0ma 0 1.2 v logic high (module off) von/off at ion/off=0.0 a 3 50 v on/off control, positive remote on/off logic logic low (module off) von/off at io n/off=1.0ma 0 1.2 v logic high (module on) von/off at ion/off=0.0 a 3 50 v on/off current (for both remote on/off logic) ion/off at von/off=0.0v 1 ma leakage current (for both remote on/off logic) logic high, von/off=15v 50 ua output voltage trim range across pins 9 & 5, pout Q max rated power -20 10 % output voltage remote sense range pout Q max rated power 10 % output over-voltage protection over full temp range; % of nominal vout 118 130 % general specifications cmtbf io=80% of io, max; ta=25 , airflow rate=300flm 4.1 m hours weight 25 grams over-temperature shutdown refer to figure 21 for measuring point 135 c
e48sh3r330_05142009 3 electrical characteristics curves figure 1: efficiency vs. load current for minimum, nominal, and maximum input voltage at 25c figure 2: power dissipation vs. load current for minimum, nominal, and maximum input voltage at 25c. figure 3: typical full load input characteristics at room temperature 0 0.5 1 1.5 2 2.5 3 3.5 4 30 38 46 54 62 70 78 input voltage (v) input current(a)
e48sh3r330_05142009 4 electrical characteristics curves for negative remote on/off logic figure 4: turn-on transient at zero load current (5 ms/div). vin=48v.top trace: vout, 2v/div; bottom trace: on/off input, 2v/div figure 5: turn-on transient at full ra ted load current (constant current load) (5 ms/div). vin=48v.top trace: vout, 2v/div; bottom trace: on/off input, 2v/div for input voltage start up figure 6: turn-on transient at zero load current (5 ms/div). vin=48v.top trace: vout, 2v/div, bottom trace: input voltage, 50v/div figure 7: turn-on transient at full ra ted load current (constant current load) (5 ms/div). vin=48v.top trace: vout, 2v/div; bottom trace: input voltage, 50v/div
e48sh3r330_05142009 5 electrical characteristics curves figure 8: output voltage response to step-change in load current (75%-50% of io, max; di/dt = 0.1a/s). load cap: 10f, tantalum capacitor and 1f ceramic capacitor. trace: vout (50mv/div, 100us/div ) , scope measurement should be made using a bnc cable (length shorte r than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module.. figure 9: output voltage response to step-change in load current (50%-75% of io, max; di/dt = 0.1a/s). load cap: 10f, tantalum capacitor and 1f ceramic capacitor. trace: vout (50mv/div, 100us/div ) , scope measurement should be made using a bnc cable (length shorte r than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module.. figure 10: test set-up diagram showing measurement points for input terminal ripple current and input reflected ripple current. note: measured input reflected-ripple current with a simulated source inductance (l test ) of 12 h. capacitor cs offset possible battery impedance. measure current as shown above figure 11: input terminal ripple current, i c , at full rated output current and nominal input voltage with 12h source impedance and 33f electrolytic capacitor (200 ma/div, 2us/div).
e48sh3r330_05142009 6 electrical characteristics curves figure 12: input reflected ripple current, i s , through a 12h source inductor at nominal input voltage and rated load current (20 ma/div, 2us/div). figure 13: output voltage noise and ripple measurement test setup figure 14: output voltage ripple at nominal input voltage and rated load current (io=30a)(50 mv/div, 2us/div) load capacitance: 1f ceramic capacitor and 10f tantalum capacitor. bandwidth: 20 mhz. scope measurements should be made using a bnc cable (length shorter than 20 inches). position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module. figure 15: output voltage vs. load current showing typical current limit curves and converter shutdown points. strip copper vo(-) vo(+) 10u 1u scope resistiv e load
e48sh3r330_05142009 7 ? the input source must be insulated from the ac mains by reinforced or double insulation. ? the input terminals of the module are not operator accessible. ? if the metal baseplate is grounded , one vi pin and one vo pin shall also be grounded. ? a selv reliability test is conducted on the system where the module is used , in combination with the module, to ensure that under a single fault, hazardous voltage does not appear at the module?s output. when installed into a class ii equipment (without grounding), spacing consideration should be given to the end-use installation, as the spacing between the module and mounting surface have not been evaluated. the power module has extra-low voltage (elv) outputs when all inputs are elv. this power module is not internally fused. to achieve optimum safety and system prot ection, an input line fuse is highly recommended. the safety agencies require a normal-blow fuse with 10a maximum rating to be installed in the ungrounded lead. a lower rated fuse can be used based on the maximum inrush transient energy and maximum input current. soldering and cleaning considerations post solder cleaning is usually the final board assembly process before the board or system undergoes electrical testing. inadequate cleaning and/or drying may lower the reliability of a power module and severely affect the finished circuit board assembly test. adequate cleaning and/or drying is especially important for un-encapsulated and/or open frame type power modules. for assistance on appropriate soldering and cleaning procedures, please contact delta?s technical support team. design considerations input source impedance the impedance of the input source connecting to the dc/dc power modules will interact with the modules and affect the stability. a low ac-impedance input source is recommended. if the source inductance is more than a few h, we advise adding a 10 f to 100 f electrolytic capacitor (esr < 0.7 ? at 100 khz) mounted close to the input of the module to improve the stability. layout and emc considerations delta?s dc/dc power modules are designed to operate in a wide variety of systems and applications. for design assistance with emc compliance and related pwb layout issues, please contact delta?s technical support team. an external input filter module is available for easier emc compliance design. application notes to assist designers in addressing these issues are pending release. safety considerations the power module must be installed in compliance with the spacing and separation requirements of the end-user?s safety agency standard, i.e., ul60950, can/csa-c22.2 no. 60950-00 and en60950: 2000 and iec60950-1999, if the system in which the power module is to be used must meet safety agency requirements. basic insulation based on 75 vdc input is provided between the input and output of the module for the purpose of applying insulation requirements when the input to this dc-to-dc converter is identified as tnv-2 or selv. an additional evaluation is needed if the source is other than tnv-2 or selv. when the input source is selv circuit, the power module meets selv (safety extra-low voltage) requirements. if the input source is a hazardous voltage which is greater than 60 vdc and less than or equal to 75 vdc, for the module?s output to meet selv requirements, all of the following must be met:
e48sh3r330_05142009 8 features descriptions over-current protection the e48sh modules include an internal output over-current protection circuit, which will endure current limiting for an unlimited duration during output overload. when the output current exce eds the ocp set point, the current limit function will work by initially reduce duty cycle of the module, the unit will go out of regulation but remains in safe operating area before the output drops below 50%. when output drops below 50%, the modules will automatically s hut down and enter hiccup mode. during hiccup, the modules will try to restart after shutdown. if the overload condition still exists, the module will shut down again. this restart trial will continue until the overload condition is corrected. over-voltage protection the modules include an internal output over-voltage protection circuit, which monitors the voltage on the output terminals. if this voltage exceeds the over-voltage set point, the module will shut down and restart after 200ms. latch off mode is optional. under latch off mode the over-voltage latch is reset by either cycling the input power or by toggling the on/off signal for one second. over-temperature protection the over-temperature protecti on consists of circuitry that provides protection from thermal damage. if the temperature exceeds the ov er-temperature threshold the module will shut down. the module will try to rest art after shutdown. if the over-temperature co ndition still exists during restart, the module will shut down again. this restart trial will continue until the temperature is within specification. remote on/off the remote on/off feature on the module can be either negative or positive logic. negative logic turns the module on during a logic low and off during a logic high. positive logic turns the modules on during a logic high and off during a logic low. remote on/off can be controlled by an external switch between the on/off terminal and the vi(-) terminal. the switch can be an open collector or open drain. for negative logic if the remote on/off feature is not used, please short the on/off pin to vi(-). for positive logic if the remote on/off feature is not used, please leave the on/off pin to floating. vo(+) vi(+) vo(-) sense(-) sense(+) vi(-) on/off figure 16: remote on/off implementation remote sense remote sense compensates for voltage drops on the output by sensing the actual output voltage at the point of load. the voltage between the remote sense pins and the output terminals mu st not exceed the output voltage sense range given here: [vo(+) ? vo(?)] ? [sense(+) ? sense(?)] 10% vout this limit includes any increase in voltage due to remote sense compensation and output voltage set point adjustment (trim). vi(-) vi(+) vo(-) vo(+) sense(+) sense(-) resistance contact contact and distributio n losses figure 17: effective circuit configuration for remote sense operation if the remote sense feature is not used to regulate the output at the point of load, please connect sense(+) to vo(+) and sense(?) to vo(?) at the module. the output voltage can be increased by both the remote sense and the trim; however, the maximum increase is the larger of either the remote sense or the trim, not the sum of both. when using remote sense and trim, the output voltage of the module is usually increased, which increases the power output of the module with the same output current. care should be taken to ensure that the maximum output power does not exceed the maximum rated power.
e48sh3r330_05142009 9 features descriptions (con.) output voltage adjustment (trim) to increase or decrease the output voltage set point, the modules may be connected with an external resistor between the trim pin and either the sense(+) or sense(-). the trim pin should be left open if this feature is not used. figure 18: circuit configuration for trim-down (decrease output voltage) if the external resistor is connected between the trim and sense (-) pins, the output voltage set point decreases (fig. 18). the external resistor value required to obtain a percentage of output voltage change % is defined as: () ? = ? k down rtrim 2 . 10 511 ex. when trim-down -10%(3.3v0.9=2.97v) () = ? = ? k down rtrim 9 . 40 2 . 10 10 511 figure 19: circuit configuration for trim-up (increase output voltage) if the external resistor is connected between the trim and sense (+) the output voltage set point increases (fig. 19). the external resistor value required to obtain a percentage output voltage change % is defined as: () ? ? + = ? k up rtrim 2 . 10 511 1.225 ) (100 vo 11 . 5 ex. when trim-up +10%(3v1.1=3.3v) () 5.11 3.3 (100 10 ) 511 10.2 90.1 1.225 10 10 rtrim up k + ? =??= the output voltage can be increased by both the remote sense and the trim, however the maximum increase is the larger of either the remote sense or the trim, not the sum of both. when using remote sense and trim, the output voltage of the module is usually incr eased, which increases the power output of the module with the same output current. care should be taken to ensure that the maximum output power of the module remains at or below the maximum rated power. frequency synchronization this product family can be synchronized with external clock signal to the trim pin. this reduces system noise and interference in multiple converter systems.
e48sh3r330_05142009 10 thermal considerations thermal management is an important part of the system design. to ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the modul e. convection cooling is usually the dominant mode of heat transfer. hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel. thermal testing setup delta?s dc/dc power modules are characterized in heated vertical wind tunnels t hat simulate the thermal environments encountered in most electronics equipment. this type of equipment commonly uses vertically mounted circuit card s in cabinet racks in which the power modules are mounted. the following figure shows the wind tunnel characterization setup. the power module is mounted on a test pwb and is vertically positioned within the wind tunnel. the space between the neighboring pwb and the top of the power modul e is constantly kept at 6.35mm (0.25??). note: wind tunnel test setup figure dimensions are in millimeters and (inches) 12.7 (0.5?) module a ir flo w 50.8 ( 2.0? ) facing pwb pwb air velocit y and ambient temperature measured below the module figure 20: wind tunnel test setup thermal derating heat can be removed by in creasing airflow over the module. the hottest point te mperature of the module is 129 . to enhance system reli ability; the power module should always be operated below the maximum operating temperature. if t he temperature exceeds the maximum module temperature, reliability of the unit may be affected. thermal curves figure 21: case temperature measurement location. pin locations are for reference only. the allowed maximum hot spot temperature is defined at 129 e48sh3r330(standard) output current vs. ambient temperature and air velocity @vin = 48v (transverse orientation) 0 5 10 15 20 25 30 25 30 35 40 45 50 55 60 65 70 75 80 85 ambient temperature ( ) output current(a) natural convection 100lfm 200lfm 300lfm 400lfm figure 22: output current vs. ambient temperature and air velocity @ v in =48v (transverse orientation)
e48sh3r330_05142009 11 pick and place location surface-mount tape & reel recommended pad layout (smd)
e48sh3r330_05142009 12 leaded (sn/pb) process reco mmended temperature profile time ( sec. ) pre-heat temp. 140~180 c 60~120 sec. peak temp. 210~230 c 5sec. ramp-up temp. 0.5~3.0 c /sec. temperature ( c ) 50 100 150 200 250 300 60 0 120 180 240 2nd ramp-up temp. 1.0~3.0 c /sec. over 200 c 40~50sec. cooling down rate <3 c /sec. note: the temperature refers to the pin of e48sh, measured on the pin +vout joint. lead free (sac) process recomm ended temperature profile temp . time 150 200 100~140 sec. time limited 90 sec. above 217 217 preheat time ramp up max. 3 /sec. ramp down max. 4 /sec. peak tem p . 240 ~ 245 note: the temperature refers to the pin of e48sh, measured on the pin +vout joint. * for modules with through-hole pins and the optional heatspreader, they are intended for wave soldering assembly onto system boards; please do not subject such modules through reflow temperature profile.
e48sh3r330_05142009 13 mechanical drawing surface-mount module through-hole module pin no. name function 1 2 3 4 5 6 7 8 +vin on/off -vin -vout -sense trim +sense +vout positive input voltage remote on/off negative input voltage negative output voltage negative remote sense output voltage trim positive remote sense positive output voltage
e48sh3r330_05142009 14 mechanical drawing (with heatspreader) through-hole module * for modules with through-hole pins and the optional heatspreader, they are intended for wave soldering assembly onto system boards; please do not subject such modules through reflow temperature profile.
e48sh3r330_05142009 15 part numbering system e 48 s h 3r3 30 n r f a type of product input voltage number of outputs product series output voltage output current on/off logic pin length option code e- eighth brick 48-36v~75v s- single h-50a series 3r3 - 3.3v 30 - 30a n- negative p- positive r- 0.170? n- 0.145? k- 0.110? m- smd f- rohs 6/6 (lead free) a- standard functions h - with heatspreader model list model name input output eff @ 100% load e48sh1r250nrfa 36v~75v 2.3a 1.2v 50a 86.5% e48sh1r540nrfa 36v~75v 2.2a 1.5v 40a 89% e48sh1r840nrfa 36v~75v 2.7a 1.8v 40a 90% e48sh2r535nrfa 36v~75v 2.9a 2.5v 35a 89.5% e48sh3r330nrfa 36v~75v 3.6a 3.3v 30a 92% e48sh05020nrfa 36v~75v 3.7a 5.0v 20a 90% E48SH12010NRFA 36v~75v 4.3a 12v 10a 93.5% default remote on/off logic is negative and pin length is 0.170? for different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales office . contact: www.delta.com.tw/dcdc usa: telephone: east coast: (888) 335 8201 west coast: (888) 335 8208 fax: (978) 656 3964 email: dcdc@delta-corp.com europe: telephone: +41 31 998 53 11 fax: +41 31 998 53 53 email: dcdc@delta-es.tw asia & the rest of world: telephone: +886 3 4526107 x 6220 fax: +886 3 4513485 email: dcdc@delta.com.tw warranty delta offers a two (2) year limited warran ty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and re liable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice .


▲Up To Search▲   

 
Price & Availability of E48SH12010NRFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X