Part Number Hot Search : 
IN74180 SMD32PT 8HRTZ LP110 CQL32E1 JYC0128 LVTH16 A150P
Product Description
Full Text Search
 

To Download DIP24-1C90-52L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  modifications in the sense of technical progress are reserved index 00 2001-10-11 type : DIP24-1C90-52L meder electronic ag friedrich-list-strasse 6 78234 engen-welschingen phone.: fax: email: internet: +49 (0) 7733 / 9487-0 +49 (0) 7733 / 9487-32 info@meder.com www.meder.com part number: 3224001052 dimensions (tolerance 0,1mm) layout 52 l pitch 2,54 / top view marking type data-code en 60062 coil data condition min. typ. max. unit coil resistance at 20c 1800 2200  nominal voltage 24 vdc pull-in voltage 16,8 vdc drop-out voltage 3,6 vdc coil voltage at 20c 44,0 vdc coil voltage at 60c 28,5 vdc nominal power determined with nominal voltage and rated current 288 mw contact data 90 (form c/dry) contact material rhodium rated power each combination of the switching voltage and current must not exceed the given rated power 3 w switching voltage 175 vdc switching current 0,25 a carry current 1,2 a static contact resistance initial values measured with 1,4 x at pull-in 150 m  insulation resistance rh  45% 10 9  breakdown voltage 200 vdc capacitance without test coil 1,0 pf relay data insulation resistance coil-contact 10 11  insulation voltage coil-contact 1,5 kvdc shock ? sine wave, duration 11ms 50 g vibration 50 ? 2000hz 30 g operate time including bounce measured at 1,4 x at pull-in 0,7 ms release time 1,0 ms general data operating temperature -20 70 c storing temperature -35 95 c soldering temperature 10 sec. at 260 c cleaning fully sealed material of case mineral-filled epoxy material of pins cu-alloy tinned


▲Up To Search▲   

 
Price & Availability of DIP24-1C90-52L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X