Part Number Hot Search : 
4423GM LC90A 88W8500 MAX1035 PA0801NL 88W8500 IRGPC40S EL5103
Product Description
Full Text Search
 

To Download CAY16-911J4LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features rohs compliant* convex and concave terminals 2, 4 or 8 isolated elements available resistance tolerance ? % and ? % resistance range: 10 ohms to 1 megohm cat/cay 16 series - chip resistor arrays *rohs directive 2002/95/ec jan 27 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. speci cations how to order ca y 16 - 103 j 4 lf chip arrays type  cat16 = concave terminations  cay16 = convex terminations resistance code  103 = 10 k ohms  1003 = 100 k ohms (1 % tolerance)  000 = zero-ohm resistance tolerance  j = 5 % (use ?j? for zero-ohm jumper)  f = 1 % (4 resistor pkg. and cat16-f8) resistors  2 = 2 isolated resistors  4 = 4 isolated resistors  8 = 8 isolated resistors terminations  lf = tin-plated (rohs compliant) requirement characteristics test method short time overload 2 % +0.1 ohm rated voltage x 2.5, 5 seconds soldering heat 2 % +0.1 ohm 260 c 5 c, 10 seconds 1 second temperature cycling (5) 1 % + 0.1 ohm 125 c (30 minutes) - normal (15 minutes) -55 c (30 minutes) - normal (15 minutes) moisture load life 3 % +0.1 ohm 1000 hours load life 3 % +0.1 ohm 1000 hours characteristics characteristics cat16/cay16 number of elements 2 (j2), 4 (f4, j4), 8 (f8, j8) power rating per resistor 62 mw (31 mw for cay16-j8) resistance tolerance 1 %, 5 % resistance range: e24 (j), e96 + e24 (f) 10 ohms - 1 megohm zero-ohm jumper < 0.05 ohm max. working voltage 50 v (25 v for cay16-j8) operating temp. range -55 c - 125 c packaging size j2 .......... 0606 package size f4, j4 .... 1206 package size f8 .......... 2406 package size for cat16 j8 .......... 2406 package size for cat16; 1506 package size for cay16 for standard values used in capacitors, inductors, and resistors, click here. schematics r 1 r 2 r 1 r 2 r 3 r 4 cat16-f4, -j4 cay16-f4, -j4 r 1 r 2 r 3 r 4 cat16-f8, -j8 cay16-j8 r 5 r 6 r 7 r 8 cat16-j2 cay16-j2 soldering pro le for rohs compliant chip resistors and arrays 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (c) 60 - 120 seconds 60 - 90 seconds 260 ? peak 190 ? 150 ? 220 ? ramp down 6 ?/second 255 ? maximum of 20 seconds between +255 ? and +260 ? ramp up 3 ?/second maximum 10 seconds minimum <1> <1> *rohs compliant
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. cat/cay 16 series - chip resistor arrays derating curve rated power in percentage (%) ambient temperature (?c) 0 -55 0 70 125 20 40 60 80 100 dimensions dimensions: mm (inches) model a a? b c d e f cat16-f4 0.40 0.15 ? 3.20 0.20 0.80 0.10 1.60 0.20 0.50 0.10 0.30 0.15 (.016 .006) (.126 .008) (.032 .004) (.063 .008) (.020 .004) (.012 .006) cat16-j4 0.40 0.15 ? 3.20 0.20 0.80 0.10 1.55 0.25 0.50 0.10 0.30 0.20 (.016 .006) (.126 .008) (.032 .004) (.061 .0098) (.020 .004) (.012 .008) cay16-f4, -j4 0.50 0.15 0.70 0.10 3.20 0.20 0.80 0.05 1.60 0.20 0.50 0.10 0.30 0.20 (.002 .006) (.027 .004) (.126 .008) (.032 .002) (.063 .008) (.020 .004) (.012 .008) cat16-j2 0.40 0.15 ? 1.60 0.15 0.80 0.05 1.60 0.15 0.60 0.15 0.30 0.20 (.016 .006) (.063 .006) (.032 .002) (.063 .006) (.024 .006) (.012 .008) cay16-j2 ? 0.60 0.15 1.60 0.15 0.76 0.10 1.60 0.15 0.45 +0.15/-0.10 0.30 0.20 (.024 .006) (.063 .006) (.030 .004) (.063 .006) (.018 +0.006/-0.004) (.012 .008) cat16-f8, -j8 0.40 0.15 ? 6.40 0.20 0.80 0.15 1.60 0.20 0.60 0.15 0.30 0.20 (.016 .006) (.252 .008) (.032 .006) (.063 .008) (.024 .006) (.012 .008) cay16-j8 0.30 0.15 0.30 0.15 3.80 0.20 0.50 0.05 1.60 0.20 0.50 0.10 0.30 0.15 (.012 .006) (.012 .006) (.15 .008) (.02 .002) (.063 .008) (.02 .004) (.012 .006) con gurations a c b f d f e cat16-f4, -j4 a c b f cat16-j2 a a' c b f cay16-f4, -j4 a' c b f cay16-j2 d f e a c b f cat16-f8, -j8 a a' c b f cay16-j8
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. cat/cay 16 series - chip resistor arrays land patterns a f b p solder resist land chip resistor array a f bp solder resist land chip resistor array a f b solder resist land chip resistor array p a f b p solder resist land chip resistor array cat16-f4, -j4, -f8, -j8 cay16-f4, -j4, -j8 cat16-j2 cay16-j2 model a b p f cat16-f4, -j4, -f8, -j8 0.7 to 0.9 0.4 to 0.45 0.80 2.2 to 2.6 (.028 to .035) (.016 to .0178) (.032) (.087 to .102) cay16-f4, -j4 0.7 to 0.9 0.4 to 0.45 0.80 2.4 to 2.8 (.028 to .035) (.016 to .0178) (.032) (.094 to .11) cay16-j8 0.7 to 0.9 0.3 to 0.35 0.50 2.0 to 2.2 (.028 to .035) (.012 to .014) (.020) (.079 to .087) cat16-j2 0.7 to 0.9 0.4 to 0.45 0.80 2.2 to 2.6 (.028 to .035) (.016 to .0178) (.032) (.087 to .102) cay16-j2 0.7 to 0.9 0.4 to 0.5 0.80 2.0 to 2.6 (.028 to .035) (.016 to .020) (.032) (.079 to .102) packaging dimensions 4.0 0.1 (.158 .004) 2.0 + 0.1/-0.2 (.08 + .004/-.008) 4.0 0.1 (.157 .004) 1.0 (.039) max. a c b 1.5 + 0.1 - 0 (.059 + .004 - 0) 180 (7.087) 2.0 0.5 (.079 .020) 60 (2.362) 21.0 0.8 (.827 .031) 13.0 0.5 (.511 .020) d e dimensions: mm (inches) model a b c d e cat16-f4, -j4 & cay16-f4, j4 3.60 0.20 3.50 .005 8.0 0.3 9.0 0.3 11.4 1.0 (.142 .008) (.138 .004) (.315 .012) (.354 .012) (.449 .040) cat16-j2 & cay16-j2 1.80 0.10 3.50 .005 8.0 0.3 9.0 0.3 11.4 1.0 (.070 .004) (.138 .004) (.315 .012) (.354 .012) (.449 .040) cat16-f8, -j8 6.90 0.20 5.50 0.10 12.0 0.2 13.0 0.2 15.4 1.0 (.272 .008) (.217 .004) (.472 .008) (.512 .008) (.606 .040) cay16-j8 4.10 0.15 3.50 0.05 8.0 0.3 9.0 0.3 11.4 1.0 (.161 .012) (.138 .002) (.315 .012) (.354 .012) (.449 .040)  5,000 pcs. per reel (j2, j4, cay16-j8) 4,000 pcs. per reel (cat16-f8, -j8)  paper tape rev. 08/10


▲Up To Search▲   

 
Price & Availability of CAY16-911J4LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X