Part Number Hot Search : 
4731A APBA3010 C0525A 4731A 74F564 PC102 PC102 PC102
Product Description
Full Text Search
 

To Download C2260A1-0093-12M8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2260a1-0093 tcxo www.vectron.com modified 2008-01-08 index : 4 printed 2011- 11-29 ? page 1 of 4 vectron international ? product specifications c2260a1-0093 nominal frequency (f0) 12.8 mhz frequency stabilities parameter frequency stability operating temp. range over all (df/f0) -4.6 to 4.6 ppm vs. operating temp. range (df/f@25 c) -0.28 to 0.28 ppm -20 ... 70 c parameter value condition initial tolerance (df/f0) -1 to 1 ppm @25 c vs. supply voltage change (df/f) -0.3 to 0.3 ppm static; 3.3 v 5 % vs. load change (df/f) -0.1 to 0.1 ppm static; load 10 % vs. aging / 20 years (df/f) < 3 ppm @ 40 c holdover 24 h 0.32 ppm full temp. range @ vs0.5% stratum 3 per gr-1244-core: <4.6ppm for all causes @ 20 years aging rf output parameter value condition signal lvcmos load 15 pf 10 % fan out 3 rise time < 5 ns @ 10 to 90 %vout fall time < 5 ns @ 90 to 10 %vout duty cycle 45 / 55 % @ 1.65 v v low x < 0.3 v v high x > 3 v supply voltage parameter value condition supply voltage (vs) 3.3 v 5 % current consumption steady state < 10 ma @ vsnom & 25 c additional parameters parameter typ. max. condition phase noise -90 dbc/hz@10hz -115 dbc/hz@100hz -135 dbc/hz@1000hz -152 dbc/hz@10khz parameter value condition additional information 24 hour drift: 0.04ppm processing & packing handling&processing note additional environmental conditions tensile strength of leads din iec 68 t2-21 (ua 1) flexibility of leads din iec 68 t2-21 (ub) sealing test a nicht dicht (not hermetically sealed) solderability din iec 68 t2-20 (ta) 100% rohs compliant solvent resistance en 60068-2-45, test xa washable device absolute maximum ratings parameter min typ max units condition operable temperature range -40 85 c storage temperature range -40 85 c
c2260a1-0093 tcxo www.vectron.com modified 2008-01-08 index : 4 printed 2011- 11-29 ? page 2 of 4 vectron international ? product specifications c2260a1-0093 enclosure type g211a height 2.3 mm all units in mm pin connections pin 1: n.c, pin 2: gnd (case) pin 3: rf-output pin 4: vs (supply voltage) marking 2a-093 12m800 *vayyww - - * pin-1 marking
c2260a1-0093 tcxo www.vectron.com modified 2008-01-08 index : 4 printed 2011- 11-29 ? page 3 of 4 vectron international ? product specifications c2260a1-0093 reflow profile profile feature pb-free assembly/sn-pb assembly average ramp-up rate (tl to tp) 3c/second max. preheat -temperature min (tsmin) 150c -temperature min (tsmax) 200c -time (min to max) (ts) 60-180 seconds tsmax to tl - ramp-up rate 3c/second max. time maintainted above - temperature (tl) 217c - time (tl) 60-150 seconds peak temperature (tp) max 260c time within 5c of actual peak temperature (tp) 20-40 seconds ramp-down rate 6c/second max. time 25c to peak temperature 8 minutes max. note: all temperatures refer to topside of the packa ge, measured on the package body surface. additional information this smd oscillator has been designed for pick and p lace reflow soldering.
c2260a1-0093 tcxo www.vectron.com modified 2008-01-08 index : 4 printed 2011- 11-29 ? page 4 of 4 vectron international ? product specifications c2260a1-0093 standard shipping method tape width w [mm] quantity per meter quantity per reel p [mm] a [mm] b [mm] k [mm] 16 125 750 8 5.4 7.4 2.7 notes: unless otherwise stated all values are valid after warm-up time and refer to typical conditions for su pply voltage, frequency control voltage, load, temperature (25c) . subject to technical modification.


▲Up To Search▲   

 
Price & Availability of C2260A1-0093-12M8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X