Part Number Hot Search : 
ISL94203 NDT2955 RB2545CT STC4054 1N1188E3 ADTR2 M4502 ECG005
Product Description
Full Text Search
 

To Download ASSVP-FREQ-R-D15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | assvp series ? laptop computer ? pda ? lcd ? digital camera ? wireless lan ? mobile phone ? printer ? flat tv ? spread spectrum low emi oscillator ? 7.0x5.0x1.4mm ceramic package ? tri-state function ? ir-reflow capable ? low power consumption ? seam sealed package with high reliability ? rohs compliant 7 . 0 x 5 . 0 x 1 . 4m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified applications: features: standard specifications: 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator p arameters 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 09.08.09 visit www.abracon.com for terms & conditions of sale abracon p/n assvp series frequency range: 10.000000mhz - 160.000000mhz spread type (typical): emi reduction (reduction is applied to the entire frequency spectrum) with respect to the db level when no modulation. operating temperature: storage temperature: -55c to + 125c frequency stability: supply voltage (vdd): 2.5, or 3.3 v 10% (see options) start-up time: 2ms typ. 10ms max. rise time / fall time see table 1 or 2 below load: 15pf (30pf max) current consumption: see table 1 or 2 below duty cycle: 50% 5% (c l = 15pf at 50% v dd ) output type: aging (first year) output voltage "high" ; "1": output voltage "low" ; "0": modulation carrier frequency (dither rate): tri-state function : logic "1" or open: oscillation logic "0" (vil < 0.8 vdc) : hi z * frequency stability includes initial tolerance, temperature characteristics, load variation, and supply voltage variation,. -40c to + 85c 50ppm (see options) * cmos 3ppm max.; ta=+25c quick turn delivery! <5 days for small quantities! center spread: 0.125% to 2.00% down spread: -0.25% to -4.00% (see table 3 for options) -7dbc min. 100mhz at c02 -9dbc min. 100mhz at c04 -12dbc min. 100mhz at c12 90% v dd min. 10% v dd max. programmable dependant ( 30khz to 40khz ) table 1: 2.5v typica l ma x typical 1 0 2 0 2.0 1 5 2 0 2.0 2 0 2 5 1.5 2 5 3 0 1.5 table 2: 3.3v typica l ma x typical 1 5 2 0 3.0 2 0 2 5 2.5 2 5 3 0 2.0 3 0 4 0 1.5 3.0 100 to 160mhz 0 . 5 z h m 9 9 . 9 4 o t 0 1 tr/tf (nsec) 0 . 4 z h m 9 9 . 9 7 o t 0 5 current consumption (ma) 0 . 3 z h m 9 9 . 9 9 o t 0 8 tr/tf (nsec) x a m y c n e u q e r f current consumption (ma) 0 . 8 z h m 9 9 . 9 7 o t 0 5 0 . 5 z h m 9 9 . 9 9 o t 0 8 x a m y c n e u q e r f 0 . 0 1 z h m 9 9 . 9 4 o t 0 1 0 . 4 z h m 0 6 1 o t 0 0 1
| | | | | | | | | | | | | | | assvp series 7 . 0 x 5 . 0 x 1 . 4 m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified options & part identification: (left blank if standard) 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 09.08.09 visit www.abracon.com for terms & conditions of sale table 3: spread spectrum bandwidth selection table c01 0.125 d01 -0.25 c02 0.250 d02 -0.50 c03 0.375 d03 -0.75 c04 0.50 d04 -1.00 c05 0.675 d05 -1.25 c06 0.750 d06 -1.50 c07 0.875 d07 -1.75 c08 1.000 d08 -2.00 c09 1.125 d09 -2.25 c10 1.250 d10 -2.50 c11 1.375 d11 -2.75 c12 1.500 d12 -3.00 c13 1.675 d13 -3.25 c14 1.750 d14 -3.50 c15 1.875 d15 -3.75 c16 2.000 d16 -4.00 center spread (% ) down spread (%) spread spectrum band width options blan k 3.3v10 % blank 50ppm 1 2.5v10 % r 25ppm please contact abracon for special tighter stability. ssbw: spread spectrum band width assvp - frequency - - - ssbw c or d see table below supply voltage frequency xx.xxxx mhz g n i g a k c a p y t i l i b a t s . q e r f blan k bulk t tape and reel (1000pcs) 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator
| | | | | | | | | | | | | | | assvp series 7 . 0 x 5 . 0 x 1 . 4 m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 09.08.09 visit www.abracon.com for terms & conditions of sale tape & reel: tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) pin 1 2 3 4 note : recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4. vdd function tri-state gnd/case output dimensions: mm reflow profile note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . need a test socket for the assvp series? to view compatible precision test & burn-in sockets for these parts, click here. 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator


▲Up To Search▲   

 
Price & Availability of ASSVP-FREQ-R-D15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X