Part Number Hot Search : 
170CA 10013 CB190 170CA 05S12 P6KE91CA D64F26 6707VZV
Product Description
Full Text Search
 

To Download APM4947KC-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   



     ?    
  !"#$%&&'  
 #    !   (  
 !  )
* )+ 
 $
!  )
  ! 
*  !

*
! *) *  
   
 
 ? -30v/-2.5a , r ds(on) =90m ? (typ.) @ v gs =-10v r ds(on) =145m ? (typ.) @ v gs =-4.5v ? ? ? ? ? super high dense cell design ? ? ? ? ? reliable and rugged ? ? ? ? ? sop-8 package ? ? ? ? ? lead free available (rohs compliant) ? power management in notebook computer, portable equipment and battery powered systems       

 
 p-channel mosfet apm4947 handling code temp. range package code package code k : sop-8 operating junction temp. range c : -55 to 150c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm4947 k : apm4947 xxxxx xxxxx - date code lead free code g1 s1 s2 g2 d1 d1 d2 d2 top view of sop ? 8 d2 g2 s2 d2 (4) (3) (5) (6) d1 g1 s1 d1 (2) (1) (7) (8) note: anpec lead-free products contain molding compounds/die attach materials and 100% matte in plate termina- tion finish; which are fully compliant with rohs and compatible with both snpb and lead-free soldiering operations. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j std-020c for msl classifica- tion at lead-free peak reflow temperature.
  ?    
  !"#$%&&'  
 %   
 
 (t a = 25 c unless otherwise noted) !  
"#

   (t a = 25 c unless otherwise noted) symbol parameter rating unit v dss drain-source voltage -30 v gss gate-source voltage 20 v i d * continuous drain current -2.5 i dm * pulsed drain current v gs =-10v -10 a i s * diode continuous forward current -1.7 a t j maximum junction temperature 150 t stg storage temperature range -55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r ja * thermal resistance-junction to ambient 62.5 c/w note: *surface mounted on 1in 2 pad area, t 10sec.  apm4947k symbol parameter test condition min. typ. max. unit static characteristics bv dss drain-source breakdown voltage v gs =0v, i ds =-250 a -30 v v ds =-24v, v gs =0v -1 i dss zero gate voltage drain current t j =85 c -30 a v gs(th) gate threshold voltage v ds =v gs , i ds =-250 a -1 -1.5 -2 v i gss gate leakage current v gs =20v, v ds =0v 100 na v gs =-10v, i ds =-2.5a 90 120 r ds(on) a drain-source on-state resistance v gs =-4.5v, i ds =-2a 145 185 m ? v sd a diode forward voltage i sd =-1.7a, v gs =0v -0.8 -1.3 v gate charge characteristics b q g total gate charge 8 12 q gs gate-source charge 1.8 q gd gate-drain charge v ds =-15v, v gs =-10v, i ds =-2.5a 1.4 nc 
  ?    
  !"#$%&&'  
 ,  apm4947k symbol parameter test condition min. typ. max. unit dynamic characteristics b r g gate resistance v gs =0v,v ds =0v,f=1mhz 14 ? c iss input capacitance 550 c oss output capacitance 120 c rss reverse transfer capacitance v gs =0v, v ds =-25v, frequency=1.0mhz 80 pf t d(on) turn-on delay time 7 15 t r turn-on rise time 10 20 t d(off) turn-off delay time 13 30 t f turn-off fall time v dd =-15v, r l =15 ? , i ds =-1a,v gen =-10v, r g =6 ? 10 20 ns notes: a : pulse test ; pulse width 300 s, duty cycle 2%. b : guaranteed by design, not subject to production testing. !  
"#

  $" %& (t a = 25 c unless otherwise noted)
  ?    
  !"#$%&&'  
 -  1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r ja : 62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 '(
"#

   -i d - drain current (a) drain current t j - junction temperature ( c) safe operation area -v ds - drain - source voltage (v) thermal transient impedance square wave pulse duration (sec) power dissipation p tot - power (w) t j - junction temperature ( c) -i d - drain current (a) 0 20406080100120140160 0.0 0.5 1.0 1.5 2.0 2.5 t a =25 o c 0 20406080100120140160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t a =25 o c,v g =-10v 0.01 0.1 1 10 100 0.01 0.1 1 10 50 rds(on) limit 1s t a =25 o c 10ms 1ms 100ms dc normalized transient thermal resistance
  ?    
  !"#$%&&'  
 '  r ds(on) - on - resistance (m ? ) drain-source on resistance -i d - drain current (a) t j - junction temperature ( c) gate threshold voltage normalized threshold vlotage -v ds - drain - source voltage (v) -i d - drain current (a) output characteristics transfer characteristics -v gs - gate - source voltage (v) -i d - drain current (a) '(
"#

  $" %& 0123456 0 1 2 3 4 5 6 7 8 9 10 v gs = -5,-6,-7,-8,-9,-10v -3v -4v 0246810 40 60 80 100 120 140 160 180 200 v gs = -10v v gs = -4.5v 01234567 0 1 2 3 4 5 6 7 8 9 10 t j =125 o c t j =25 o c t j =-55 o c -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds = -250 a
  ?    
  !"#$%&&'  
 .  -v ds - drain-source voltage (v) drain-source on resistance normalized on resistance t j - junction temperature ( c) c - capacitance (pf) -v sd - source-drain voltage (v) source-drain diode forward -i s - source current (a) capacitance gate charge q g - gate charge (nc) -v gs - gate-source voltage (v) '(
"#

  $" %& -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r on @t j =25 o c: 90m ? v gs = -10v i ds = -2.5a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 10 t j =150 o c t j =25 o c 0 5 10 15 20 25 30 0 100 200 300 400 500 600 700 800 frequency=1mhz crss coss ciss 012345678 0 1 2 3 4 5 6 7 8 9 10 v ds = -15v i ds = -2.5a
  ?    
  !"#$%&&'  
 /  

 
 millimeters inches dim min. max. min. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 h 5.80 6.20 0.228 0.244 l 0.40 1.27 0.016 0.050 e1 0.33 0.51 0.013 0.020 e2 1.27bsc 0.50bsc 18 8 h e e1 e2 0.015x45 d a a1 0.004max. 1 l sop-8 pin ( reference jedec registration ms-012)
  ?    
  !"#$%&&'  
 0  terminal material solder-plated copper (solder material : 90/10 or 63/37 snpb), 100%sn lead solderability meets eia specification rsi86-91, ansi/j-std-002 category 3.  t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p  )"  (ir/convection or vpr reflow) "

 )   #(
* 
 profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat  temperature min (tsmin)  temperature max (tsmax)  time (min to max) (ts) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above:  temperature (t l )  time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak/classificatioon temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10-30 seconds 20-40 seconds ramp-down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package .measured on the body surface.
  ?    
  !"#$%&&'  
 1  "
 '
 +   t ao e w po p ko bo d1 d f p1 table 1. snpb entectic process ? package peak reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 <2.5 mm 240 +0/-5 c 225 +0/-5 c 2.5 mm 225 +0/-5 c 225 +0/-5 c  table 2. pb-free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350-2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level.  "

 )  $" %& test item method description solderability mil-std-883d-2003 245 c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125 c pct jesd-22-b, a102 168 hrs, 100% rh, 121 c tst mil-std 883d-1011.9 -65 c ~ 150 c, 200 cycles 
 ('   

  ?    
  !"#$%&&'  
 #&  "   * , anpec electronics corp. head office : 5f, no. 2 li-hsin road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 7f, no. 137, lane 235, pac chiao rd., hsin tien city, taipei hsien, taiwan, r. o. c. tel : 886-2-89191368 fax : 886-2-89191369 ", '
   application carrier width cover tape width devices per reel sop- 8 12 9.3 2500 "
 '
 +  $" %& a j b t2 t1 c application a b c j t1 t2 w p e 330 1 62 1.5 12.75 + 0.1 5 2 + 0.5 12.4 +0.2 2 0.2 12 + 0.3 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sop-8 5.5 0.1 1.55 0.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 5.2 0.1 2.1 0.1 0.3 0.013 (mm)


▲Up To Search▲   

 
Price & Availability of APM4947KC-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X