Part Number Hot Search : 
04500 9NC60 SK70WT12 TQ3631 NDP6060L 5KP12A K570ABM ESD3V
Product Description
Full Text Search
 

To Download 71395-0138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0015453538 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? pcb connector, surface mount, high profile, dual row, vertical, 38 circuits documents: 3d model product specification ps-71395 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 71395 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 38 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.058 in pc tail length (mm) 1.47 mm pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to pcb no surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 2.5a grounding to pcb no voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71395 series mates with 8624 c-grid? breakaway header, 70246 straight header, 70247 right angle header, 70287 c-grid? header, 70227 dual row c-grid? header, 70567 c-grid? header, 70280 c-grid? breakaway header, 70524 c-grid? breakaway header, 7
solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 material info old part number 71395-0138 reference - drawing numbers application specification as-71395-001 packaging specification pk-70873-0662 product specification ps-71395 sales drawing sda-71395-0*** this document was generated on 05/31/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 71395-0138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X