this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0469914004 status: active description: 4.20mm (.165") pitch mini-fit rtc? reflow high temperature compatible header, right angle, dual row, 4 circuits, without mounting peg, tin (sn) over nickel (ni) plating documents: drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 46991 application board-to-board, wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-45750-001 for additional current de-rating information. product name mini-fit rtc? physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin black durability (mating cycles max) 75 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination nickel material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.78 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 46991 series mates with 5557 mini fit jr.? receptacle
electrical current - maximum per contact 13a voltage - maximum 600v ac (rms)/dc solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-46991-001 sales drawing sd-46991-001 test summary ts-46991-001 this document was generated on 05/17/2010 please check www.molex.com for latest part information
|