Part Number Hot Search : 
10123 BCE178R LM2904 AM2404IS IN4753 AM2404IS VRT801 CUPPB
Product Description
Full Text Search
 

To Download 449993-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d-sce fluid resistant heat-shrinkable wire identification sleeves 12 catalog 1654227 dimensions not italicized are dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 revised 04-07 in millimeters while dimensions reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 in inches are italicized. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 heat-shrink/cable markers heat shrink/cable markers wire and harness id products d-sce - 5k - 3.2 - 50 - s1- 4 part numbering system color scoring (optional) sleeve length (mm) expanded inside diameter (mm) large packaging (optional) product family d-sce markers are used to identify wires and cables where exposure to organic fluids, especially oils, is required. d-sce markers are designed to operate in these conditions at elevated temperatures for extended periods of time, making them ideal in aerospace, rail and construction industries. the d-sce markers are suitable for use in environments with temperatures of C 55c to +135c (C 67f to +275f), and will provide strain relief, insulation and protection from mechanical abuse. the 3:1 shrink ratio markers* are assembled in a ladder format enabling sleeves to be printed on both sides for maximum data content and readability. *see ordering description. features and benefits resistance to organic fluids, common fuels, lubricants and solvents 3:1 shrink ratio wide range of sizes for several wire and bundle diameters formulated for use in aerospace, rail and construction equipment dot matrix and thermal transfer printable both print technologies meet all specifications and approvals listed temperature rating operating temperature range C55c to +135c C67f to +275f minimum recovery temperature +135c +275f maximum storage temperature +40c +104f specifications/approvals tyco electronics rw 2519 ttds-017 military sae-ams-dtl-23053/6, class 1 (material and performance requirements) sae as81531 4.6.2 mil-std-202 method 215j industry nf f 00 608 category a and h printer information tyco electronics printer am6310 (dot matrix) t312m (thermal transfer) tyco electronics ribbon 1892bk04-ribbon (dot matrix) 1966-ribbon
d-sce fluid resistant heat-shrinkable wire identification sleeves 13 catalog 1654227 dimensions not italicized are dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 revised 04-07 in millimeters while dimensions reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 in inches are italicized. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 heat-shrink/cable markers heat shrink/cable markers wire and harness id products ordering information available sizes and formats inside diameter ordering d (min) d (max) recommended description as supplied after recovery use range mm inches mm inches mm inches d-sce-1k- 2.4-50- 2.39 0.094 0.79 0.031 0.81 - 1.90 0.032 - 0.075 d-sce-1k- 3.2-50- 3.18 0.125 1.07 0.043 1.11 - 2.66 0.044 - 0.105 d-sce-1k- 4.8-50- 4.75 0.187 1.57 0.063 1.75 - 4.06 0.069 - 0.160 d-sce-1k- 6.4-50- 6.35 0.250 2.11 0.084 2.31 - 5.46 0.091 - 0.215 d-sce-1k- 9.5-50- 9.53 0.375 3.18 0.125 3.47 - 8.12 0.137 - 0.320 d-sce-1k-12-50- 12.70 0.500 4.22 0.167 4.64 - 10.79 0.183 - 0.425 d-sce-1k-18-50- 19.05 0.750 6.35 0.250 6.99 - 16.25 0.275 - 0.640 d-sce-1k-25-50- 25.40 1.000 8.46 0.333 9.29 - 21.59 0.366 - 0.850 d-sce-1k-38-50-* 38.10 1.500 19.05 0.750 20.95 - 33.02 0.825 - 1.300 * 2:1 shrink ratio total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. options prescoring perforated score to produce multiple marker sleeves from each d-sce sleeve. standard side scored number of prescores 1 prescore 2 prescores 3 prescores code s1 s2 s3 package sizes standard 1k - 1000 piece packages available for all d-sce sizes nonstandard larger pack sizes are available. please contact tyco electronics. colors standard white yellow code 9 4 nonstandard pink blue code 2l 6 ordering information: specify product name, pack size, sleeve size, prescore, format and color. ordering example: d-sce-1k-6.4-50-s2-4 sog-er33-3 bt-m 50m m (nom ) sog-er32-3 bt-m sog-er13-3 bt-m d d


▲Up To Search▲   

 
Price & Availability of 449993-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X