Part Number Hot Search : 
AN533 2SCR513P LTC13 06220 BR201 AT54A LTC13 XMXXX
Product Description
Full Text Search
 

To Download 2SC2023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC2023 d escription with to-220c package high breakdown voltage applications series regulator, switch, and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 300 v v ceo collector-emitter voltage open base 300 v v ebo emitter-base voltage open collector 6 v i c collector current 2 a i b base current 0.2 a p c collector dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -50~150  fig.1 simplified outline (to-220) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC2023 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 300 v v cesat collector-emitter saturation voltage i c =1a; i b =0.2a 1.0 v i cbo collector cut-off current v cb =300v ;i e =0 1.0 ma i ebo emitter cut-off current v eb =6v; i c =0 1.0 ma h fe dc current gain i c =0.5 a ; v ce =4v 30 f t transition frequency i c =0.2a ; v ce =12v 10 mhz c ob collector output capacitance f=1mhz ; v cb =10v 75 pf switching times t on turn-on time 0.30 s t s storage time 4.00 s t f fall time i c =1a, i b1 =0.1a i b2 =-0.2a; v cc =100v r l =100 @ 1.00 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC2023 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC2023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X