Part Number Hot Search : 
09081 EVB71112 KMPC880 IRLR8711 EB13C3 53C810 YV26A MC100B
Product Description
Full Text Search
 

To Download 2SC2022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC2022 d escription with to-220c package high voltage applications series regulator, switch, and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 300 v v ceo collector-emitter voltage open base 300 v v ebo emitter-base voltage open collector 6 v i c collector current 1 a p c collector dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -50~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC2022 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =25ma ; i b =0 300 v v (br)cbo collector-base breakdown voltage i c =1ma ; i e =0 300 v v (br)ebo emitter-base breakdown voltage i e =1ma ; i c =0 6 v v cesat collector-emitter saturation voltage i c =500ma; i b =100ma 1.0 v i cbo collector cut-off current v cb =300v ;i e =0 1.0 ma i ebo emitter cut-off current v eb =6v; i c =0 1.0 ma h fe dc current gain i c =200m a ; v ce =4v 30 f t transition frequency i c =100ma ; v ce =12v 10 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC2022 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC2022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X