Part Number Hot Search : 
MAXIM MS120 2812T C100KC BR2020 PM903 151MP2 EPS13
Product Description
Full Text Search
 

To Download 2N5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N5401 p n p ep i t a x ial pla n ar t r a n si s t or descrip t i on t h e 2 n 5 401 i s des i g n e d f or g e n e r al p u r pose ap p li c at i o ns r e q u i r i ng h i g h b r eak d o w n v o l ta g es. features ? c o m p l e m en t s to n p n t y p e 2 n 5 5 51 . ? high collector-emitter breakdown voltage. vceo=150v (@ic=1ma) absolute maximum ratings ? maximum temperatures storage temperature .............................................................................................. .-55~+150 c junction temperature ..................................................................................... +150 c maximum ? maximum power dissipation total power dissipation (ta=25 c) ................................................................................ 625 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ....................................................................................... 160 v vceo collector to emitter voltage ................................................................................... .150 v vebo emitter to base voltage .............................................................................................. 5 v ic collector current ........................................................................................................ 600 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 160 - - v ic=100ua, ie=0 bvceo 150 - - v ic=1.0ma, ib=0 bvebo 5 - - v ie=10ua, ic=0 icbo - - 50 na vcb=120v, ie=0 iebo - - 50 na veb=3v. ic=0 vce(sat)1 - - 0.2 v ic=10ma, ib=1.0ma vce(sat)2 - - 0.5 v ic=50ma, ib=5ma vbe(sat)1 - - 1 v ic=10ma, ib=1ma vbe(sat)2 - - 1 v ic=50ma, ib=5ma hfe1 >50 - - vce=5v, ic=1ma hfe2 80 160 400 vce=5v, ic=10ma hfe3 50 - - vce=5v, ic=50ma ft 100 - 300 mhz vce=10v, ic=10ma, f=100mhz cob - - 6 pf vcb=10v, f=1mhz, ie=0 classification of hfe2 rank a n c range 80-200 100-240 160-400 tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 1 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =5v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse biased voltage (v) capacitance (pf) cob cutoff frequency & ic 10 100 1000 1 10 100 collector current-i c (ma) cutoff frequency (mhz) v ce =10v safe operating area 1 10 100 1000 10000 1 10 100 1000 forward biased voltage-v ce (v) collector current-i c (ma) pt=1ms pt=100ms pt=1s tiger electronic co.,ltd tiger electronic co.,ltd
to-92 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e- * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 31 a d b c i 1 e f 2 3 g h 2 3-lead to-92 plastic package tgs package code : a tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of 2N5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X