Part Number Hot Search : 
IRF101 MAP8006 7002Z M88RBB MM5Z6V8 74AUP2 1084092 CM800
Product Description
Full Text Search
 

To Download 1N5399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5391 thru 1N5399 plastic silicon rectifier voltage - 50 to 1000 volts current - 1.5 amperes features l low cost l high current capability l high reliability l plastic package has underwriters laboratory flammability classification 94v - o utilizing flam e retardant epoxy molding compound l 1.5 ampere operation at t l =70  with no thermal runaway l exceeds environmental standards of mil - s - 19500/228 l low leakage mechanical data case: molded plastic , do - 15 terminals: plated axial leads, solderable per mil - std - 202, method 208 polarity: color band denotes cathode mounting posit ion: any weight: 0.015 ounce, 0.4 gram maximum ratings and electrical characteristics ratings at 25  ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. 1n5391 1n5392 1n5393 1n5394 1n5395 1n5396 1n5397 1n5398 1N5399 units maximum recurrent peak reverse voltage 50 100 200 300 400 500 600 800 1000 v maximum rms voltage 35 70 140 210 280 350 420 560 700 v maximum dc blocking voltage 50 100 200 300 400 500 600 800 1000 v maximum average forward rectified current .375"(9.5mm) lead length at t a =60  1.5 a peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method) 50 a maximum forward voltage at 1.5a 1.4 v maximum reverse current rated t a =25  dc blocking voltage t a =100  5.0 500  a  a typical junction capacita nce (note 1) 25 p f typical thermal resistance (note 2) 26.0  /w operating and storage temperature range t j ,t stg - 55 to +150  do - 15
notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. thermal resistance junction to ambient and from junction to lead at 0.375"(9.5mm) lead length p.c.board mounted. rating and characteristic curves 1n5391 thru 1N5399 fig. 1 - typical forward characteristics fig. 2 - peak forward surge current fig. 3 - forward current derating curve fig. 4 - typical junction capacitance


▲Up To Search▲   

 
Price & Availability of 1N5399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X