Part Number Hot Search : 
A2RKB1 PN1010 SR360 U74HC14 SM5397 SS130 8049AH A143E
Product Description
Full Text Search
 

To Download 193-4MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  side actua t e d , surface mo u n t dip swit c h e s featu r es optimized mechanical features ? coplanarity: 0.1mm/.004" maximum ? enclosed actuators shield contacts from foreign particles throughout life of switch ? gull-wing terminal configuration ? compatible with smt assembly including ir and vapor-phase (up to 260c) optimized contact system ? contact wiping action on make and break ? lock-over-center design provides positive detent action ? optimized, active contact design incorporating dimple-to-flat surface wiping interface with high contact force materials ? gold plated contacts for long-term contact corrosion resistance ? tin plated terminals for better solderability switch function spst-2 through 10 positions switch contact resistance 50 milliohms maximum initial 100 milliohms maximum at end of life insulation resistance 1,000 megohms minimum between insulated terminals dielectric strength 500 vac for 1 minute between adjacent switches nonswitching rating 1 00 ma or 50 vdc maximum switch capacitance 5.0 pf maximum between adjacent closed swit ches operating temperature C40c to +85c actuation life 7,000 cycles switching 50 ma @ 24 vdc allowable solder time up to 60 seconds at 260c vibration per mil-std-202f, method 204d, condition b (.06" or 15gs between 10 hz to 2k hz) with no contact inconsistencies greater than 1 microsecond shock per mil-std-202f, method 213b, condition a (50gs) with no contact inconsistencies greater than 1 microsecond sealing bottom epoxy seal standard marking special side or top marking available-consult cts electrical and mechanical specifications ? rohs compliant ? integral terminal and contact locked into high temperature plastic base packaging standard : anti-static tube packaging optional : t ape and reel packaging 1 - 2 ? 2008 cts corporation. all rights reserved. information subject to change. 12/25/08 cts electrocomponents www.ctscorp . c o m ? spst configuration,2 through 10 positions ? ul 94v-0 plastics coplanarity coplanarity of 0.1mm / .004" max ? electrocomponents series 193 data sheet data sheet side actuated dip switch
" a " ov e r a l l s w i t c h dimensions positions part n u m b e r 7. 2 6 / . 2 8 6 2 19 3 C 2 m s 9. 8 0 / . 3 8 6 3 19 3 C 3 m s 12. 3 4 / . 4 8 6 4 19 3 C 4 m s 14. 8 8 / . 5 8 6 5 19 3 C 5 m s 17. 4 2 / . 6 8 6 6 19 3 C 6 m s 19. 9 6 / . 7 8 6 7 19 3 C 7 m s 22. 5 0 / . 8 8 6 8 19 3 C 8 m s 25. 0 4 / . 9 8 6 9 19 3 C 9 m s 27.58 / 1 . 0 8 6 1 0 193 C 1 0 m s o r dering information cts series 193 d i m e n s i o n: m m i n c h x x : # of posit i o n s m : medium length actu a t o r (1.14mm/.045") s : bottom epoxy s e a l r : tape and reel packa g i n g blank : anti-static tube packaging m s r surface mount pad layouts n n : ship at on posi t i o n b l a n k : ship at off posi t i o n 7.62 0.38 7.90 0.25 9.780.25 1.14 1.52 ref s t and off 9.000.25 1.020.13 0.480.08 ty p . 2.54 ty p . p a r t no. 10.40 ref 9.120.25 +0 -0.30 c l 2.54 ty p . 1.13 6.17 1 1.04 2.44 .339 8.60 -0.13 +0.38 .096 .243 .435 d a te code loc a tion d a te code loc a tion .354.010 .060 .010 .100 .044 .3 1 1 .100 .019.003 .040.005 .385.010 .045 .359.010 .410 -0.012 +0 .300 +.015 -.005 .015 cts 1 2 3 8 n o 9 10 4 no . o f C 10 193 "a" 2 - 2 12/25/08 c ts e le c t ro component www .ct s c o r p . c o m ? 2008 cts corporation. all rights reserved. information subject to change. ty p . s


▲Up To Search▲   

 
Price & Availability of 193-4MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X