Part Number Hot Search : 
74HC1510 HC157A MN347H 2SA469 73D17 M3202 FM102H HYMD2
Product Description
Full Text Search
 

To Download 1824700000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lsf-smt = pcb terminal block for lead-free soldering processes with innovative connection technology: "push in". data sheet ?pcb products united kingdom weidmu ller ltd. 1 abbey wood road kings hill w est malling kent me19 4yt phone +44 1732 877032 fax +44 1732 873873 info@weidmuller.co.uk www.weidmueller.com usa w-interconnections, inc. 821 southlake boulevard, richmond, va 23236 phone +1 804 7942877 fax +1 804 3792593 info@weidmuller.com www.weidmuller.com other countries we idm?ller interface gmbh & co. kg p. o. box 3030 d-32720 detmold phone +49 5231 14-0 fax +49 5231 14-20 83 info@weidmueller.com www.weidmueller.com pb the "push in" direct-connection terminal connector system ensures short wiring times: r eductions of up to 50 % for the "connect con- ductor" workstep compared to leaf-spring connector terminals. a spring-action release button in the direction of conductor connection (=top system) opens the clamping point for small cross sections such as unprepared, fle- xible-wire conductors and for changing con- ductors. modern, high-temperature insulating materials (lcp) ensure fulfilment of all requirements for lead-free soldering processes. compact design and packaging (tape-on-reel) suitable for automatic machines make possible full-integration into existing smt lines and thus contribute to additional cost savings in the manufacturing of electronic assemblies. ?r ee selection of pitch in the layout: 3.5, 3.81, 5.00, 5.08, 7.50, 7.62mm ? r ee selection of the voltage class: 1 60, 250, 500 volt in accord. with iec 664-1 ? r ee selection of the conductor exit direction: 90 (horizontal) and 180 (vertical) to circuit board ? r ee selection of the machining: post length: 3.5mm or 1.5mm (optimised for smt-/thr-processes)
2 spring connection lsf-smt 3.50 lsf-smt 3.81 0.14 ?1.5mm 2 (iec) / 24 ?16 awg (ul) ?160v (iec) / 300v (ul) ?17.5a (iec) / 10a (ul) technical data ratings acc. to iec 664-1 / vde 0110 (4.97) max. clamping area mm 2 0.14?.50 sing. core h05(07) v-u mm 2 0.25?.50 mult. core h07 v-r mm 2 flex. wire cond. h05(07) v-k mm 2 0.25?.50 flex. wire cond. with aeh mm 2 0.25?.50 aeh with plast. collar mm 2 stripping length mm 8.0 + 1.0 rated current at ambient temperature 20? 40? a 17.5 17.5 overvoltage cat. iii iii ii soiling level 3 2 2 rated voltage v 160 160 320 rated surge voltage kv 2.5 2.5 2.5 a ul 1059 rated data - e60693 b c d rated voltage v 300 300 rated current a 12.0 10.0 awg conductor 24-16 r csa c22.2 rated data - lr12400 b c d rated voltage v 300 300 rated current a 12.0 10.0 awg conductor 24-16 material data type of insulation lcp gf combustibility class v-0 base material of the contact cu alloy material of the cont. surface tin-plated notices ? ated currents are based on rated cross section and min. num. of pins aeh without plastic collar acc. to din 46228/1 the data listed under csa refer to a cul-permit - e60693 ?r illed hole dia. d = 1.1 + 0.1mm ? rawing legend p = pitch lsf-smt 3.5/90 lsf-smt 3.81/90 d l1 p 7 0.276" 3 0.119" 14.3 0.563" l1+4.2 l1+0.165" 8.5 0.335" ordering data pitch 3.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.50 (0.138) 100 1870500000 1824420000 3 7.00 (0.276) 100 1870530000 1824430000 4 10.50 (0.413) 100 1870550000 1824440000 5 14.00 (0.551) 50 1870580000 1824450000 6 17.50 (0.689) 50 1870590000 1824460000 7 21.00 (0.827) 50 1871020000 1824470000 8 24.50 (0.965) 50 1871030000 1824480000 9 28.00 (1.102) 50 1871040000 1824490000 10 31.50 (1.240) 50 1871050000 1824500000 11 35.00 (1.378) 50 1871060000 1824510000 12 38.50 (1.516) 50 1871070000 1824520000 13 42.00 (1.654) 50 1871080000 1870380000 14 45.50 (1.791) 50 1871090000 1870390000 15 49.00 (1.929) 50 1871100000 1870400000 16 52.50 (2.067) 50 1871110000 1870410000 17 56.00 (2.205) 20 1871120000 1870420000 18 59.50 (2.343) 20 1871130000 1870430000 19 63.00 (2.480) 20 1871140000 1870440000 20 66.50 (2.618) 20 1871150000 1870450000 21 70.00 (2.756) 20 1871160000 1870460000 22 73.50 (2.894) 20 1871170000 1870470000 23 77.00 (3.031) 20 1871180000 1870480000 24 80.50 (3.169) 20 1871190000 1870490000 pitch 3.81 mm pins l1 mm (inch) vpe ord no. ord. no. 2 3.81 (0.150) 100 1869360000 1824620000 3 7.62 (0.300) 100 1869370000 1824630000 4 11.43 (0.450) 100 1869380000 1824640000 5 15.24 (0.600) 50 1869390000 1824650000 6 19.05 (0.750) 50 1869400000 1824660000 7 22.86 (0.900) 50 1869410000 1824690000 8 26.67 (1.050) 50 1869420000 1824700000 9 30.48 (1.200) 50 1869430000 1824710000 10 34.29 (1.350) 50 1869440000 1824720000 11 38.10 (1.500) 50 1869450000 1824730000 12 41.91 (1.650) 50 1869460000 1825300000 13 45.72 (1.800) 50 1869470000 1871200000 14 49.53 (1.950) 50 1869480000 1871210000 15 53.34 (2.100) 50 1869500000 1871220000 16 57.15 (2.250) 50 1869510000 1871230000 17 60.96 (2.400) 20 1869520000 1871240000 18 64.77 (2.550) 20 1869530000 1871250000 19 68.58 (2.700) 20 1869540000 1871260000 20 72.39 (2.850) 20 1869550000 1871270000 21 76.20 (3.000) 20 1869560000 1871280000 22 80.01 (3.150) 20 1869570000 1871290000 23 83.82 (3.300) 20 1869580000 1871300000 24 87.63 (3.450) 20 1869590000 1871310000 lsf-smt 3.5/90 tape lsf-smt 3.81/90 tape 24 56 12.9 ordering data pitch 3.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.50 (0.138) 150 1874690000 1874990000 3 7.00 (0.276) 150 1874710000 1875030000 4 10.50 (0.413) 150 1874730000 1875050000 5 14.00 (0.551) 150 1874740000 1875070000 6 17.50 (0.689) 150 1874810000 1875080000 7 21.00 (0.827) 150 1874840000 1875100000 8 24.50 (0.965) 150 1874890000 1875110000 9 28.00 (1.102) 150 1874900000 1875120000 10 31.50 (1.240) 150 1874930000 1875130000 11 35.00 (1.378) 150 1874940000 1875140000 12 38.50 (1.516) 150 1874970000 1875160000 pitch 3.81 mm pins l1 mm (inch) vpe ord no. ord. no. 2 3.81 (0.150) 150 1875170000 1875920000 3 7.62 (0.300) 150 1875230000 1875930000 4 11.43 (0.450) 150 1875240000 1875940000 5 15.24 (0.600) 150 1875250000 1875950000 6 19.05 (0.750) 150 1875260000 1875960000 7 22.86 (0.900) 150 1875270000 1875970000 8 26.67 (1.050) 150 1875280000 1875980000 9 30.48 (1.200) 150 1875290000 1875990000 10 34.29 (1.350) 150 1875300000 1876000000 11 38.10 (1.500) 150 1875310000 1876010000 soldering post length 1.5 mm 3.5 mm colour black black soldering post length 1.5 mm 3.5 mm colour black black
soldering post length 1.5 mm 3.5 mm colour black black 3 spring connection lsf-smt 3.5/180 lsf-smt 3.81/180 l1+4.2 l1+0.165" 14.3 0.563" 8.5 0.335" 0.9 0.037" d l1 p 5.5 0.215" ordering data pitch 3.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.50 (0.138) 100 1870640000 1825640000 3 7.00 (0.276) 100 1870650000 1825650000 4 10.50 (0.413) 100 1870660000 1825660000 5 14.00 (0.551) 50 1870670000 1825670000 6 17.50 (0.689) 50 1870680000 1825680000 7 21.00 (0.827) 50 1870690000 1825690000 8 24.50 (0,965) 50 1870700000 1825700000 9 28.00 (1.102) 50 1870710000 1825710000 10 31.50 (1.240) 50 1870720000 1825720000 11 35.00 (1.378) 50 1870730000 1825730000 12 38.50 (1.516) 50 1870740000 1825740000 13 42.00 (1.654) 50 1870750000 1870350000 14 45.50 (1.791) 50 1870760000 1870360000 15 49.00 (1.929) 50 1870770000 1870370000 16 52.50 (2.067) 50 1870790000 1870510000 17 56.00 (2.205) 20 1870800000 1870520000 18 59.50 (2.343) 20 1870830000 1870540000 19 63.00 (2.480) 20 1870840000 1870560000 20 66.50 (2.618) 20 1870850000 1870570000 21 70.00 (2.756) 20 1870860000 1870600000 22 73.50 (2.894) 20 1870870000 1870610000 23 77.00 (3.031) 20 1870880000 1870620000 24 80.50 (3.169) 20 1870890000 1870630000 pitch 3.81 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.81 (0.150) 100 1869890000 1825790000 3 7.62 (0.300) 100 1869900000 1825800000 4 11.43 (0.450) 100 1869910000 1825810000 5 15.24 (0.600) 50 1869920000 1825820000 6 19.05 (0.750) 50 1869930000 1825830000 7 22.86 (0.900) 50 1869940000 1825840000 8 26.67 (1.050) 50 1869950000 1825850000 9 30.48 (1.200) 50 1869960000 1825870000 10 34.29 (1.350) 50 1869970000 1825880000 11 38.10 (1.500) 50 1870000000 1825890000 12 41.91 (1.650) 50 1870010000 1825920000 13 45.72 (1.800) 50 1870020000 1870900000 14 49.53 (1.950) 50 1870030000 1870910000 15 53.34 (2.100) 50 1870040000 1870920000 16 57.15 (2.250) 50 1870050000 1870930000 17 60.96 (2.400) 20 1870060000 1870940000 18 64.77 (2.550) 20 1870070000 1870950000 19 68.58 (2.700) 20 1870080000 1870960000 20 72.39 (2.850) 20 1870090000 1870970000 21 76.20 (3.000) 20 1870100000 1870980000 22 80.01 (3.150) 20 1870110000 1870990000 23 83.82 (3.300) 20 1870120000 1871000000 24 87.63 (3.450) 20 1870130000 1871010000 accessories 0 5 10 15 20 25 30 rated current i [a] derating curve 0 10 20 30 40 50 60 70 80 90 100 110 120 130 ambient temperature [ c] lsf-smt 3.5 (3.81) conductor h07v-k1,5 max. number of poles (8 poles) min. number of poles (2 poles) conductor current in accord. with en 60947-7-1 lsf-smt 3.5/180 tape lsf-smt 3.81/180 tape 19.4 28 56 ordering data pitch 3.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.50 (0.138) 100 1874490000 1874510000 3 7.00 (0.276) 100 1874300000 1874520000 4 10.50 (0.413) 100 1874280000 1874540000 5 14.00 (0.551) 100 1874310000 1874560000 6 17.50 (0.689) 100 1874320000 1874590000 7 21.00 (0.827) 100 1874340000 1874600000 8 24.50 (0.965) 100 1874350000 1874610000 9 28.00 (1.102) 100 1874370000 1874620000 10 31.50 (1.240) 100 1874380000 1874640000 11 35.00 (1.378) 100 1874400000 1874660000 12 38.50 (1.516) 100 1874420000 1874680000 pitch 3.81 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 3.81 (0.150) 100 1875320000 1875550000 3 7.62 (0.300) 100 1875330000 1875570000 4 11.43 (0.450) 100 1875340000 1875590000 5 15.24 (0.600) 100 1875350000 1875650000 6 19.05 (0.750) 100 1875360000 1875670000 7 22.86 (0.900) 100 1875370000 1875680000 8 26.67 (1.050) 100 1875380000 1875710000 9 30.48 (1.200) 100 1875390000 1875730000 10 34.29 (1.350) 100 1875400000 1875760000 11 38.10 (1.500) 100 1875410000 1875810000 printed version ksw 2.5 pitch pitch print 3.50 mm 3.81 mm 1- 8 1873620001 1873630000 1-12 -- 1-16 1652260001 1873610000 1-24 * 1652250001 1873600000 soldering post length 1.5 mm 3.5 mm colour black black
spring connection lsf-smt 5.00 lsf-smt 5.08 0.14 ?1.5mm 2 (iec) / 24 ?16 awg (ul) ?250v (iec) / 300v (ul) ?17.5a (iec) / 10a (ul) technical data ratings acc. to iec 664-1 / vde 0110 (4.97) max. clamping area mm 2 0.14?.50 sing. core h05(07) v-u mm 2 0.25?.50 mult. core h07 v-r mm 2 flex. wire cond. h05(07) v-k mm 2 0.25?.50 flex. wire cond. with aeh mm 2 0.25?.50 aeh with plast. collar mm 2 stripping length mm 8.0 + 1.0 rated current at ambient temperature 20? 40? a 17.5 17.5 overvoltage cat. iii iii ii soiling level 3 2 2 rated voltage v 250 320 500 rated surge voltage kv 4.0 4.0 4.0 a ul 1059 rated data - e60693 b c d rated voltage v 300 300 rated current a 12.0 10.0 awg conductor 24-16 r csa c22.2 rated data - lr12400 b c d rated voltage v 300 50* 300 rated current a 12.0 10.0 awg conductor 24-16 material data type of insulation lcp gf combustibility class v-0 base material of the contact cu alloy material of the cont. surface tin-plated notices ? ated currents are based on rated cross section and min. num. of pins aeh without plastic collar acc. to din 46228/1 the data listed under csa refer to a cul-permit - e60693 ?r illed hole dia. d = 1.1 + 0.1mm ? rawing legend p = pitch * factory wiring lsf-smt 5.00/90 lsf-smt 5.08/90 l1 + l1 + 4.2 0.165" 8.5 0.335" 14.3 0.563" 3 0.119" d l1 p 7 0.276" ordering data pitch 5.00 mm pins l1 mm (inch) vpe ord no. ord no. 2 5.00 (0.197) 100 1869600000 1824740000 3 10.00 (0.394) 100 1869610000 1824750000 4 15.00 (0.591) 100 1869620000 1824760000 5 20.00 (0.787) 50 1869630000 1824770000 6 25.00 (0.984) 50 1869640000 1824780000 7 30.00 (1.181) 50 1869650000 1824790000 8 35.00 (1.378) 50 1869660000 1824800000 pitch 5.08 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.08 (0.200) 100 1869670000 1824810000 3 10.16 (0.400) 100 1869680000 1824820000 4 15.24 (0.600) 100 1869690000 1824830000 5 20.32 (0.800) 50 1869700000 1824840000 6 25.40 (1.000) 50 1869710000 1824850000 7 30.48 (1.200) 50 1869720000 1824860000 8 35.56 (1.400) 50 1869730000 1824870000 4 lsf-smt 5.00/90 tape lsf-smt 5.08/90 tape 24 56 12.9 ordering data pitch 5.00 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.00 (0.197) 150 1876240000 1876430000 3 10.00 (0.394) 150 1876260000 1876510000 4 15.00 (0.591) 150 1876270000 1876530000 5 20.00 (0.787) 150 1876280000 1876550000 6 25.00 (0.984) 150 1876300000 1876560000 7 30.00 (1.181) 150 1876330000 1876540000 8 35.00 (1.378) 150 1876350000 1876520000 pitch 5.08 mm pins l1 mm (inch) vpe ord no. ord no. 2 5.08 (0.200) 150 1876480000 1876470000 3 10.16 (0.400) 150 1876440000 1876420000 4 15.24 (0.600) 150 1878520000 1876310000 5 20.32 (0.800) 150 1876150000 1876190000 6 25.40 (1.000) 150 1875720000 1876120000 7 30.48 (1.200) 150 1875520000 1875690000 8 35.56 (1.400) 150 1869730000 1875510000 soldering post length 1.5 mm 3.5 mm colour black black soldering post length 1.5 mm 3.5 mm colour black black
lsf-smt 5.00/180 lsf-smt 5.08/180 l1+4.2 l1+0.165" 14.3 0.563" 8.5 0.335" 0.9 0.035" l1 p 5.5 0.215" d ordering data pitch 5.00 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.00 (0.197) 100 1870140000 1825960000 3 10.00 (0.394) 100 1870150000 1825970000 4 15.00 (0.591) 100 1870160000 1825980000 5 20.00 (0.787) 50 1870170000 1825990000 6 25.00 (0.984) 50 1870180000 1826000000 7 30.00 (1.181) 50 1870190000 1826010000 8 35.00 (1.378) 50 1870200000 1826020000 pitch 5.08 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.08 (0.200) 100 1870210000 1826040000 3 10.16 (0.400) 100 1870220000 1826060000 4 15.24 (0.600) 100 1870230000 1826070000 5 20.32 (0.800) 50 1870240000 1826080000 6 25.40 (1.000) 50 1870250000 1826100000 7 30.48 (1.200) 50 1870260000 1826110000 8 35.56 (1.400) 50 1870270000 1826120000 spring connection accessories 5 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 ambient temperature t [ c] rated current i [a] min. number of poles (2 poles) max. number of poles (8 poles) 010203040 50 60 70 80 90 100 110 120 130 lsf-smt 5.00 (5.08) conductor h07v-k1,5 derating curve conductor current in accord. with en 60947-7-1 printed version ksw 2.5 pitch pitch print 5.00 mm 5.08 mm 1- 8 1700660001 1630100001 1-12 -- 1-16 1630070001 1713970001 1-24 * 1713980001 1713990001 lsf-smt 5.00/180 tape lsf-smt 5.08/180 tape 19.4 28 56 ordering data pitch 5.00 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.00 (0.197) 100 1876020000 1876110000 3 10.00 (0.394) 100 1876030000 1876130000 4 15.00 (0.591) 100 1876050000 1876140000 5 20.00 (0.787) 100 1876060000 1876160000 6 25.00 (0.984) 100 1876070000 1876200000 7 30.00 (1.181) 100 1876080000 1876220000 8 35.00 (1.378) 100 1876090000 1876230000 pitch 5.08 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 5.08 (0.200) 100 1876500000 1876490000 3 10.16 (0.400) 100 1876460000 1876450000 4 15.24 (0.600) 100 1876410000 1876360000 5 20.32 (0.800) 100 1876290000 1876250000 6 25.40 (1.000) 100 1876180000 1876170000 7 30.48 (1.200) 100 1876100000 1875750000 8 35.56 (1.400) 100 1875610000 1875580000 soldering post length 1.5 mm 3.5 mm colour black black soldering post length 1.5 mm 3.5 mm colour black black
6 spring connection lsf-smt 7.50 lsf-smt 7.62 0.14 ?1.5mm 2 (iec) / 24 ?16 awg (ul) ?500v (iec) / 300v (ul) ?17.5a (iec) / 10a (ul) technical data rating acc. to iec 664-1 / vde 0110 (4.97) max. clamping area mm 2 0.14?.50 sing. core h05(07) v-u mm 2 0.25?.50 mult. core h07 v-r mm 2 flex. wire cond. h05(07) v-k mm 2 0.25?.50 flex. wire cond. with aeh mm 2 0.25?.50 aeh with plast. collar mm 2 stripping length mm 8.0 + 1.0 rated current at ambient temperature 20? 40? a 17.5 17.5 overvoltage cat. iii iii ii soiling level 3 2 2 rated voltage v 500 630 800 rated surge voltage kv 6.0 6.0 6.0 a ul 1059 rated data - e60693 b c d rated voltage v 300 150 300 rated current a 12.0 12.0 10.0 awg conductor 24-16 r csa c22.2 rated data - lr12400 b c d rated voltage v 300 150 300 rated current a 12.0 12.0 10.0 awg conductor 24-16 material data type of insulation lcp gf combustibility class v-0 base material of the contact cu alloy material of the cont. surface tin-plated notices ? ated currents are based on rated cross section and min. num. of pins aeh without plastic collar acc. to din 46228/1 the data listed under csa refer to a cul-permit - e60693 ?r illed hole dia. d = 1.1 + 0.1mm ? rawing legend p = pitch lsf-smt 7.50/90 lsf-smt 7.62/90 8.5 0.335" l1+4.2 l1+0.165" 14.3 0.563" 3 0.119" d 7 0.276" p l1 ordering data soldering post length 1.5 mm 3.5 mm colour black black pitch 7.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.50 (0.295) 100 1869740000 1824880000 3 15.00 (0.591) 100 1869750000 1824890000 4 22.50 (0.886) 100 1869760000 1824900000 5 30.00 (1.181) 50 1869770000 1824910000 6 37.50 (1.476) 50 1869780000 1824920000 7 45.00 (1.772) 50 1869790000 1824930000 8 52.50 (2.067) 50 1869800000 1824940000 pitch 7>.62 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.62 (0.300) 100 1869260000 1824950000 3 15.24 (0.600) 100 1869270000 1824960000 4 22.86 (0.900) 100 1869280000 1824970000 5 30.48 (1.200) 50 1869290000 1824980000 6 38.10 (1.500) 50 1869300000 1824990000 7 45.72 (1.800) 50 1869310000 1825000000 8 53.34 (2.100) 50 1869320000 1825010000 lsf-smt 7.50/90 tape lsf-smt 7.62/90 tape 24 56 12.9 ordering data soldering post length 1.5 mm 3.5 mm colour black black pitch 7.50 mm pins l1 mm (inch) vpe ord no. ord no. 2 7.50 (0.295) 150 1875480000 1875470000 3 15.00 (0.591) 150 1875440000 1875430000 4 22.50 (0.886) 150 1875040000 1875020000 5 30.00 (1.181) 150 1874980000 1874960000 6 37.50 (1.476) 150 1874910000 1874880000 pitch 7.62 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.62 (0.300) 150 1874700000 1874670000 3 15.24 (0.600) 150 1874570000 1874550000 4 22.86 (0.900) 150 1874480000 1874470000 5 30.48 (1.200) 150 1874430000 1874410000 6 38.10 (1.500) 150 1874330000 1874290000
7 lsf-smt 7.50/180 lsf-smt 7.62/180 14.3 0.563" l1+4.2 l1+0.165" 0.9 0.035" 8.5 0.335" d 5.5 0.215" p l1 ordering data pitch 7.50 mm pins l1 mm (inch) vpe ord no. ord. no. 2 7.50 (0.295) 100 1870280000 1826130000 3 15.00 (0.591) 100 1870290000 1826140000 4 22.50 (0.886) 100 1870300000 1826150000 5 30.00 (1.181) 50 1870310000 1826160000 6 37.50 (1.476) 50 1870320000 1826170000 7 45.00 (1.772) 50 1870330000 1826180000 8 52.50 (2.067) 50 1870340000 1826190000 pitch 7.62 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.62 (0.300) 100 1869810000 1826210000 3 15.24 (0.600) 100 1869830000 1826220000 4 22.86 (0.900) 100 1869840000 1826230000 5 30.48 (1.200) 50 1869850000 1826240000 6 38.10 (1.500) 50 1869860000 1826250000 7 45.72 (1.800) 50 1869870000 1826260000 8 53.34 (2.100) 50 1869880000 1826270000 spring connection accessories printed version ksw 2.5 pitch pitch print 7.50 mm 7.62 mm 1- 8 1873650000 1873640000 lsf-smt 7.50/180 tape lsf-smt 7.62/180 tape 19.4 28 56 ordering data pitch 7.50 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.50 (0.295) 100 1875500000 1875490000 3 15.00 (0.591) 100 1875460000 1875450000 4 22.50 (0.886) 100 1875090000 1875060000 5 30.00 (1.181) 100 1875010000 1875000000 6 37.50 (1.476) 100 1874950000 1874920000 pitch 7.62 mm pins l1 mm (inch) vpe ord. no. ord. no. 2 7.62 (0.300) 100 1874870000 1874750000 3 15.24 (0.600) 100 1874650000 1874630000 4 22.86 (0.900) 100 1874530000 1874500000 5 30.48 (1.200) 100 1874450000 1874460000 6 38.10 (1.500) 100 1874390000 1874360000 soldering post length 1.5 mm 3.5 mm colour black black soldering post length 1.5 mm 3.5 mm colour black black 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 ambient temperature t [ c] rated current i [a] min. number of poles (2 poles) max. number of poles (8 poles) 010203040 50 60 70 80 90 100 110 120 130 lsf-smt 7.50 (7.62) conductor h07v-k1,5 derating curve conductor current in accord. with en 60947-7-1
we reserve the right to make technical changes ?printed in germany ?5640250000 ?04/2004 ?dmmd contact safety ?a stainless steel spring ensures that the necessary contact force is permanently present between the conductor and the conductor rail. relatively high conductor extraction force in comparison to leaf- spring terminals ?the copper conductor rails with tin alloy provide an excellent ? to the conductor. this ensures a very low voltage drop. ?two soldering posts ensure a reliable and stable connection to the pcb. safe operation ?spring travel restricted by means of a spring limit stop (protection of the com- pression spring). ?clear arrangement of the cable infeed socket; misconnection is prevented. simple operation the direct-connection technology reduces the wiring times considerably for single- core conductors and ?xible-wire conduc- tors with end ferrules. ?no additional tool necessary ?easy operation in tight installation situati- ons ?top connection for conductor and actuation future-oriented: ?rohs-compatible, halogen-free, lead- free and suitable for lead-free soldering ?100% smt-process compatible thanks to the modern, lcp high-tempe- rature insulating material, all requirements for existing (in particular, lead-free) solde- ring processes are ful?led ?regardless of whether using manual-, selective-, wave- or re?w-soldering (provided it is vapour phase or convection). the compact design and the packaging suitable for automatic machines (tape-on- r eel) make possible full-integration into existing smt lines and thus contribute to additional cost savings in the manufactu- ring of electronic assemblies. "push in" direct-connection terminal connector system 8 lead-free soldering packaging


▲Up To Search▲   

 
Price & Availability of 1824700000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X