Part Number Hot Search : 
BGB540 MRF6P 2100A Y7C63 MKW3042 1N5238B 1N5985 KM684002
Product Description
Full Text Search
 

To Download 015-91-3580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/30/2010 please check www.molex.com for latest part information part number: 0015913580 status: active description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, 58 circuits, 0.76m (30") gold (au) selective plating, without pcb locator pegs documents: 3d model product specification ps-71308 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 71308 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 58 circuits (maximum) 58 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator no pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 30 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71308 series
lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-71308, rps-71308-001 sales drawing sd-71308-001 this document was generated on 03/30/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 015-91-3580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X