Part Number Hot Search : 
10500 HN1D03F SK163 TIP34B KPC3022 DB302 DB302 MAX6965
Product Description
Full Text Search
 

To Download T201SH9ABE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  our easy build-a-switch concept allows you to mix and match options to create the switch you need. below is a complete listing of options shown in catalog. to order, simply select desired option from each category and place in the appropriate box. switch es with standard options are shown on pages a-40 and a-41. available options are shown and described on pages a-41 thru a-45. for additional options not shown in catalog, consult customer service center. all models have epoxy terminal seal and are compatible with all abottom-washo pcb cleaning methods. build-a-switch features /benefits typical applications  compact size e small footprint  single and double pole models  pc and panel mount options available  hand-held telecommunications  instrumentation  medical equipment models available typical example: t101 s h z q e switch function t101 (std.) spdt on-none-on t103 (std.) spdt on-off-on t105 (std.) spdt mom.-off-mom. t201 (std.) dpdt on-none-on t102 spst off-none-on t107 spdt on-off-mom. t108 spdt on-none-mom. t203 dpdt on-off-on t205 dpdt mom.-off-mom. t207 dpdt on-off-mom. t208 dpdt on-none-mom. t211 dpdt on-on-on actuator m (std.) .210  high p3 (std.) flatted, anti-rotation, .450  high s (std.) .370  high k locking lever k1 locking lever l .290  high l1 .620  high m1 .220  high s1 .410  high terminations a (std.) right angle, pc thru-hole av (std.) vertical right angle, pc thru-hole c (std.) pc thru-hole v3 (std.) vertical mount v-bracket z (std.) solder lug w wire wrap contact material b (std.) gold q (std.) silver k gold m silver g gold over silver l gold over silver bushing h (std.) .220  high, threaded, flat h9 (std.) .220  high, unthreaded, flat cf splashproof, .310  high, threaded, flat d9 .260  high, unthreaded, keyway k9 .310  high, unthreaded, keyway t .310  high, threaded, flat t9 .310  high, unthreaded, flat td .260  high, threaded, keyway tk .310  high, threaded, keyway y .220  high, threaded, keyway y9 .220  high, unthreaded, keyway locking lever actuator finish none (std.) natural aluminum 2 black 3 red 7 blue seal e (std.) epoxy subminiature toggle switches t series toggle a a-39 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 specifications contact rating: b contact material: 0.4 va max. @ 20 v ac or dc max. q contact material (tx01 models): 3 amps @ 120 v ac or 28 v dc. all other models: 2 amps @ 120 v ac or 28 v dc. see page a-45 for additional ratings. electrical life: tx01 models: 60,000 make-and-break cycles at full load. all other models: 30,000 cycles. contact resistance: below 20 milliohms typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 ohms min. dielectric strength: 1000 v rms min. @ sea level. operating temperature: 30  c to 85  c. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials case: glass filled nylon 6/6, flame retardant, heat stabilized or diallyl phthalate (dap), (ul 94v-0). actuator: brass, chrome plated. bushing: brass, nickel plated. housing: stainless steel. switch support: brass, tin plated. end contacts: b contact material: copper alloy, with gold plate over nickel plate. q contact material: coin silver, silver plated. see page a-45 for additional contact materials. center contacts & terminals: b contact material: copper alloy, with gold plate over nickel plate. q contact material: copper alloy, silver plated. see page a-45 for additional contact materials. terminal seal: epoxy. hardware: nut & locking ring: brass, nickel plated. lockwasher: steel, nickel plated. rev. a 8/99
switches with standard options mom. = momentary t101mh9abe spdt horizontal actuation note : for pc mounting information, see page a-43. t102 models: omit terminal 2 t101shzqe t201shzqe spdt dpdt note : for pc termination, replace `z' with `c'. for panel mounting information, see page a-42. for pc mounting information, see page a-43. note : for pc termination, replace `z' with `c'. for panel mounting information, see page a-42. for pc mounting information, see page a-43. dpdt t201mh9abe horizontal actuation note : for pc mounting information, see page a-43. subminiature toggle switches t series toggle a a-40 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 pos. 1 pos. 2 pos. 3 part number no. poles ??? ??? t101shzqe spdt on none on pos. 1 pos. 2 pos. 3 part number no. poles ??? ??? t201shzqe dpdt on none on pos. 1 pos. 2 pos. 3 part number no. poles ?? ?? t101mh9abe t103mh9abe t105mh9abe t107mh9abe t108mh9abe spdt on on mom. on on none off off off none on on mom. mom. mom. pos. 1 pos. 2 pos. 3 part number no. poles ?? ?? t201mh9abe dpdt on none on rev. a 8/99
s 1 standard with z, c or w terminations. (std.) .370  high switch with standard options switch function all models with all options when ordered with g, l, m or q contact material. * wiring for 3-way switch, see page l-29. mom. = momentary t101mh9avbe vertical actuation spdt note : for pc mounting information, see page a-44. actuator actuator actuator finish m l s1 1 1 2 standard with a, av or v3 terminations. (std.) .210  high .290  high .410  high l1 (std.) anti-rotation, flatted, .450  high p3 m1 2 2 .220  high .620  high available with t & t9 bushings only. 1 actuator shown with standard h bushing. subtract .040 (1,02) for td and d9 bushings, subtract .090 (2,29) for t, t9, tk, k9 & cf bushings. 2 actuators shown with t, tk & cf bushings, add .050 (1,27) for td and d9 bushings, add .090 (2,29) for h, h9, y & y9 bushings. note : dress nut part number 709901201 supplied standard with threaded bushing. all actuators have chrome finish (except k & k1). no finish selection required. subminiature toggle switches t series toggle a a-41 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 pos. 1 pos. 2 pos. 3 part number no. poles ??? t101mh9avbe spdt on none on switch function connected terminals pos. 1 pos. 2 pos. 3 pos. 1 pos. 2 pos. 3 no. poles model no. ???? ???? schematic t101 (std.) on none on t103 (std.) on off on t105 (std.) mom. off mom. 2-3 open 2-1 sp t107 on off mom. t108 on none mom. spdt t102 off none on open n/a 3-1 spst t201 (std.) on none on t203 on off on dp t205 mom. off mom. 2-3,5-6 open 2-1,5-4 dp t207 on off mom. t208 on none mom. t211 * on on on 2-3,5-6 2-3,5-4 2-1,5-4 dpdt rev. a 8/99
locking lever k locking lever k1 note : keyway on right side. to prevent accidental actuation, toggles must be lifted before being actuated. when released, toggles again lock in place. overtightening mounting nut may cause actuator to bind. bushing option code not required. not available with tx05 & tx07 models. locking positions 01 & 02 models 2 position lock 03 & 11 models 3 position lock 08 models 1 position lock not available with cf bushing option. actuator actuator actuator finish bushing h h9 (std.) .220  high unthreaded, flat t t9 .310  high unthreaded, flat y y9 .220  high unthreaded, keyway h standard with c, w & z terminations. h9 standard with a, av & v3 terminations. (std.) .220  high threaded, flat .220  high threaded, keyway .310  high threaded, flat cf splashproof, .310  high threaded, flat td d9 .260  high unthreaded, keyway tk k9 .310  high unthreaded, keyway ip67 degree of protection. internal o-ring actuator seal and external bushing seal washer standard. not available with k locking lever option. .310  high threaded, keyway .260  high threaded, keyway panel mounting 10 - 48 bushing without locking ring with standard locking ring 1/4 in. bushing without locking ring with standard locking ring with small locking ring with standard locking ring without locking ring subminiature toggle switches t series toggle a a-42 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 option code k & k1 actuator cap finish none (std.) natural al. 2 black anodized al. 3 red anodized al. 7 blue anodized al. rev. a 8/99
dpdt t101mh9abe spdt t201mh9abe horizontal actuation horizontal actuation terminations c sp dp pc mounting t102 omit center hole. z (std.) solder lug sp dp not available with k, l or m contact materials. sp dp w wire wrap a actuator shown in pos. 1 pc mounting a pc mounting not available with t102 model. actuator shown in pos. 1 (std.) pc thru-hole (std.) right angle, pc thru-hole (std.) right angle, pc thru-hole subminiature toggle switches t series toggle a a-43 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 rev. a 8/99
pc mounting av t101mh9avbe spdt note : terminal bend radii and lead-in manufacturing option. t102 models: omit terminal 2 actuator shown in pos. 1 pc mounting av t201mh9avbe dpdt note : terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 pc mounting t101mh9v3be spdt t102 models: omit terminal 2 t102 models: omit center hole. actuator shown in pos. 1 v3 terminations (std.) vertical right angle, pc thru-hole (std.) vertical right angle, pc thru-hole (std.) vertical mount, v-bracket vertical actuation vertical actuation subminiature toggle switches t series toggle a a-44 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 rev. a 8/99
contact material all models with all options when ordered with g, l, m or q contact material. contact material / application recommendations see chart, page l-31. 1 contacts & terminals: copper alloy, with gold plate over nickel plate. 2 end contacts: coin silver, with gold plate over nickel plate. 3 center contacts & all terminals: copper alloy, with gold plate over nickel plate. 4 end contacts: coin silver, silver plated. 5 center contact & all terminals: copper alloy, silver plated. 6 terminals: copper alloy, with tin-lead alloy over nickel plate. b contact material standard with a, av, v3 & w terminations. q contact material standard with c & z terminations. seal e (std.) epoxy seal terminations v3 pc mounting t201mh9v3be dpdt actuator shown in pos. 1 (std.) vertical mount, v-bracket subminiature toggle switches t series toggle a a-45 c&k components, inc. web site : www.ckcorp.com americas sales tel: 800-635-5936 fax: 617-926-6846 europe sales tel: +44-1536-521147 fax: +44-1536-411602  asia sales tel: +852-2798-6393 fax: +852-2751-9926 option code contact material terminal plating ratings b (std.) gold 1 gold 1 low level / dry circuit 04vamax @20vacordcmax k gold 1 tin-lead 6 low level / dry circuit 0.4 va max. @ 20 v ac or dc max. q (std.) silver 45 silver 5 power tx01 models: 3 amps @ 120 v ac or 28 v dc. m silver 4,5 tin-lead 6 power tx01 models : 3 amps @ 120 v ac or 28 v dc . all other models: 2 amps @ 120 v ac or 28 v dc. g gold over silver 23 gold 3 low level / dry circuit or power tx01 models: 0.4 va max @ 20 v ac or dc max. or 3 amps @ 120 v ac or 28 v dc. l gold over silver 2,3 tin-lead 6 low level / dry circuit or power 3 amps @ 120 v ac or 28 v dc . all other models: 0.4 va max. @ 20 v ac or dc max. or 2 amps @ 120 v ac or 28 v dc. rev. a 8/99


▲Up To Search▲   

 
Price & Availability of T201SH9ABE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X