Part Number Hot Search : 
SP516 157010 1N1302 MY300X 1A105 N4754 MK325 TC660
Product Description
Full Text Search
 

To Download SRR1260-390M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % typ. frequency typ. max. max. typ. (mhz) (mhz) (m ? ) (a) (a) srr1260-1r0y 1.0 30 26 7.96 100.00 7.8 9.40 10.00 srr1260-1r2y 1.2 30 18 7.96 91.10 8.0 9.20 9.80 srr1260-1r5y 1.5 30 24 7.96 86.00 9.5 8.80 9.90 srr1260-2r2y 2.2 30 22 7.96 70.00 10.5 8.20 8.50 srr1260-2r4y 2.4 30 18 7.96 63.80 11.5 7.80 8.00 srr1260-3r3y 3.3 30 20 7.96 40.00 12.0 7.60 7.80 srr1260-3r5y 3.5 30 22 7.96 37.60 13.0 7.50 7.60 srr1260-4r7y 4.7 30 19 7.96 36.70 15.5 6.80 7.00 srr1260-5r6y 5.6 30 19 7.96 33.00 16.2 6.70 6.90 srr1260-6r1y 6.1 30 21 7.96 29.80 17.0 6.60 6.80 srr1260-6r8y 6.8 30 20 7.96 28.20 18.0 6.30 6.50 srr1260-7r6y 7.6 30 16 7.96 27.90 19.0 6.00 6.20 srr1260-8r2y 8.2 30 18 7.96 24.00 19.5 5.70 5.80 srr1260-100m 10.0 20 32 2.52 21.00 20.0 5.50 5.50 srr1260-120m 12.0 20 27 2.52 19.40 23.0 5.20 5.00 srr1260-150m 15.0 20 25 2.52 17.60 27.0 5.00 4.60 srr1260-180m 18.0 20 28 2.52 15.50 36.0 4.20 3.90 srr1260-220m 22.0 20 29 2.52 13.40 43.0 4.00 3.70 srr1260-270m 27.0 20 26 2.52 12.70 45.0 3.60 3.30 srr1260-330m 33.0 20 27 2.52 9.97 60.0 3.00 2.80 SRR1260-390M 39.0 20 22 2.52 10.40 70.0 2.80 2.70 srr1260-470m 47.0 20 22 2.52 7.63 86.0 2.60 2.50 srr1260-560m 56.0 20 24 2.52 7.92 100.0 2.30 2.20 srr1260-680m 68.0 20 22 2.52 7.43 110.0 2.10 2.10 srr1260-820m 82.0 20 25 2.52 6.85 145.0 1.95 1.90 srr1260-101m 100.0 20 26 0.796 6.07 180.0 1.70 1.70 srr1260-121k 120.0 10 26 0.796 5.50 210.0 1.65 1.65 srr1260-151k 150.0 10 20 0.796 5.00 260.0 1.55 1.55 srr1260-181k 180.0 10 26 0.796 4.50 320.0 1.40 1.40 srr1260-221k 220.0 10 22 0.796 4.20 380.0 1.38 1.30 srr1260-271k 270.0 10 20 0.796 3.60 450.0 1.30 1.20 srr1260-331k 330.0 10 22 0.796 3.20 580.0 1.15 1.10 srr1260-391k 390.0 10 20 0.796 2.80 700.0 1.08 1.00 srr1260-471k 470.0 10 18 0.796 2.60 820.0 0.95 0.90 srr1260-561k 560.0 10 22 0.796 2.40 1000.0 0.88 0.80 srr1260-681k 680.0 10 18 0.796 2.20 1150.0 0.80 0.75 srr1260-821k 820.0 10 20 0.796 2.00 1500.0 0.73 0.63 srr1260-102k 1000.0 10 30 0.252 1.80 1700.0 0.68 0.60 srr1260 series - shielded smd power inductors features available in e12 values inductance as low as 1.0 h current rating to 9.4 amps lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications 470 product dimensions recommended layout 100 12.5 0.3 (.492 .012) 12.5 0.3 (.492 .012) 6.0 0.5 (.236 .020) 5.0 0.3 (.197 .012) 7.0 (.276) typ. general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ............................ferrite dr and ri wire .............enameled copper wire 130 terminal.....................................cu/ni/sn rated current ....................ind. drop 25 % typ. at isat temperature rise ..................40 ? max. at rated irms packaging ....................600 pcs. per reel electrical schematic dimensions: mm (inches) 2.9 (.114) ref. 2.9 (.114) ref. 5.4 (.213) ref. 6.8 (.268) ref. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr1260 series - shielded smd power inductors rev. 01/07 26 (1.024) 30.4 (1.197) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4 (.157) 16.0 (.63) 5.3 (.209) 24 (.945) end 100 100 100 qty: 600 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRR1260-390M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X