Part Number Hot Search : 
20020 BRF1045 HC08D 120FC 1SMB60A TDA5142T 25ETT LF501RU
Product Description
Full Text Search
 

To Download SCS120P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SCS120P thru voltage 20v ~ 100v 1.0amp schottky barrier rectifiers scs1100p maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. fea tures mechanical da t a case: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std-202, method 208 guaranteed polarity: color band denotes cathode end mounting position: any high current capability extremely low thermal resistance for surface mount application low forward voltage . . . . . p ackag e dimensions sod 123 plastic p ackage a b e c j d h g dim min max min max millmeters a 3.55 3.85 0.140 0.152 b c d e g h j inches ------ 1.35 ------ 0.053 1.40 1.80 0.550 0.071 2.55 2.85 0.100 0.112 0.30 0.78 0.120 0.031 0.15 ------ 0.006 ------- ----- 0.25 ------- 0.001 ----- 0.15 ------- 0.006 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. units type number maximum recurrent peak reverse voltage SCS120P scs1100p scs180p scs160p scs140p scs130p 20 100 100 80 80 60 60 40 40 30 30 v working peak reverse voltage maximum dc blocking voltag 100 80 60 40 30 v average forward current (i @ t =90 c) reak forward current (i @ 8.3ms half sine) maximum instantaneous forward voltage (v @i = 1.0a , t = 25 c) maximum dc reverse current at rated dc blocking voltage (i @ t = 25 c) typical junction capacitance (c ) 1.0 20 0.83 0.66 0.52 0.1 30 a a v ma pf f(av) fsm j f fm a j r j operating temperature range t j storage temperature range t stg -5 0 +150 -65 +175 c c 20 20 0.45 higher temp soldering : 250 c for 10 seconds at terminals marking code SCS120P br or x2 scs130p bu or x3 scs140p bm or x4 scs160p xg scs1 8 0p xk scs1100p xh rohs product for packing code suffix "g" halogen free product for packing code suffix "h" weight:0.0102g (i @ t = 125 c) j r 5.0
rating and characteristic curves (SCS120P thru scs1100p) average forward rectified current - amperesversus ambient temperature - c 0 .2 .4 .6 c 150 .8 1.0 1.2 1 100 4 0 10 20 30 8 peak forward surge current - amperes versus number of cycles at 60hz - cycles amps 2 10 20 60 80 40 40 50 4 6 2 0 1 0 . 0 1 . 0 2 . 0 4 . 0 6 . 1 . 2 . 4 . 6 1 2 i n s t a n t a n e o u s f o r w a r d c u r r e n t - a m p e r e s v e r s u s i n s t a n t a n e o u s f o r w a r d v o l t a g e - v o l t s a m p s v o l t s f i g . 1 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s 0 . 4 .6 .8 1.0 1.2 1.4 s c s 1 8 0 p - 1 1 0 0 p s c s 1 6 0 p s c s 1 3 0 p - 1 4 0 p s c s 1 2 0 p a m p s single phase, half wave 60hz resistive or inductive load 0 50 75 100 125 175 fig.4-peak forwaed surge current fig.3 -forward derating curve SCS120P thru voltage 20v ~ 100v 1.0amp schottky barrier rectifiers scs1100p c t = v o l t s j 1 2 6 1 0 2 0 6 0 4 0 4 p f . 1 2 4 1 1 0 2 0 4 0 1 0 0 2 0 0 4 0 0 1 0 0 0 25 fig.2-junction capacitance


▲Up To Search▲   

 
Price & Availability of SCS120P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X