elektronische bauelemente SBR40150R voltage 150 v 40.0 amp schottky barrier rectifiers 14-dec-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? ? ? ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? low reverse current ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solder able per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 1.93 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 150 v working peak reverse voltage v rsm 150 v maximum dc blocking voltage v dc 150 v per leg 20 maximum average forward rectified current per device i f 40 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 300 a i f =20a, t a =25 c, per leg 0.86 maximum instantaneous forward voltage i f =20a, t a =100 c, per leg v f 0.73 v t a =25 c 0.1 maximum dc reverse current at rated dc blocking voltage 3 t a =100 c i r 2 ma typical junction capacitance 1 c j 370 pf typical thermal resistance 2 r jc 2 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~175 c storage temperature range t stg t stg -65~150 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300 s pulse width, 1% duty cycle. millimete r millimete r ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h3.5 4.5 to-220 dimensions in millimeters a m p j k l l g f b n d e o c h
elektronische bauelemente SBR40150R voltage 150 v 40.0 amp schottky barrier rectifiers 14-dec-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves
|