Part Number Hot Search : 
D70433GD 13008 AC12V MBR054 CA1JM221 AT54C 1N4475C WCS2750
Product Description
Full Text Search
 

To Download SBR40100RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBR40100RF voltage 100 v 40.0 amp schottky barrier rectifiers 23-nov-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. 1 2 3 ito-220 dimensions in millimeters a m j k l l g f b n d e c h rohs compliant product a suffix of ?-c? specifies halogen free features z low forward voltage drop z high current capability z high reliability z high surge current capability z epitaxial construction mechanical data z case: molded plastic z epoxy: ul94v-0 rate flame retardant z lead: lead solderable per mil-std-202 method 208 guaranteed z polarity: as marked z mounting position: any z weight: 1.98 grams (approximate) maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. type number symbol SBR40100RF units maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current per leg per device i f 20 40 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 280 a maximum instantaneous forward voltage (note 3) i f = 20 a, t a = 25 c, per leg i f = 20 a, t a = 125 c, per leg v f 0.87 0.70 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 0.3 20 ma typical junction capacitance (note 1) c j 380 pf typical thermal resistance (note 2) r jc 4.5 c /w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50 ~ +150 c storage temperature range t stg t stg -65 ~ +150 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case 3. pulse test: 300us pulse width, 1% duty cycle. millimete r millimete r ref. min. max. ref. min. max. a 15.00 15.60 h 3.00 3.80 b 9.50 10.50 j 0.90 1.50 c 13.00 min k 0.50 0.90 d 4.30 4.70 l 2.34 2.74 e 2.50 3.10 m 2.50 2.90 f 2.40 2.80 n 3.1 3.4 g 0.30 0.70
elektronische bauelemente SBR40100RF voltage 100 v 40.0 amp schottky barrier rectifiers 23-nov-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves t c , c a s e t e m p e r a t u r e ( j ) a v e r a g e f o r w a r d c u r r e n t ( a ) ; p e r l e g t y p i c a l f o r w a r d c u r r e n t d e r a t i n g c u r v e 0 1 0 2 0 3 0 2 0 5 0 1 0 0 1 5 0 1 9 0 m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a d s u r g e c u r r e n t ( a ) 0 6 0 1 2 0 1 8 0 2 4 0 3 0 0 0 1 0 1 0 0 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d t j = 2 5 j j u n c t i o n c a p a c i t a n c e ( p f ) r e v i s e v o l t a g e ( % ) t y p i c a l j u n c t i o n c a p a c i t a n c e 0 4 0 0 8 0 0 1 2 0 0 1 6 0 0 0 . 1 1 1 0 1 0 0 0.001 0.01 0.1 1 10 90 30 50 70 110 10 reverse voltage(v) typical reverse characteristic reverse curren t(ma) 25j 50j 100j 75j 125j 0 . 4 0 . 1 1 1 0 1 0 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) ; p e r l e g f o r w a r d v o l t a g e ( v ) t y p i c a l f o r w a r d c h a r a c t e r i s t i c 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 . 0 2 5 j 1 0 0 j 7 5 j 5 0 j 1 2 5 j


▲Up To Search▲   

 
Price & Availability of SBR40100RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X