Part Number Hot Search : 
KB201 SF20CG ADM696AQ 81KZF BD902 28F01 HZC10 SCNAR05F
Product Description
Full Text Search
 

To Download SBR40100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBR40100 voltage 100 v 40.0 amp schottky barrier rectifiers 16-nov-2009 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. pin 1pin 3 pin 2 case b h j l n o a g f c e d k m rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 6.1 grams (approximately) maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductiv e load. for capacitive load, derate current by 20%. type number symbol values units maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current, see fig. 1 per leg per device i f 20 40 a peak forward surge current, 8.3 ms single half sine -wave superimposed on rated load (jedec method) i fsm 250 a maximum instantaneous forward voltage (i f =20 a, t a = 25 c, per leg) maximum instantaneous forward voltage (i f =20 a, t a = 125 c, per leg) v f 0.87 0.70 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 0.05 12 ma typical junction capacitance (note 1) c j 500 pf typical thermal resistance (note 2) r ja 2.0 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j -50 ~ +150 c storage temperature range t stg -65 ~ +175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. to-247 millimeter millimeter ref. min. max. ref. min. max. a 15.38 16.20 h 1.98 ref. b 4.20 5.36 j 0.45 0.85 c 20.63 22.38 k 2.80 3.10 d - 21.50 l - 4.50 e 7.87 8.13 m 2.92 3.23 f 4.32 7.20 n 3.25 ? 3.65 ? g 5.20 5.70 o 30
elektronische bauelemente SBR40100 voltage 100 v 40.0 amp schottky barrier rectifiers 16-nov-2009 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves tc, case temperature ( j ) a verage forward current (a); per leg typical forward current derating curve 0 10 20 30 20 50 100 150 190 junction capacitance (pf) revise voltage (%) t yp ical junction ca p acitance 0 0.1 400 800 1200 1600 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 0 60 120 180 240 8.3ms single half sine wave jedec method tj=25 j 300 10 100 0.4 0.2 2 20 200 i ns t an t aneous f orwar d c urren t (a) forward voltage (v) typical forward characteristic 0.5 0.6 0.7 0.8 0.9 1.0 25j 100j 75j 50j 125j 0.001 0.01 0.1 1 10 90 30 50 70 110 10 reverse voltage(v) typical reverse characteristic reverse curren t(ma) 25j 50j 100j 75j 125j


▲Up To Search▲   

 
Price & Availability of SBR40100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X