Part Number Hot Search : 
BDS28A 15011 ZD30V0 AD7845JR KTA711T B6014 FCT16 20EIB
Product Description
Full Text Search
 

To Download SA39-12YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsah8627 rev no: v.1 date: oct/27/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000424 9.9mm (0.39inch) single digit numeric display part number: SA39-12YWA yellow features z 0.39 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z moisture sensitivity level : level 2. z rohs compliant. description the yellow source color devices are made with gallium arsenide phosphide on galliu m phosphide yellow light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsah8627 rev no: v.1 date: oct/27/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000424 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA39-12YWA yellow (gaasp/gap) white diffused 800 3000 common anode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength yellow 590 nm i f =20ma d [1] dominant wavelength yellow 588 nm i f =20ma ? 1/2 spectral line half-width yellow 35 nm i f =20ma c capacitance yellow 20 pf v f =0v;f=1mhz v f [2] forward voltage yellow 2.1 2.5 v i f =20ma i r reverse current yellow 10 ua v r =5v parameter yellow units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsah8627 rev no: v.1 date: oct/27/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000424 yellow SA39-12YWA
spec no: dsah8627 rev no: v.1 date: oct/27/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: c.wang erp: 1301000424 packing & label specifications SA39-12YWA


▲Up To Search▲   

 
Price & Availability of SA39-12YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X